Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QBHP684UE-IBV Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # QBHP684UE-IBV
Description  3W High Power LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBHP684UE-IBV Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  QBHP684UE-IBV Datasheet HTML 1Page - List of Unclassifed Manufacturers QBHP684UE-IBV Datasheet HTML 2Page - List of Unclassifed Manufacturers QBHP684UE-IBV Datasheet HTML 3Page - List of Unclassifed Manufacturers QBHP684UE-IBV Datasheet HTML 4Page - List of Unclassifed Manufacturers QBHP684UE-IBV Datasheet HTML 5Page - List of Unclassifed Manufacturers QBHP684UE-IBV Datasheet HTML 6Page - List of Unclassifed Manufacturers QBHP684UE-IBV Datasheet HTML 7Page - List of Unclassifed Manufacturers QBHP684UE-IBV Datasheet HTML 8Page - List of Unclassifed Manufacturers QBHP684UE-IBV Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
QBHP684U-XXV series
3W High Power LED
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBHP684U-XXV Series
Date: April 28, 2015
Page 3 of 11
Version# 2.1
Introduction
Feature:
 Package in tape and reel
 3W High Bright LED
 Low thermal resistance < 6°C/W
 Super high flux and luminance
 AlInGaP technology for R and Y
 InGaN technology for IB and IG
 ESD Protection (IB and IG)
 ESD protection up to 8KV
Description:
This 3W high bright high power LED has compact
size of 3.6 x 3.6mm. It is ideal for both in door and
outdoor lighting
Application:
 Architectural and outdoor lighting
 Household appliances
 General lighting
Certification & Compliance:
 TS16949
 ISO9001
 RoHS Compliant
Dimension:
Units: mm / tolerance = +/-0.1mm


Similar Part No. - QBHP684UE-IBV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBHP684UE-IBV ETC-QBHP684UE-IBV Datasheet
844Kb / 10P
   3W High Power LED
More results

Similar Description - QBHP684UE-IBV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
QBHP682-RGBU ETC-QBHP682-RGBU Datasheet
568Kb / 7P
   3W High Power LED
QBHP684UE-IWV-XX ETC-QBHP684UE-IWV-XX Datasheet
923Kb / 13P
   3W High Power LED
QBHP684UE-PCAV ETC-QBHP684UE-PCAV Datasheet
964Kb / 10P
   3W High Power LED
QBHP684U-XXV ETC-QBHP684U-XXV Datasheet
844Kb / 10P
   3W High Power LED
QBHP684UE-PCAV ETC1-QBHP684UE-PCAV Datasheet
980Kb / 10P
   3W High Power LED
QBHP684UE-IWV-WW ETC1-QBHP684UE-IWV-WW Datasheet
938Kb / 13P
   3W High Power LED
logo
Elite Enterprises (H.K....
PG1C-3LWE-SD ELITE-PG1C-3LWE-SD Datasheet
1Mb / 17P
   3W High CRI Power LED
logo
Shanghai Toplite Techno...
A-HR511W-AC15-3W-STAR TOPLITE-A-HR511W-AC15-3W-STAR Datasheet
119Kb / 3P
   FOR 3W HIGH-POWER LED
logo
Elite Enterprises (H.K....
PM2A-3LXX-SD ELITE-PM2A-3LXX-SD Datasheet
598Kb / 20P
   3W Power LED
PG1C-3LXX-SD ELITE-PG1C-3LXX-SD Datasheet
1Mb / 22P
   3W Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com