Electronic Components Datasheet Search |
|
QBHP687-IWH-WW Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers |
|
QBHP687-IWH-WW Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers |
4 / 10 page QBHP687-IWH-XX 0.5W High Power LED --------------------------------------------------------------------------------------------------------------------------------------- Product: QBHP687-IWH-XX Date: November 05, 2013 Page 4 of 10 Version# 2.3 Electrical / Optical Characteristic (T=25 oC) Product Number Color IF(mA) VF(V) CCT (K) Φv(lm) Typ. Max. Min. Typ. Max. Min. Typ. QBHP687-IWH-WW Warm White 150 3.3 3.6 2760 3000 3260 42 44 QBHP687-IWH-NW Natural White 150 3.3 3.6 3640 4000 4240 42 50 QBHP687-IWH-CW Cool White 150 3.3 3.6 5300 6020 7050 42 50 Absolute Maximum Rating Material Pd (mW) IF (mA) IFP (mA)* VR (V) TOP ( oC) TST ( oC) TSOL ( oC)** InGaN 580 180 300 5 -30 to +85 -40 to +100 260 *Duty 1/10 @ 1KHz **IR Reflow for no more than 10 sec @ 260 oC Forward Voltage VF @ IF=150mA Bin Min. Max. Unit H 2.8 3.0 V J 3.0 3.2 K 3.2 3.4 M 3.4 3.6 Luminous Flux Φ v @ IF=150mA Bin Min. Max. Unit L1 42 52 lm L2 52 64 L3 64 80 Note: Tolerance of measurement of forward voltage: ±0.1V Tolerance of measurement of luminous flux: ±10% Correlated Color Temperature (CCT) @ IF=150mA Bin Min. Max. Unit RN 2760 3260 K RL 3640 4240 RM 5300 6020 RR 6020 7050 |
Similar Part No. - QBHP687-IWH-WW |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |