Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1301700024 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1301700024
Description  Aero-Motive Light Industrial Duty BF Balancer with Safety Cable, Weight Range
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

1301700024 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1301700024 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301700024
Status:
Active
Overview:
Aero-Motive® Balancers
Description:
Aero-Motive® Light Industrial Duty BF Balancer with Safety Cable, Weight Range
2.7-4.1kg (6.0-9.0 lb), 2.00m (6.60') Travel
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Tool Supports
Series
130170
Cable Length
2.0m (6.56')
Duty
Light
Overview
Aero-Motive® Balancers
Product Name
Aero-Motive®
Type
Balancers
UPC
78678858852
Woodhead
Yes
Physical
Cable Diameter
2.38mm (.094")
Cable Movement
Zero-Gravity
Drum Lock
Automatic Safety
Material - Housing
ABS
Mounting Style
Hanging
Packaging Type
Carton
Travel Distance
2.0m (6.60')
Weight Range
2.7-4.1kg (6.0-9.0 lb)
Wire/Cable Type
StrandedGalvanized Steel Cable
Material Info
Old Part Number
BF9SC
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
Search Parts in this Series
130170 Series
This document was generated on 09/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 1301700024

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301700021 MOLEX11-1301700021 Datasheet
30Kb / 1P
   Aero-Motive Light Industrial Duty BF Balancer, Weight Range 1.4-2.7kg
1301700022 MOLEX11-1301700022 Datasheet
48Kb / 1P
   Aero-Motive Light Industrial Duty BF Balancer with Safety Cable
1301700023 MOLEX11-1301700023 Datasheet
30Kb / 1P
   Aero-Motive Light Industrial Duty BF Balancer, Weight Range 2.7-4.1kg
1301700025 MOLEX11-1301700025 Datasheet
30Kb / 1P
   Aero-Motive Light Industrial Duty Balancer with Ratchet Lock, Weight Range
1301700027 MOLEX11-1301700027 Datasheet
30Kb / 1P
   Aero-Motive Light Industrial Duty Balancer with Ratchet Lock, Weight Range
More results

Similar Description - 1301700024

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130170-0016 MOLEX11-130170-0016 Datasheet
23Kb / 1P
   Aero-Motive Light Industrial Duty BF Balancer with Safety Cable, Weight Range
1301700018 MOLEX11-1301700018 Datasheet
48Kb / 1P
   Aero-Motive Light Industrial Duty BF Balancer with Safety Cable, Weight Range
130170-0018 MOLEX11-130170-0018 Datasheet
23Kb / 1P
   Aero-Motive Light Industrial Duty BF Balancer with Safety Cable
130170-0022 MOLEX11-130170-0022 Datasheet
23Kb / 1P
   Aero-Motive Light Industrial Duty BF Balancer with Safety Cable
1301700022 MOLEX11-1301700022 Datasheet
48Kb / 1P
   Aero-Motive Light Industrial Duty BF Balancer with Safety Cable
130170-0024 MOLEX11-130170-0024 Datasheet
23Kb / 1P
   Aero-Motive Light Industrial Duty BF Balancer with Safety Cable
1301700017 MOLEX11-1301700017 Datasheet
30Kb / 1P
   Aero-Motive Light Industrial Duty BF Balancer, Weight Range 5.9-8.2kg
1301700015 MOLEX11-1301700015 Datasheet
30Kb / 1P
   Aero-Motive Light Industrial Duty BF Balancer, Weight Range 4.1-5.9kg
1301700023 MOLEX11-1301700023 Datasheet
30Kb / 1P
   Aero-Motive Light Industrial Duty BF Balancer, Weight Range 2.7-4.1kg
1301700021 MOLEX11-1301700021 Datasheet
30Kb / 1P
   Aero-Motive Light Industrial Duty BF Balancer, Weight Range 1.4-2.7kg
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com