Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4474EUA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4474EUA
Description  Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4474EUA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4474EUA Datasheet HTML 6Page - Maxim Integrated Products MAX4474EUA Datasheet HTML 7Page - Maxim Integrated Products MAX4474EUA Datasheet HTML 8Page - Maxim Integrated Products MAX4474EUA Datasheet HTML 9Page - Maxim Integrated Products MAX4474EUA Datasheet HTML 10Page - Maxim Integrated Products MAX4474EUA Datasheet HTML 11Page - Maxim Integrated Products MAX4474EUA Datasheet HTML 12Page - Maxim Integrated Products MAX4474EUA Datasheet HTML 13Page - Maxim Integrated Products MAX4474EUA Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Chip Information
MAX4470/MAX4464 TRANSISTOR COUNT: 147
MAX4471/MAX4474 TRANSISTOR COUNT: 293
MAX4472 TRANSISTOR COUNT: 585
PROCESS: BiCMOS
Single/Dual/Quad, +1.8V/750nA, SC70,
Rail-to-Rail Op Amps
______________________________________________________________________________________
11
INB-
INB+
VSS
1
2
8
7
VDD
OUTB
INA-
INA+
OUTA
TOP VIEW
3
4
6
5
SOT23/
µMAX/SO
MAX4471
MAX4474
14
13
12
11
10
9
8
1
2
3
4
5
6
7
OUTD
IND-
IND+
VSS
VDD
INA+
INA-
OUTA
INC+
INC-
OUTC
OUTB
INB-
INB+
SO/TSSOP
MAX4472
Pin Configurations (continued)


Similar Part No. - MAX4474EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4474EUA++ MAXIM-MAX4474EUA+ Datasheet
631Kb / 19P
   Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
Rev 4; 7/11
More results

Similar Description - MAX4474EUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4464 MAXIM-MAX4464_11 Datasheet
631Kb / 19P
   Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
Rev 4; 7/11
logo
Linear Technology
LT6001 LINER-LT6001_15 Datasheet
323Kb / 20P
   Single, Dual and Quad, 1.8V, 13A Precision Rail-to-Rail Op Amps
LT6000 LINER-LT6000_15 Datasheet
323Kb / 20P
   Single, Dual and Quad, 1.8V, 13A Precision Rail-to-Rail Op Amps
LT6002 LINER-LT6002_15 Datasheet
323Kb / 20P
   Single, Dual and Quad, 1.8V, 13A Precision Rail-to-Rail Op Amps
LT6000 LINER-LT6000 Datasheet
313Kb / 20P
   Single, Dual and Quad, 1.8V, 13uA Precision Rail-to-Rail Op Amps
logo
Maxim Integrated Produc...
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
MAX4493 MAXIM-MAX4493 Datasheet
435Kb / 11P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 1; 10/01
MAX4493 MAXIM-MAX4493_08 Datasheet
443Kb / 15P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 2; 10/08
MAX4493 MAXIM-MAX4493_09 Datasheet
625Kb / 15P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 3; 12/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com