Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4486AUA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4486AUA
Description  Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4486AUA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4486AUA Datasheet HTML 1Page - Maxim Integrated Products MAX4486AUA Datasheet HTML 2Page - Maxim Integrated Products MAX4486AUA Datasheet HTML 3Page - Maxim Integrated Products MAX4486AUA Datasheet HTML 4Page - Maxim Integrated Products MAX4486AUA Datasheet HTML 5Page - Maxim Integrated Products MAX4486AUA Datasheet HTML 6Page - Maxim Integrated Products MAX4486AUA Datasheet HTML 7Page - Maxim Integrated Products MAX4486AUA Datasheet HTML 8Page - Maxim Integrated Products MAX4486AUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Single/Dual/Quad, Low-Cost, Single-Supply
7MHz, Rail-to-Rail Op Amps
2
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—TA = +25°C
(VDD = +5.0V, VSS = 0, VCM = 0, VOUT = VDD/2, RL =
∞ to VDD/2, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Power Supply Voltage (VDD to VSS) .........................-0.3V to +6V
All Other Pins....................................(VSS - 0.3V) to (VDD + 0.3V)
Output Short-Circuit Duration (OUT shorted
to VDD or VSS)...........................................................Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (derate 3.1mW/°C above +70°C) ..............247mW
5-Pin SOT23 (derate 7.1mW/°C above +70°C) ...........571mW
8-Pin SOT23 (derate 9.1mW/°C above +70°C)............727mW
8-Pin SO (derate 5.88mW/°C above +70°C)................471mW
8-Pin
µMAX (derate 4.5mW//°C above +70°C) ............362mW
14-Pin TSSOP (derate 9.1mW/°C above +70°C) .........727mW
14-Pin SO (derate 8.33mW/°C above +70°C)..............667mW
Operating Temperature Range .........................-55°C to +125°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VDD
Inferred from PSRR test
2.7
5.5
V
VDD = +2.7V
1.9
Supply Current per Amplifier
IDD
VDD = +5.0V
2.2
3.5
mA
MAX4484
±0.3
±5.0
MAX4486
±0.3
±7.0
Input Offset Voltage
VOS
MAX4487
±0.3
±9.0
mV
Input Bias Current
IB
(Note 1)
±0.1
100
pA
Input Offset Current
IOS
(Note 1)
±0.1
100
pA
Input Resistance
RIN
Differential or common mode
1000
G
Input Common-Mode Voltage
Range
VCM
Inferred from CMRR test
VSS
VDD -
1.3
V
Common-Mode Rejection Ratio
CMRR
VSS
≤ VCM ≤ VDD - 1.3V
67
83
dB
Power-Supply Rejection
Ratio
PSRR
+2.7V
≤ VDD ≤ +5.5V
70
85
dB
RL = 100k
98
Large-Signal Voltage Gain
AVOL
VSS + 0.3V
≤ VOUT ≤ VDD -
0.3V
RL = 2k
76
85
dB
RL = 100k
3
Output Voltage High
VOH
Specified as |VDD - VOH|
RL = 2k
15
50
mV
RL = 100k
1
Output Voltage Low
VOL
Specified as |VOL - VSS|
RL = 2k
20
50
mV
Sourcing
27
Output Short-Circuit Current
ISC
Sinking
33
mA
Gain-Bandwidth Product
GBW
7
MHz
Phase Margin
φm55
degrees
Gain Margin
Gm
12
dB
Slew Rate
SR
20
V/µs
Input Voltage Noise Density
en
f = 10kHz
29
nV/
√Hz
Input Current Noise Density
in
f = 10kHz
1
fA/
√Hz
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - MAX4486AUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4486AUA MAXIM-MAX4486AUA Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
More results

Similar Description - MAX4486AUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400AUK MAXIM-MAX4400AUK Datasheet
178Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400 MAXIM-MAX4400 Datasheet
298Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 0; 1/00
MAX4400 MAXIM-MAX4400_V01 Datasheet
2Mb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2019
MAX4480 MAXIM-MAX4480_V01 Datasheet
2Mb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2014
MAX4480 MAXIM-MAX4480 Datasheet
471Kb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 1; 1/01
MAX4480 MAXIM-MAX4480_12 Datasheet
288Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 2; 10/12
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com