Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4482AUA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4482AUA
Description  Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4482AUA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4482AUA Datasheet HTML 1Page - Maxim Integrated Products MAX4482AUA Datasheet HTML 2Page - Maxim Integrated Products MAX4482AUA Datasheet HTML 3Page - Maxim Integrated Products MAX4482AUA Datasheet HTML 4Page - Maxim Integrated Products MAX4482AUA Datasheet HTML 5Page - Maxim Integrated Products MAX4482AUA Datasheet HTML 6Page - Maxim Integrated Products MAX4482AUA Datasheet HTML 7Page - Maxim Integrated Products MAX4482AUA Datasheet HTML 8Page - Maxim Integrated Products MAX4482AUA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Single/Dual/Quad, Low-Cost, Single-Supply,
Rail-to-Rail Op Amps with Shutdown
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V, VSS = 0, VCM = 0, VOUT = VDD/2, RL
≥ 1MΩ connected to VDD/2, SHDN = VDD (MAX4481 only), TA = +25°C, unless
otherwise noted.)
ELECTRICAL CHARACTERISTICS
(VDD = +5V, VSS = 0, VCM = 0, VOUT = VDD/2, RL
≥ 1MΩ connected to VDD/2, SHDN = VDD (MAX4481 only), TA = -40°C to +125°C,
unless otherwise noted.) (Note 2)
Note 1: Guaranteed by design.
Note 2: Specifications are 100% tested at TA = +25°C (exceptions noted). All temperature limits are guaranteed by design.
Phase Margin
φM
70
degrees
Input Current Noise Density
in
1
fA/
√Hz
Capacitive-Load Stability
CLOAD
400
pF
Shutdown Delay Time
tSHDN
0.4
µs
Enable Delay Time
tEN
12
µs
Power-On Time
tON
15
µs
Input Capacitance
CIN
2.0
pF
THD
%
0.005
Settling Time to 0.1%
tS
50
µs
MAX4481 only
f = 10kHz
f = 1kHz, VOUT =
2Vp-p, AV = +1V/V
AV = +1V/V
MAX4481 only
VOUT = 2V step
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
RL = 100k
Total Harmonic Distortion
Input Voltage Noise Density
en
100
nV/
√Hz
f = 10kHz
Gain Margin
30
dB
Slew Rate
SR
80
V/ms
Input Offset Voltage Drift
TCVOS
±3
µV/°C
Output Voltage Low
VOL
Specified as VOUT - VSS, RL = 5k
50
mV
mV
200
Specified as VDD - VOUT, RL = 5k
VOH
Output Voltage High
Large-Signal Voltage Gain
AVOL
VSS + 0.1V
≤ VOUT ≤ VDD - 0.20V, RL = 5kΩ
84
dB
µA
1
SHDN = VDD or VSS (Note 1) (MAX4481 only)
IIL, IIH
SHDN Input Current
SHDN Logic High
VIH
MAX4481 only
0.7
VDD
V
V
0.3
VDD
MAX4481 only
VIL
SHDN Logic Low
±0.5
dB
77
2.5V
≤ VCC ≤ 5.5V
PSRR
Power-Supply Rejection Ratio
Common-Mode Rejection Ratio
CMRR
VSS
≤ VCM ≤ VDD - 1.4V
67
dB
V
VSS
VDD - 1.4
Inferred from CMRR test
VCM
Input Common-Mode Voltage
Range
Input Offset Current
IOS
(Note 1)
±100
pA
pA
±100
(Note 1)
IB
Input Bias Current
Input Offset Voltage
VOS
9
mV
Supply Current per Amplifier
IDD
120
µA
V
2.5
5.5
Inferred from PSRR test
VDD
Supply Voltage Range
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
-40°C to +85°C
Shutdown Mode Output Leakage IOUTSHDN
Device in shutdown
mode, SHDN = VSS,
VSS < VOUT < VCC
(MAX4481 only)
±2.5
µA
+85°C to +125°C
Supply Current in Shutdown
ISHDN
SHDN = VSS, (MAX4481 only)
1.0
µA


Similar Part No. - MAX4482AUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4482AUA++ MAXIM-MAX4482AUA+ Datasheet
2Mb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2014
More results

Similar Description - MAX4482AUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4400_V4 MAXIM-MAX4400_V4 Datasheet
186Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400AUK MAXIM-MAX4400AUK Datasheet
178Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 4; 7/12
MAX4400 MAXIM-MAX4400 Datasheet
298Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 0; 1/00
MAX4400 MAXIM-MAX4400_V01 Datasheet
2Mb / 13P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2019
MAX4480 MAXIM-MAX4480_12 Datasheet
288Kb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
Rev 2; 10/12
MAX4480 MAXIM-MAX4480_V01 Datasheet
2Mb / 10P
   Single/Dual/Quad, Low-Cost, Single-Supply, Rail-to-Rail Op Amps with Shutdown
2014
MAX4484 MAXIM-MAX4484 Datasheet
367Kb / 12P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
Rev 0; 10/00
MAX4484 MAXIM-MAX4484_V01 Datasheet
1Mb / 8P
   Single/Dual/Quad, Low-Cost, Single-Supply 7MHz, Rail-to-Rail Op Amps
2020
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
   Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com