Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4505 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4505
Description  Fault-Protected, High-Voltage, Signal-Line Protector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4505 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4505 Datasheet HTML 1Page - Maxim Integrated Products MAX4505 Datasheet HTML 2Page - Maxim Integrated Products MAX4505 Datasheet HTML 3Page - Maxim Integrated Products MAX4505 Datasheet HTML 4Page - Maxim Integrated Products MAX4505 Datasheet HTML 5Page - Maxim Integrated Products MAX4505 Datasheet HTML 6Page - Maxim Integrated Products MAX4505 Datasheet HTML 7Page - Maxim Integrated Products MAX4505 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Fault-Protected, High-Voltage,
Signal-Line Protector
_______________________________________________________________________________________
5
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
0.01p
0.1p
10p
1p
1n
10n
100p
100n
-55
-5
20
-30
45
70
95
120 145
FAULT-FREE OUTPUT LEAKAGE CURRENT
(SUPPLIES ON)
TEMPERATURE (
°C)
VOUT = ±10V
IOUT (V+ = +15V, V- = -15V)
IOUT (V+ = +12V, V- = 0)
0.1p
1p
100p
10p
10n
100n
1n
1
µ
-55
-15
5
-35
25
45
65
85 105 125
INPUT FAULT LEAKAGE CURRENT
(SUPPLIES ON)
TEMPERATURE (
°C)
IIN AT +25V (V+ = +12V, V - = 0)
IIN AT +25V (V+ = +15V, V- = -15V)
-80
-60
-40
0
-20
40
20
80
60
-40
-20 -10
-30
0 1020304050607080
POWER SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
I+ SINGLE SUPPLY +12V
I+
I-
V+ = +15V
V- = -15V
-60
-20
I-
I+
-40
20
0
40
60
-15
-5
0
-10
5
10
15
SUPPLY CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
10
-100
0.01
1
10
0.1
1000
100
FREQUENCY RESPONSE
-90
FREQUENCY (MHz)
-80
-70
-60
-50
-40
-30
-20
-10
0
V+ = +15V
V- = -15V
IN_
10V/div
+15V
-15V
+15V
0
-15V
10V/div
OUT_
5
µs/div
FAULT-FREE SIGNAL PERFORMANCE
MAX4505 toc16
FAULT-FREE RAIL-TO-RAIL SIGNAL HANDLING
WITH ±15V SUPPLIES
IN_
+25V
0
+15V
0
-25V
-15V
±25V OVERVOLTAGE INPUT WITH THE OUTPUT
CLAMPED AT ±15V
0
OUT_
5
µs/div
INPUT OVERVOLTAGE
vs. OUTPUT CLAMPING
MAX4505 toc17
IN_
5V/div
0
+16V
+15V
0
OUT_
5V/div
5
µs/div
FAULT RECOVERY
MAX4505 toc18
V+ = +15V
V- = -15V


Similar Part No. - MAX4505

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX450 MAXIM-MAX450 Datasheet
154Kb / 4P
   CMOS Video Amplifier
MAX450-MAX451 MAXIM-MAX450-MAX451 Datasheet
154Kb / 4P
   CMOS Video Amplifier
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4501-MAX4502 MAXIM-MAX4501-MAX4502 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4501C/D MAXIM-MAX4501C/D Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
More results

Similar Description - MAX4505

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4506 MAXIM-MAX4506_03 Datasheet
1Mb / 12P
   Fault-Protected, High-Voltage Signal-Line Protectors
Rev 2; 2/03
MAX4506 MAXIM-MAX4506 Datasheet
393Kb / 12P
   Fault-Protected, High-Voltage Signal-Line Protectors
Rev 1; 8/99
MAX37879 MAXIM-MAX37879 Datasheet
33Kb / 4P
   HIGH VOLTAGE, FAULT PROTECTED, ANALOG MULTIPLEXER
Rev. D
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX4631 MAXIM-MAX4631 Datasheet
207Kb / 16P
   Fault-Protected, High-Voltage, Dual Analog Switches
Rev 0; 7/99
MAX9940 MAXIM-MAX9940 Datasheet
239Kb / 9P
   Signal-Line Overvoltage Protector for Low-Voltage Devices
Rev 0; 2/09
MAX358 MAXIM-MAX358 Datasheet
438Kb / 11P
   Fault-Protected Analog Multiplexer
Rev 0; 4/88
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H Datasheet
560Kb / 32P
[Old version datasheet]   Fault Protected CAN Tranceiver
logo
Maxim Integrated Produc...
MAX354 MAXIM-MAX354 Datasheet
130Kb / 12P
   Fault-Protected Analog Multiplexers
Rev. 2; 9/96
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com