Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4506ESA Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4506ESA
Description  Fault-Protected, High-Voltage Signal-Line Protectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4506ESA Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4506ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4506ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4506ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4506ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4506ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4506ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4506ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4506ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4506ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Fault-Protected, High-Voltage
Signal-Line Protectors
_______________________________________________________________________________________
5
0
20
60
40
100
120
80
140
-20
-10
-5
-15
0
5
10
15
20
ON-RESISTANCE vs. OUTPUT VOLTAGE
(DUAL SUPPLIES)
VOUT_ (V)
V+ = +18V
V- = -18V
V+ = +15V
V- = -15V
V+ = +10V
V- = -10V
V+ = +8V
V- = -8V
0
50
150
100
200
250
010
15
5
20
253035
ON-RESISTANCE vs. OUTPUT VOLTAGE
(SINGLE SUPPLY)
VOUT_ (V)
V+ = +12V
V+ = +9V
V+ = +20V
V+ = +30V
V+ = +36V
V- = 0V
20
0
40
80
60
100
120
-15
-5
0
-10
5
10
15
ON-RESISTANCE vs. OUTPUT VOLTAGE
AND TEMPERATURE (DUAL SUPPLIES)
VOUT_ (V)
V+ = +15V
V- = -15V
TA = +125°C
TA = +85°C
TA = +70°C
TA = +25°C
TA = -40°C
TA = -55°C
0
50
150
100
200
250
04
6
2
8
10
12
ON-RESISTANCE vs. OUTPUT VOLTAGE
AND TEMPERATURE (SINGLE SUPPLY)
VOUT_ (V)
TA = +125°C
TA = +85°C
TA = +70°C
TA = +25°C
TA = -40°C
TA = -55°C
V+ = +12V
V- = 0
-20
-15
-10
-5
0
5
10
15
20
-30
-10
-20
0
102030
OUTPUT TRANSFER CHARACTERISTICS
(DUAL SUPPLIES)
INPUT VOLTAGE (V)
(V+ = +18V, V- = -18V)
(V+ = +15V, V- = -15V)
(V+ = +10V, V- = -10V)
(V+ = +8V, V- = -8V)
(V+ = +8V, V- = -8V)
(V+ = +10V, V- = -10V)
(V+ = +15V, V- = -15V)
(V+ = +18V, V- = -18V)
OUTPUT LOAD = 1M
INPUT VOLTAGE
LINEARLY SWEPT
BETWEEN -30V
AND +30V
0
0.2
0.1
0.5
0.4
0.3
0.7
0.6
0.8
-55
-5
25
-35 -15
45
65
85 105 125
OUTPUT CLAMP RESISTANCE SUPPLIES ON
TEMPERATURE (
°C)
V+ = +15V
V- = -15V
VIN = ±25V
VIN = +25V
VIN = -25V
-25
-15
-20
0
-5
-10
5
10
20
15
25
-55
-25 -10
-40
5 20 35 50 65 80 95 110 125
OUTPUT CLAMP CURRENT SUPPLIES ON
vs. TEMPERATURE
TEMPERATURE (
°C)
V+ = +15V
V- = -15V
0
5
10
15
20
25
30
35
40
010
5
15
2025
3035
40
OUTPUT TRANSFER CHARACTERISTICS
(SINGLE SUPPLY)
INPUT VOLTAGE (V)
INPUT VOLTAGE LINEARLY SWEPT
BETWEEN 0 AND 35V
OUTPUT LOAD = 1M
V- = 0
V+ = +9V
V+ = +25V
V+ = +36V
V+ = +15V
V+ = +12V
-20
-15
-10
-5
0
5
10
15
20
-20
-10
-15
-5
0
5
10
15
20
FAULT-FREE ANALOG SIGNAL RANGE
vs. SUPPLY VOLTAGE
INPUT VOLTAGE (V)
Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4506ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4506ESA MAXIM-MAX4506ESA Datasheet
1Mb / 12P
   Fault-Protected, High-Voltage Signal-Line Protectors
Rev 2; 2/03
More results

Similar Description - MAX4506ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4506 MAXIM-MAX4506_03 Datasheet
1Mb / 12P
   Fault-Protected, High-Voltage Signal-Line Protectors
Rev 2; 2/03
MAX4505 MAXIM-MAX4505 Datasheet
120Kb / 8P
   Fault-Protected, High-Voltage, Signal-Line Protector
Rev 0; 7/99
MAX366 MAXIM-MAX366 Datasheet
103Kb / 12P
   Signal-Line Circuit Protectors
19-0326; Rev 0; 12/94
MAX37879 MAXIM-MAX37879 Datasheet
33Kb / 4P
   HIGH VOLTAGE, FAULT PROTECTED, ANALOG MULTIPLEXER
Rev. D
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX4631 MAXIM-MAX4631 Datasheet
207Kb / 16P
   Fault-Protected, High-Voltage, Dual Analog Switches
Rev 0; 7/99
MAX14699 MAXIM-MAX14699 Datasheet
852Kb / 12P
   High-Accuracy, Surge-Protected Overvoltage Protectors
Rev 3; 6/14
MAX358 MAXIM-MAX358 Datasheet
438Kb / 11P
   Fault-Protected Analog Multiplexer
Rev 0; 4/88
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H Datasheet
560Kb / 32P
[Old version datasheet]   Fault Protected CAN Tranceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com