Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4508CAE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4508CAE
Description  Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4508CAE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4508CAE Datasheet HTML 3Page - Maxim Integrated Products MAX4508CAE Datasheet HTML 4Page - Maxim Integrated Products MAX4508CAE Datasheet HTML 5Page - Maxim Integrated Products MAX4508CAE Datasheet HTML 6Page - Maxim Integrated Products MAX4508CAE Datasheet HTML 7Page - Maxim Integrated Products MAX4508CAE Datasheet HTML 8Page - Maxim Integrated Products MAX4508CAE Datasheet HTML 9Page - Maxim Integrated Products MAX4508CAE Datasheet HTML 10Page - Maxim Integrated Products MAX4508CAE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Fault-Protected, High-Voltage
Single 8-to-1/Dual 4-to-1 Multiplexers
_______________________________________________________________________________________
7
Typical Operating Characteristics
(V+ = +15V, V- = -15V, VEN = +2.4V, TA = +25°C, unless otherwise noted.)
0
200
100
400
300
600
500
700
900
800
1000
-20
-10
-5
-15
0
5
10
15
20
ON-RESISTANCE vs.
VCOM (DUAL SUPPLIES)
VCOM (V)
V+ = +15V
V- = -15V
V+ = +10V
V- = -10V
V+ = +20V
V- = -20V
V+ = +4.5V
V- = -4.5V
0
200
100
400
300
600
500
700
900
800
1100
1000
010
15
5
2025303540
ON-RESISTANCE vs.
VCOM (SINGLE SUPPLY)
VCOM (V)
V+ = +9V
V+ = +15V
V+ = +20V
V+ = +30V
V+ = +36V
V+ = +12V
0
200
100
400
300
500
600
-15
-5
0
-10
5
10
15
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (DUAL SUPPLIES)
VCOM (V)
V+ = +15V
V- = -15V
+125°C
+25°C
+70°C
-55°C
-40°C
+85°C
0
300
200
100
500
400
900
800
700
600
1000
02468
10
12
14
ON-RESISTANCE vs. VCOM AND
TEMPERATURE (SINGLE SUPPLY)
VCOM (V)
V+ = +12V
V- = 0
+125°C
-55°C
+70°C
-40°C
+85°C
+25°C
0.1p
1p
100p
10p
10n
100n
1n
1
µ
-55
-5
20
-30
45
70
95
120 145
LEAKAGE CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
V+ = +15V
V- = -15V
VCOM = 10V
VNO = ±10V
ICOM_OFF
ICOM_ON
INO_OFF
0
0.5
1.5
1.0
2.0
2.5
-15
-5
-10
0
5
10
15
CHARGE INJECTION vs. VCOM
VCOM (V)
V+ = +15V
V- = -15V
DUAL
SUPPLIES
SINGLE
SUPPLY
0
200
100
300
600
700
500
400
800
0
±4±6±8 ±10
±2
±12 ±14 ±16 ±18 ±20
ENABLE ON AND OFF TIMES vs.
SUPPLY VOLTAGE (DUAL SUPPLIES)
SUPPLY VOLTAGE (V)
VNO_ = ±10V
tON
tOFF
0
100
50
200
150
300
250
350
010
15
5
20253035
ENABLE ON AND OFF TIMES vs.
SUPPLY VOLTAGE (SINGLE SUPPLY)
SUPPLY VOLTAGE (V)
VNO_ = +10V
tON
tOFF
0
100
50
200
150
250
300
-55
5
35
-25
65
95
125
ENABLE ON AND OFF TIMES
vs. TEMPERATURE
TEMPERATURE (°C)
V+ = +15V
V- = -15V
tON
tOFF


Similar Part No. - MAX4508CAE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4508C/D MAXIM-MAX4508C/D Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
MAX4508CPE MAXIM-MAX4508CPE Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
MAX4508CSE MAXIM-MAX4508CSE Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
More results

Similar Description - MAX4508CAE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4708 MAXIM-MAX4708_08 Datasheet
257Kb / 15P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
MAX4708 MAXIM-MAX4708 Datasheet
408Kb / 14P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 0; 9/02
MAX4534 MAXIM-MAX4534_05 Datasheet
585Kb / 14P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 2; 5/05
MAX4534 MAXIM-MAX4534 Datasheet
193Kb / 16P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 0; 1/00
MAX4508 MAXIM-MAX4508_07 Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
MAX4578 MAXIM-MAX4578 Datasheet
177Kb / 20P
   High-Voltage, Single 8-to-1/ Dual 4-to-1 Cal-Multiplexers
Rev 0; 10/98
MAX4539 MAXIM-MAX4539 Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
logo
Analog Devices
ADG5208F AD-ADG5208F Datasheet
635Kb / 27P
   Fault Protection, ??.4 pC QINJ,8:1/Dual 4:1 Multiplexers
ADG5208F AD-ADG5208F_V01 Datasheet
544Kb / 27P
   Fault Protection, ??.4 pC QINJ, 8:1/Dual 4:1 Multiplexers
Rev. A
logo
Aeroflex Circuit Techno...
UT54ACTS153E AEROFLEX-UT54ACTS153E Datasheet
150Kb / 8P
   Dual 4 to 1 Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com