Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFY9130C Datasheet(PDF) 5 Page - International Rectifier

Part # IRFY9130C
Description  Simple Drive Requirements
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFY9130C Datasheet(HTML) 5 Page - International Rectifier

  IRFY9130C_15 Datasheet HTML 1Page - International Rectifier IRFY9130C_15 Datasheet HTML 2Page - International Rectifier IRFY9130C_15 Datasheet HTML 3Page - International Rectifier IRFY9130C_15 Datasheet HTML 4Page - International Rectifier IRFY9130C_15 Datasheet HTML 5Page - International Rectifier IRFY9130C_15 Datasheet HTML 6Page - International Rectifier IRFY9130C_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.irf.com
5
IRFY9130C, IRFY9130CM
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
CaseTemperature
Fig 10a. Switching Time Test Circuit
Fig 10b. Switching Time Waveforms
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
VDD
RG
D.U.T.
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
VGS


Similar Part No. - IRFY9130C_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFY9130CM IRF-IRFY9130CM Datasheet
300Kb / 6P
   POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.3ohm, Id=-11.2A)
IRFY9130CM IRF-IRFY9130CM Datasheet
164Kb / 7P
   POWER MOSFET THRU-HOLE (TO-257AA)100V, P-CHANNEL HEXFET짰 MOSFET TECHNOLOGY
More results

Similar Description - IRFY9130C_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com