Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4462 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4462
Description  SOT23, 3V/5V, Single-Supply, Rail-to-Rail Instrumentation Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4462 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4462 Datasheet HTML 1Page - Maxim Integrated Products MAX4462 Datasheet HTML 2Page - Maxim Integrated Products MAX4462 Datasheet HTML 3Page - Maxim Integrated Products MAX4462 Datasheet HTML 4Page - Maxim Integrated Products MAX4462 Datasheet HTML 5Page - Maxim Integrated Products MAX4462 Datasheet HTML 6Page - Maxim Integrated Products MAX4462 Datasheet HTML 7Page - Maxim Integrated Products MAX4462 Datasheet HTML 8Page - Maxim Integrated Products MAX4462 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SOT23, 3V/5V, Single-Supply, Rail-to-Rail
Instrumentation Amplifiers
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—MAX4460/MAX4461 (continued)
(VDD = 5V, VCM = 0V, VDIFF = VIN+ - VIN- = 50mV to 100mV for G = 1, 20mV to 100mV for G = 10, 2mV to 48mV for G = 100,
MAX4460 is configured for G = 10, RL = 200k
Ω to GND, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Input Common-Mode Range
VCM
Guaranteed by CMRR test
-0.1
VDD -
1.85
V
Input Common-Mode Rejection
Ratio
CMRR
VCM = -0.1V to (VDD - 1.85V)
80
dB
Power-Supply Rejection Ratio
PSRR
VDD = 2.85V to 5.25V
75
dB
Input Bias Current
IB
(Note 2)
100
pA
FB Input Current
MAX4460 (Note 2)
100
pA
VIH
MAX4461
0.7 X
VDD
SHDN Logic Levels
VIL
MAX4461
0.3 X
VDD
V
SHDN Input Current
MAX4461, V SHDN = 0V or VDD (Note 2)
100
pA
RL = 200k
4
VOH
VDD - VOH
(Note 3)
RL = 20k
8
RL = 200k
0.25
Output Voltage Swing
VOL
RL = 20k
0.25
mV
TA = 0
°C to +85°C
0.8
MAX4461UESA,
RL = 20k
TA = -40
°C to +85°C
1.6
TA = 0
°C to +85°C
0.8
MAX4461TESA,
RL = 20k
TA = -40
°C to +85°C
1.7
TA = 0
°C to +85°C
1.0
MAX4461HESA,
RL = 20k
TA = -40
°C to +85°C
2.0
TA = 0
°C to +85°C
0.8
MAX4460ESA,
RL = 20k
TA = -40
°C to +85°C
2.0
TA = 0
°C to +85°C
1.8
Gain Error
MAX446_EUT,
RL = 20k
TA = -40
°C to +85°C
3.0
%
TA = 0
°C to +85°C
0.20
Nonlinearity
RL = 20k
(Note 1)
TA = -40
°C to +85°C
0.25
%


Similar Part No. - MAX4462

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4460ESA MAXIM-MAX4460ESA Datasheet
431Kb / 20P
   SOT23, 3V/5V, Single-Supply, Rail-to-Rail Instrumentation Amplifiers
2006
MAX4460ETT+T MAXIM-MAX4460ETT+T Datasheet
431Kb / 20P
   SOT23, 3V/5V, Single-Supply, Rail-to-Rail Instrumentation Amplifiers
2006
MAX4460EUT-T MAXIM-MAX4460EUT-T Datasheet
431Kb / 20P
   SOT23, 3V/5V, Single-Supply, Rail-to-Rail Instrumentation Amplifiers
2006
MAX4460 MAXIM-MAX4460_V01 Datasheet
431Kb / 20P
   SOT23, 3V/5V, Single-Supply, Rail-to-Rail Instrumentation Amplifiers
2006
MAX4461HESA MAXIM-MAX4461HESA Datasheet
431Kb / 20P
   SOT23, 3V/5V, Single-Supply, Rail-to-Rail Instrumentation Amplifiers
2006
More results

Similar Description - MAX4462

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4460 MAXIM-MAX4460_V01 Datasheet
431Kb / 20P
   SOT23, 3V/5V, Single-Supply, Rail-to-Rail Instrumentation Amplifiers
2006
MAX4194 MAXIM-MAX4194_03 Datasheet
719Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 1; 6/03
logo
Linear Technology
LT1789-1 LINER-LT1789-1 Datasheet
510Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-1 LINER-LT1789-1_1 Datasheet
332Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
LT1789-10 LINER-LT1789-10_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194_V01 Datasheet
362Kb / 13P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
2015
logo
Linear Technology
LT1789-1 LINER-LT1789-1_15 Datasheet
336Kb / 24P
   Micropower, Single Supply Rail-to-Rail Output Instrumentation Amplifiers
logo
Maxim Integrated Produc...
MAX4194 MAXIM-MAX4194 Datasheet
213Kb / 12P
   Micropower, Single-Supply, Rail-to-Rail, Precision Instrumentation Amplifiers
Rev 0; 4/99
logo
Intersil Corporation
EL8170 INTERSIL-EL8170 Datasheet
613Kb / 14P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
EL8170FSZ-T7 INTERSIL-EL8170FSZ-T7 Datasheet
700Kb / 13P
   Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
October 15, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com