Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4495 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4495
Description  SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4495 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4495 Datasheet HTML 1Page - Maxim Integrated Products MAX4495 Datasheet HTML 2Page - Maxim Integrated Products MAX4495 Datasheet HTML 3Page - Maxim Integrated Products MAX4495 Datasheet HTML 4Page - Maxim Integrated Products MAX4495 Datasheet HTML 5Page - Maxim Integrated Products MAX4495 Datasheet HTML 6Page - Maxim Integrated Products MAX4495 Datasheet HTML 7Page - Maxim Integrated Products MAX4495 Datasheet HTML 8Page - Maxim Integrated Products MAX4495 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SC70, Low-Power, General-Purpose,
Dual-Supply, Rail-to-Rail Op Amps
_______________________________________________________________________________________
3
AC ELECTRICAL CHARACTERISTICS
(VCC = +5V, VEE = -5V, RL = 100k
Ω to ground, CL = 15pF, TA = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Gain-Bandwidth Product
GBWP
5
MHz
Full-Power Bandwidth
FPBW
VOUT = 5Vp-p
190
kHz
Slew Rate
SR
VOUT = 5Vp-p
3
V/µs
Phase Margin
75
degrees
Gain Margin
15
dB
Total Harmonic Distortion Plus
Noise
THD+N
f = 1kHz, VOUT = 5Vp-p, AV = +1V/V
0.002
%
Settling Time to 0.01%
tS
AV = +1V/V, VOUT = 5V step
4
µs
Input Capacitance
CIN
2pF
Input Noise Voltage Density
eIN
f = 1kHz
8
nV/
√Hz
Input Noise Current Density
iIN
f = 1kHz
0.2
pA/
√Hz
All-Hostile Crosstalk
f = 1kHz, MAX4494 and MAX4495
-100
dB
Capacitive-Load Stability
AV = +1V/V, no sustained oscillations
300
pF
Power-Up Time
tON
VOUT = 1V, 1µs power supply rise-time
3
µs
Typical Operating Characteristics
(VCC = +5V, VEE = -5V, VCM = 0, RL = 100k
Ω to ground, CL = 15pF, TA = +25°C, unless otherwise noted.)
125
75
100
25
50
-25
0
-50
600
650
675
700
625
725
750
775
800
825
850
875
900
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
VSUPPLY =
±5V
VSUPPLY =
±2.5V
INPUT OFFSET VOLTAGE
vs.TEMPERATURE
0
100
300
200
600
700
500
400
800
-50
0
25
-25
50
75
100
125
TEMPERATURE (
°C)
INPUT BIAS CURRENT
vs.TEMPERATURE
100
125
175
150
250
275
225
200
300
-50
0
25
-25
50
75
100
125
TEMPERATURE (
°C)


Similar Part No. - MAX4495

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4495 MAXIM-MAX4495 Datasheet
443Kb / 15P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 2; 10/08
MAX4495 MAXIM-MAX4495 Datasheet
625Kb / 15P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 3; 12/09
MAX4495ASD MAXIM-MAX4495ASD Datasheet
443Kb / 15P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 2; 10/08
MAX4495ASD++ MAXIM-MAX4495ASD+ Datasheet
625Kb / 15P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 3; 12/09
MAX4495AUD MAXIM-MAX4495AUD Datasheet
443Kb / 15P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 2; 10/08
More results

Similar Description - MAX4495

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4493 MAXIM-MAX4493_08 Datasheet
443Kb / 15P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 2; 10/08
MAX4493 MAXIM-MAX4493_09 Datasheet
625Kb / 15P
   SC70, Low-Power, General-Purpose, Dual-Supply, Rail-to-Rail Op Amps
Rev 3; 12/09
logo
MOSA ELECTRONICS
MSV358 MOSA-MSV358 Datasheet
302Kb / 7P
   Rail-to-Rail Output Low Voltage, Low Supply Current General Purpose Dual OP Amps
logo
Maxim Integrated Produc...
MAX4464 MAXIM-MAX4464 Datasheet
737Kb / 14P
   Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
Rev 2; 2/03
MAX9614 MAXIM-MAX9614 Datasheet
2Mb / 12P
   Low-Power Single/Dual, Rail-to-Rail Op Amps
Rev 0; 8/10
MAX4464 MAXIM-MAX4464_11 Datasheet
631Kb / 19P
   Single/Dual/Quad, 1.8V/750nA, SC70, Rail-to-Rail Op Amps
Rev 4; 7/11
LMX321 MAXIM-LMX321 Datasheet
489Kb / 13P
   Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
LMX321 MAXIM-LMX321_06 Datasheet
509Kb / 15P
   Single/Dual/Quad, General-Purpose, Low-Voltage, Rail-to-Rail Output Op Amps
Rev 1; 10/06
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com