Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRG4MC40U Datasheet(PDF) 5 Page - International Rectifier

Part # IRG4MC40U
Description  Simple Drive Requirements
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4MC40U Datasheet(HTML) 5 Page - International Rectifier

  IRG4MC40U Datasheet HTML 1Page - International Rectifier IRG4MC40U Datasheet HTML 2Page - International Rectifier IRG4MC40U Datasheet HTML 3Page - International Rectifier IRG4MC40U Datasheet HTML 4Page - International Rectifier IRG4MC40U Datasheet HTML 5Page - International Rectifier IRG4MC40U Datasheet HTML 6Page - International Rectifier IRG4MC40U Datasheet HTML 7Page - International Rectifier IRG4MC40U Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.irf.com
5
IRG4MC40U
Fig. 10 - Typical Switching Losses vs.
Junction Temperature
Fig. 9 - Typical Switching Losses vs. Gate
Resistance
Fig. 8 - Typical Gate Charge vs.
Gate-to-Emitter Voltage
Fig. 7 - Typical Capacitance vs.
Collector-to-Emitter Voltage
1
10
100
0
1000
2000
3000
4000
V
, Collector-to-Emitter Voltage (V)
CE
V
C
C
C
=
=
=
=
0V,
C
C
C
f = 1MHz
+ C
+ C
C
SHORTED
GE
ies
ge
gc ,
ce
res
gc
oes
ce
gc
Cies
Coes
Cres
0
10
20
30
40
50
RG, Gate Resistance (Ω)
0.50
0.75
1.00
VCC= 480V
VGE = 15V
TJ= 25°C
I C= 20A
-60 -40 -20
0
20 40 60 80 100 120 140 160
TJ, Junction Temperature (°C)
0.1
1
10
RG = 9.1Ω
VGE= 15V
VCC= 480V
IC= 40A
IC= 20A
IC= 10A
0
20
40
60
80
100
120
0
4
8
12
16
20
Q , Total Gate Charge (nC)
G
V
= 400V
I
= 20A
CC
C
300V


Similar Part No. - IRG4MC40U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4MC40U IRF-IRG4MC40U Datasheet
155Kb / 8P
   INSULATED GATE BIPOLAR TRANSISTOR
More results

Similar Description - IRG4MC40U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com