Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRH7054 Datasheet(PDF) 2 Page - International Rectifier

Part # IRH7054
Description  Simple Drive Requirements
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRH7054 Datasheet(HTML) 2 Page - International Rectifier

  IRH7054 Datasheet HTML 1Page - International Rectifier IRH7054 Datasheet HTML 2Page - International Rectifier IRH7054 Datasheet HTML 3Page - International Rectifier IRH7054 Datasheet HTML 4Page - International Rectifier IRH7054 Datasheet HTML 5Page - International Rectifier IRH7054 Datasheet HTML 6Page - International Rectifier IRH7054 Datasheet HTML 7Page - International Rectifier IRH7054 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.irf.com
IRH7054
IRH7054
IRH7054
IRH7054
IRH7054
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Note: Corresponding Spice and Saber models are available on the G&S Website.
Note: Corresponding Spice and Saber models are available on the G&S Website.
Note: Corresponding Spice and Saber models are available on the G&S Website.
Note: Corresponding Spice and Saber models are available on the G&S Website.
Note: Corresponding Spice and Saber models are available on the G&S Website.
For footnotes refer to the last page
Source-Drain Diode Ratings and Characteristics
Source-Drain Diode Ratings and Characteristics
Source-Drain Diode Ratings and Characteristics
Source-Drain Diode Ratings and Characteristics
Source-Drain Diode Ratings and Characteristics
Parameter
Parameter
Parameter
Parameter
Parameter
Min
Min
Min
Min
Min Typ
Typ
Typ
Typ
Typ Max
Max
Max
Max
Max Units
Units
Units
Units
Units
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Test Conditions
IS
Continuous Source Current (Body Diode)
—
—
45
ISM
Pulse Source Current (Body Diode) ➀
—
—
210
VSD Diode Forward Voltage
—
—
1.4
V
Tj = 25°C, IS = 35A, VGS = 0V ➃
trr
Reverse Recovery Time
—
—
280
nS
Tj = 25°C, IF = 35A, di/dt ≤ 100A/µs
QRR Reverse Recovery Charge
—
—
2.2
µC
VDD ≤ 50V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Thermal Resistance
Thermal Resistance
Thermal Resistance
Thermal Resistance
Thermal Resistance
Parameter
Parameter
Parameter
Parameter
Parameter
Min
Min
Min
Min
Min Typ
Typ
Typ
Typ
Typ Max
Max
Max
Max
Max Units
Units
Units
Units
Units
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Test Conditions
RthJC
Junction-to-Case
—
—
0.83
RthJA
Junction-to-Ambient
—
—
30
°C/W
Typical socket mount
RthCS
Case-to-Sink
— 0.12
—
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
@ Tj = 25°C (Unless Otherwise Specified)
@ Tj = 25°C (Unless Otherwise Specified)
@ Tj = 25°C (Unless Otherwise Specified)
@ Tj = 25°C (Unless Otherwise Specified)
Parameter
Parameter
Parameter
Parameter
Parameter
Min
Min
Min
Min
Min
Typ
Typ
Typ
Typ
Typ Max
Max
Max
Max
Max Units
Units
Units
Units
Units
Test Conditions
Test Conditions
Test Conditions
Test Conditions
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
60
—
—
V
VGS = 0V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown —
0.053
—
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
—
—
0.025
VGS = 12V, ID = 32A
Resistance
—
—
0.028
VGS = 12V, ID = 45A
VGS(th)
Gate Threshold Voltage
2.0
—
4.0
V
VDS = VGS, ID = 1.0mA
gfs
Forward Transconductance
12
—
—
S ( )VDS > 15V, IDS = 35A ➃
IDSS
Zero Gate Voltage Drain Current
—
—
25
VDS= 48V ,VGS=0V
—
—
250
VDS = 48V,
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward—
—
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
—
—
-100
VGS = -20V
Qg
Total Gate Charge
—
—
200
VGS =12V, ID = 35A
Qgs
Gate-to-Source Charge
—
—
60
nC
VDS = 30V
Qgd
Gate-to-Drain (‘Miller’) Charge
—
—
75
td(on)
Turn-On Delay Time
—
—
27
VDD =30V, ID = 35A
tr
Rise Time
—
—
100
VGS =12V, RG = 2.35Ω
td(off)
Turn-Off Delay Time
—
—
75
tf
Fall Time
—
—
75
LS + LD
Total Inductance
—
10
—
Measured from Drain lead (6mm /0.25in from
package) to Source lead (6mm /0.25in.
from
Package) with Source wires internally
bonded from Source Pin to Drain Pad
Ciss
Input Capacitance
—
4100
—
VGS = 0V, VDS = 25V
Coss
Output Capacitance
—
2000
—
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
—
560
—
nA
nH
ns
µA


Similar Part No. - IRH7054

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRH7054 IRF-IRH7054 Datasheet
240Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
More results

Similar Description - IRH7054

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com