Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRH7054 Datasheet(PDF) 1 Page - International Rectifier

Part # IRH7054
Description  Simple Drive Requirements
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRH7054 Datasheet(HTML) 1 Page - International Rectifier

  IRH7054 Datasheet HTML 1Page - International Rectifier IRH7054 Datasheet HTML 2Page - International Rectifier IRH7054 Datasheet HTML 3Page - International Rectifier IRH7054 Datasheet HTML 4Page - International Rectifier IRH7054 Datasheet HTML 5Page - International Rectifier IRH7054 Datasheet HTML 6Page - International Rectifier IRH7054 Datasheet HTML 7Page - International Rectifier IRH7054 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings
Absolute Maximum Ratings
Parameter
Parameter
Parameter
Parameter
Parameter
Units
Units
Units
Units
Units
ID @ VGS = 12V, TC = 25°C Continuous Drain Current
45*
ID @ VGS = 12V, TC = 100°C Continuous Drain Current
32
IDM
Pulsed Drain Current ➀
210
PD @ TC = 25°C
Max. Power Dissipation
150
W
Linear Derating Factor
1.2
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
500
mJ
IAR
Avalanche Current ➀
35
A
EAR
Repetitive Avalanche Energy ➀
15
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
3.5
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 ( 0.063 in.(1.6mm) from case for 10s)
Weight
11.5 (Typical )
g
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
Pre-Irradiation
International Rectifier’s RADHard HEXFET® technol-
ogy provides high performance power MOSFETs for
space applications. This technology has over a de-
cade of proven performance and reliability in satellite
applications. These devices have been character-
ized for both Total Dose and Single Event Effects (SEE).
The combination of low Rdson and low gate charge
reduces the power losses in switching applications
such as DC to DC converters and motor control. These
devices retain all of the well established advantages
of MOSFETs such as voltage control, fast switching,
ease of paralleling and temperature stability of elec-
trical parameters.
oC
A
RADIATION HARDENED
RADIATION HARDENED
RADIATION HARDENED
RADIATION HARDENED
RADIATION HARDENED
POWER MOSFET
POWER MOSFET
POWER MOSFET
POWER MOSFET
POWER MOSFET
THRU-HOLE
THRU-HOLE
THRU-HOLE
THRU-HOLE
THRU-HOLE (T0-204AA/AE)
(T0-204AA/AE)
(T0-204AA/AE)
(T0-204AA/AE)
(T0-204AA/AE)
8/9/01
www.irf.com
1
Product Summary
Product Summary
Product Summary
Product Summary
Product Summary
Part Number
Part Number
Part Number
Part Number
Part Number Radiation Level
Radiation Level
Radiation Level
Radiation Level
Radiation Level R
R
R
R
RDS(on)
DS(on)
DS(on)
DS(on)
DS(on)
IIIIIDDDDD
IRH7054
100K Rads (Si)
0.025Ω
45*A
IRH3054
300K Rads (Si)
0.025Ω
45*A
IRH4054
600K Rads (Si)
0.025Ω
45*A
IRH8054
1000K Rads (Si)
0.025Ω
45*A
For footnotes refer to the last page
*Current is limited by pin diameter
IRH7054
IRH7054
IRH7054
IRH7054
IRH7054
60V, N-CHANNEL
60V, N-CHANNEL
60V, N-CHANNEL
60V, N-CHANNEL
60V, N-CHANNEL
RAD Hard
RAD Hard
RAD Hard
RAD Hard
RAD Hard
™ HEXFET
HEXFET
HEXFET
HEXFET
HEXFET
® TECHNOLOGY
TECHNOLOGY
TECHNOLOGY
TECHNOLOGY
TECHNOLOGY
TO-204AE
TO-204AE
TO-204AE
TO-204AE
TO-204AE
Features:
Features:
Features:
Features:
Features:
!
Single Event Effect (SEE) Hardened
!
Low RDS(on)
!
Low Total Gate Charge
!
Proton Tolerant
!
Simple Drive Requirements
!
Ease of Paralleling
!
Hermetically Sealed
!
Ceramic Package
!
Light Weight
PD - 90883B


Similar Part No. - IRH7054

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRH7054 IRF-IRH7054 Datasheet
240Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
More results

Similar Description - IRH7054

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com