Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4516CPA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4516CPA
Description  Dual-Supply, Low-On-Resistance, SPST, CMOS Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4516CPA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4516CPA Datasheet HTML 1Page - Maxim Integrated Products MAX4516CPA Datasheet HTML 2Page - Maxim Integrated Products MAX4516CPA Datasheet HTML 3Page - Maxim Integrated Products MAX4516CPA Datasheet HTML 4Page - Maxim Integrated Products MAX4516CPA Datasheet HTML 5Page - Maxim Integrated Products MAX4516CPA Datasheet HTML 6Page - Maxim Integrated Products MAX4516CPA Datasheet HTML 7Page - Maxim Integrated Products MAX4516CPA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Dual-Supply, Low-On-Resistance,
SPST, CMOS Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—±5V Supply (continued)
(V+ = +4.5V to +5.5V, V- = -4.5V to -5.5V, VINH = 3.5V, VINL = 1.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at TA = +25°C.)
Note 2:
The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 3:
Leakage parameters are 100% tested at maximum-rated hot operating temperature, and are guaranteed by correlation
at +25°C.
Note 4:
Guaranteed, not production tested.
Note 5:
SOT packaged parts are 100% tested at +25°C. Limits at maximum and minimum rated temperature are guaranteed by
design and correlation limits at +25°C.
Figure 1
ns
150
tON
Figure 1
CL = 1nF, VNO = 0V,
RS = 0Ω, TA = +25°C, Figure 2
40
100
ns
Turn-On Time
pC
10
20
Q
f = 1MHz, TA = +25°C, Figure 4
Charge Injection
(Note 4)
CONDITIONS
pF
22
CCOM(ON)
COM On Capacitance
V
f = 1MHz, TA = +25°C, Figure 4
Power-Supply Range
±1
±6
pF
f = 1MHz, TA = +25°C, Figure 4
9
RL = 50Ω, CL = 15pF,
VNO = 1VRMS, f = 100kHz, TA = +25°C, Figure 3
CCOM(OFF)
COM Off Capacitance
pF
9
CNO(OFF),
CNO(ON)
dB
-86
VISO
Off Isolation
NO or NC Off Capacitance
TA = TMIN to TMAX
TA = +25°C
125
tOFF
30
75
Turn-Off Time
TA = TMIN to TMAX
TA = +25°C
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
VIN = 0V or V+
µA
200
I-
V- Supply Current
-125
-30
TA = TMIN to TMAX
TA = +25°C
VIN = 0V or V+
µA
200
I+
V+ Supply Current
40
125
TA = TMIN to TMAX
TA = +25°C
SWITCH DYNAMIC CHARACTERISTICS
POWER SUPPLY


Similar Part No. - MAX4516CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4516CUK-T MAXIM-MAX4516CUK-T Datasheet
86Kb / 8P
   MAX4516CUK-T SPST, CMOS Analog Switches
Rev 0; 6/96
More results

Similar Description - MAX4516CPA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS12A4516 TI-TS12A4516_10 Datasheet
461Kb / 14P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516_101 TI-TS12A4516_101 Datasheet
519Kb / 15P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516 Datasheet
274Kb / 11P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A4516 TI1-TS12A4516_14 Datasheet
679Kb / 18P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
logo
Renesas Technology Corp
ISL43L120 RENESAS-ISL43L120 Datasheet
651Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL43L120 INTERSIL-ISL43L120 Datasheet
321Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
ISL43L120 INTERSIL-ISL43L120_06 Datasheet
269Kb / 11P
   Ultra Low ON-Resistance, Single Supply, Dual SPST Analog Switches
logo
Maxim Integrated Produc...
MAX4514EUK-T MAXIM-MAX4514EUK-T Datasheet
396Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 1; 5/05
MAX4514 MAXIM-MAX4514 Datasheet
80Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 0; 6/96
MAX4514 MAXIM-MAX4514_V01 Datasheet
396Kb / 8P
    Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
2005
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com