Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4507CAP Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4507CAP
Description  Fault-Protected, High-Voltage Signal-Line Protectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4507CAP Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4507CAP Datasheet HTML 4Page - Maxim Integrated Products MAX4507CAP Datasheet HTML 5Page - Maxim Integrated Products MAX4507CAP Datasheet HTML 6Page - Maxim Integrated Products MAX4507CAP Datasheet HTML 7Page - Maxim Integrated Products MAX4507CAP Datasheet HTML 8Page - Maxim Integrated Products MAX4507CAP Datasheet HTML 9Page - Maxim Integrated Products MAX4507CAP Datasheet HTML 10Page - Maxim Integrated Products MAX4507CAP Datasheet HTML 11Page - Maxim Integrated Products MAX4507CAP Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Fault-Protected, High-Voltage
Signal-Line Protectors
_______________________________________________________________________________________
9
Protectors as Circuit Elements
Each of the protectors in a MAX4506/MAX4507 may be
used as a switched resistor, independent of the func-
tions of other elements in the same package. For exam-
ple, Figure 4 shows a MAX4506 with two of the
protectors used to protect the input of an op amp, and
the third element used to sequence a power supply.
Combining the circuits of Figures 3 and 4 produces a
delayed action on the switched +15V, as well as
smooth application of signals to the amplifier input.
Figure 5 shows MAX4506 used in front of a MAX338
unprotected 1-to-8 multiplexer. With supplies at ±15V,
VOUT of the MAX4506 clamps to ±15V; VOUT of the
MAX338 goes to ±14V. With supplies off, VOUT goes to
0V while the inputs remain at ±25V.
Use the MAX4506 with a MAX338 to enhance voltage
handling capability (Figure 6). The MAX4506 and
MAX338 share almost equal voltage drops in this con-
figuration. For example, applying ±40V on pins 1 and 2
of the MAX4506 causes a voltage drop of about 26V
across pin 1 of the MAX4506 to pin 4 of the MAX338,
and a voltage drop of about 28V across pin 4 of the
MAX4506 to pin 8 of the MAX338. Similarly, there is a
26V drop from pin 2 of the MAX4506 to pin 5 of the
MAX338. The system’s performance exceeds each
individual part’s specification because of shared volt-
age drops.
Multiplexer and Demultiplexer
As shown in Figure 7, the MAX4506 can be used in
series with the output of a MAX4508 (1-to-8 multiplexer)
to act as multiplexer or demultiplexer. The MAX4508 is a
fault-protected multiplexer whose inputs are designed to
interface with harsh environments; however, its common
output is not fault protected if connected to outside sig-
nals (i.e., demultiplexer use). If the common output can
see fault signals, then it needs to be protected, and the
MAX4506 can be added to provide complete protection.
SWITCHED +15V
MAX4506
IN3
V-
-15V
V+
+15V
3
4
5
OUT3
IN2
26
OUT2
IN1
17
OUT1
8
P
100k
OP AMP
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
MAX338
-15V
1
2
8
7
+15V
RL
-25V
+25V
3
4
6
5
MAX4506
A1
A2
GND
V+
NO5
NO6
NO7
NO9
AO
EN
V-
OV
+5V
+3V
+15V
-5V
NO3
NO1
NO2
NO4
VOUT
Figure 4. Power-Supply Sequencing
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
MAX4508
-15V
1
2
8
7
+15V
NEW COM
3
4
6
5
MAX4506
A1
A2
GND
V+
NO5
NO6
NO7
NO9
AO
EN
V-
O
+5V
+3V
+15V
-15V
NO3
NO1
NO2
NO4
COM
Figure 7. Multiplexer and Demultiplexer Application Using
MAX4506 (or MAX4507) with MAX4508
VOUT = -14V
+40V
-40V
10k
6
4
7
1
5
2
8
MAX338
MAX4506
Figure 6. SPDT Switch Application
Figure 5. Protecting a MAX338 with a MAX4506


Similar Part No. - MAX4507CAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4507 MAXIM-MAX4507 Datasheet
1Mb / 12P
   Fault-Protected, High-Voltage Signal-Line Protectors
Rev 2; 2/03
More results

Similar Description - MAX4507CAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4506 MAXIM-MAX4506_03 Datasheet
1Mb / 12P
   Fault-Protected, High-Voltage Signal-Line Protectors
Rev 2; 2/03
MAX4505 MAXIM-MAX4505 Datasheet
120Kb / 8P
   Fault-Protected, High-Voltage, Signal-Line Protector
Rev 0; 7/99
MAX366 MAXIM-MAX366 Datasheet
103Kb / 12P
   Signal-Line Circuit Protectors
19-0326; Rev 0; 12/94
MAX37879 MAXIM-MAX37879 Datasheet
33Kb / 4P
   HIGH VOLTAGE, FAULT PROTECTED, ANALOG MULTIPLEXER
Rev. D
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX4631 MAXIM-MAX4631 Datasheet
207Kb / 16P
   Fault-Protected, High-Voltage, Dual Analog Switches
Rev 0; 7/99
MAX14699 MAXIM-MAX14699 Datasheet
852Kb / 12P
   High-Accuracy, Surge-Protected Overvoltage Protectors
Rev 3; 6/14
MAX358 MAXIM-MAX358 Datasheet
438Kb / 11P
   Fault-Protected Analog Multiplexer
Rev 0; 4/88
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H Datasheet
560Kb / 32P
[Old version datasheet]   Fault Protected CAN Tranceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com