Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4507CAP Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4507CAP
Description  Fault-Protected, High-Voltage Signal-Line Protectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4507CAP Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4507CAP Datasheet HTML 3Page - Maxim Integrated Products MAX4507CAP Datasheet HTML 4Page - Maxim Integrated Products MAX4507CAP Datasheet HTML 5Page - Maxim Integrated Products MAX4507CAP Datasheet HTML 6Page - Maxim Integrated Products MAX4507CAP Datasheet HTML 7Page - Maxim Integrated Products MAX4507CAP Datasheet HTML 8Page - Maxim Integrated Products MAX4507CAP Datasheet HTML 9Page - Maxim Integrated Products MAX4507CAP Datasheet HTML 10Page - Maxim Integrated Products MAX4507CAP Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Fault-Protected, High-Voltage
Signal-Line Protectors
_______________________________________________________________________________________
7
8-Pin
DIP/SO
18-Pin
DIP/SO
NAME*
1, 2, 3
1, 2, 3
IN1, IN2, IN3
PIN
4–8
IN4, IN5, IN6, IN7, IN8
4
9
V-
N.C.
8
18
V+
5, 6, 7
15, 16, 17
OUT3, OUT2, OUT1
10–14
OUT8, OUT7, OUT6, OUT5, OUT4
Pin Description
FUNCTION
Signal Inputs 1, 2, 3
Signal Inputs 4, 5, 6, 7, 8
Negative Supply Voltage Input
No Connection. Not internally connected.
Positive Supply-Voltage Input
Signal Outputs 3, 2, 1
Signal Outputs 8, 7, 6, 5, 4
20-Pin
SSOP
1, 2, 4
5–9
10
3, 18
20
16, 17, 19
11–15
MAX4506
MAX4507
*
Connect all unused inputs to a hard voltage within the supply range (e.g., V+, V-, or GND).
Detailed Description
The MAX4506/MAX4507 protect other ICs from over-
voltage by clamping its output voltage to the supply
rails. If the power supplies to the device are off, the
device clamps the output to 0V. The MAX4506/
MAX4507 provide protection for input signals up to
±36V with the power supplies on and ±40V with the
power supplies off.
The MAX4506/MAX4507 protect other integrated cir-
cuits connected to its output from latching up. Latchup
is caused by parasitic SCR(s) within the IC turning on,
and can occur when the supply voltage applied to the
IC exceeds the specified operating range. Latchup can
also occur when signal voltage is applied before the
power-supply voltage. When in a latchup state, the cir-
cuit draws excessive current and may continue to draw
excessive current even after the overvoltage condition
is removed. A continuous latchup condition may dam-
age the device permanently. Such “faults” are com-
monly encountered in modular control systems where
power supplies to interconnected modules may be
interrupted and reestablished at random. Faults can
happen during production testing, maintenance, start-
up, or a power failure.
Figure 1 shows the normal complementary pair (N1 and
P1) found in many common analog switches. In addi-
tion to these transistors, the MAX4506/MAX4507 also
contain comparators and sensing and clamping circuitry
to control the state of N1 and P1. During normal opera-
tion, N1 and P1 remain on with a typical 65
Ω on-resis-
tance between IN and OUT.
The on-board comparators and sensing circuitry moni-
tor the input voltage for possible overvoltage faults.
-15V
-15V
+15V
P-CHANNEL
DRIVER
N-CHANNEL
DRIVER
+15V
N3
P3
IN
N1
CLAMP
OUT
CLAMP
+V(+15V)
-V(-15V)
N2
P2
P1
COMPARATOR
COMPARATOR
SENSE
SWITCH
SENSE
SWITCH
Figure 1. Simplified Internal Structure


Similar Part No. - MAX4507CAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4507 MAXIM-MAX4507 Datasheet
1Mb / 12P
   Fault-Protected, High-Voltage Signal-Line Protectors
Rev 2; 2/03
More results

Similar Description - MAX4507CAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4506 MAXIM-MAX4506_03 Datasheet
1Mb / 12P
   Fault-Protected, High-Voltage Signal-Line Protectors
Rev 2; 2/03
MAX4505 MAXIM-MAX4505 Datasheet
120Kb / 8P
   Fault-Protected, High-Voltage, Signal-Line Protector
Rev 0; 7/99
MAX366 MAXIM-MAX366 Datasheet
103Kb / 12P
   Signal-Line Circuit Protectors
19-0326; Rev 0; 12/94
MAX37879 MAXIM-MAX37879 Datasheet
33Kb / 4P
   HIGH VOLTAGE, FAULT PROTECTED, ANALOG MULTIPLEXER
Rev. D
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX4631 MAXIM-MAX4631 Datasheet
207Kb / 16P
   Fault-Protected, High-Voltage, Dual Analog Switches
Rev 0; 7/99
MAX14699 MAXIM-MAX14699 Datasheet
852Kb / 12P
   High-Accuracy, Surge-Protected Overvoltage Protectors
Rev 3; 6/14
MAX358 MAXIM-MAX358 Datasheet
438Kb / 11P
   Fault-Protected Analog Multiplexer
Rev 0; 4/88
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H Datasheet
560Kb / 32P
[Old version datasheet]   Fault Protected CAN Tranceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com