Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLF7G22L-160 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # BLF7G22L-160
Description  Power LDMOS transistor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF7G22L-160 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button BLF7G22L-160_15 Datasheet HTML 6Page - NXP Semiconductors BLF7G22L-160_15 Datasheet HTML 7Page - NXP Semiconductors BLF7G22L-160_15 Datasheet HTML 8Page - NXP Semiconductors BLF7G22L-160_15 Datasheet HTML 9Page - NXP Semiconductors BLF7G22L-160_15 Datasheet HTML 10Page - NXP Semiconductors BLF7G22L-160_15 Datasheet HTML 11Page - NXP Semiconductors BLF7G22L-160_15 Datasheet HTML 12Page - NXP Semiconductors BLF7G22L-160_15 Datasheet HTML 13Page - NXP Semiconductors BLF7G22L-160_15 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
BLF7G22L-160_7G22LS-160
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2.1 — 2 November 2011
10 of 18
NXP Semiconductors
BLF7G22L-160; BLF7G22LS-160
Power LDMOS transistor
7.7 CW-pulsed
VDS = 28 V; IDq = 1300 mA; tp = 0.10 ms;  = 10 %.
(1) f = 2110 MHz
(2) f = 2170 MHz
Fig 18. Power gain and drain efficiency as function of load power; typical values
001aao004
PL (dBm)
38
56
50
44
16
18
14
20
22
Gp
(dB)
12
24
36
12
48
60
ηD
(%)
0
ηD
Gp
(2)
(1)


Similar Part No. - BLF7G22L-160_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF7G22L-160 NXP-BLF7G22L-160 Datasheet
9Mb / 130P
   RF Manual 16th edition
June 2012
More results

Similar Description - BLF7G22L-160_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLF6G20-110 NXP-BLF6G20-110 Datasheet
74Kb / 9P
   Power LDMOS transistor
Rev. 01-28 January 2008
BLF7G22L-130 NXP-BLF7G22L-130 Datasheet
180Kb / 15P
   Power LDMOS transistor
Rev. 3-18 November 2010
BLF6G20-45 NXP-BLF6G20-45 Datasheet
88Kb / 12P
   Power LDMOS transistor
Rev. 02-25 August 2008
BLF6G20-110 NXP-BLF6G20-110_09 Datasheet
90Kb / 10P
   Power LDMOS transistor
Rev. 03-13 January 2009
BLF2425M7L140 NXP-BLF2425M7L140 Datasheet
299Kb / 11P
   Power LDMOS transistor
Rev. 3-6 September 2012
BLF188XR NXP-BLF188XR Datasheet
227Kb / 15P
   Power LDMOS transistor
Rev. 5-12 November 2013
BLF6G22LS-130 PHILIPS-BLF6G22LS-130_15 Datasheet
87Kb / 11P
   Power LDMOS transistor
Rev. 01-23 May 2008
BLF6G20LS-140 PHILIPS-BLF6G20LS-140_15 Datasheet
74Kb / 8P
   Power LDMOS transistor
Rev. 01-27 February 2009
BLF7G10L-250 PHILIPS-BLF7G10L-250_15 Datasheet
714Kb / 13P
   Power LDMOS transistor
Rev. 4-13 September 2012
BLA6G1011-200R PHILIPS-BLA6G1011-200R_15 Datasheet
185Kb / 13P
   Power LDMOS transistor
Rev. 5-17 March 2015
BLP8G20S-80P PHILIPS-BLP8G20S-80P_15 Datasheet
158Kb / 11P
   Power LDMOS transistor
Rev. 2-13 October 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com