Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4507CWN Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4507CWN
Description  Fault-Protected, High-Voltage Signal-Line Protectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4507CWN Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4507CWN Datasheet HTML 4Page - Maxim Integrated Products MAX4507CWN Datasheet HTML 5Page - Maxim Integrated Products MAX4507CWN Datasheet HTML 6Page - Maxim Integrated Products MAX4507CWN Datasheet HTML 7Page - Maxim Integrated Products MAX4507CWN Datasheet HTML 8Page - Maxim Integrated Products MAX4507CWN Datasheet HTML 9Page - Maxim Integrated Products MAX4507CWN Datasheet HTML 10Page - Maxim Integrated Products MAX4507CWN Datasheet HTML 11Page - Maxim Integrated Products MAX4507CWN Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Fault-Protected, High-Voltage
Signal-Line Protectors
8
_______________________________________________________________________________________
Two clamp circuits limit the output voltage to within the
supply voltages. When the power supplies are off, any
input voltage applied at IN turns off both N1 and P1,
and OUT is clamped to 0V.
Normal Operation
When power is applied, each protector acts as a resis-
tor in series with the signal path. Any voltage source on
the “input” side of the switch will be conducted through
the protector to the output (Figure 2).
When the output load is resistive, it draws current
through the protector. The internal resistance is typically
less than 100
Ω. High-impedance loads are relatively
unaffected by the presence of the MAX4506/MAX4507.
The protector’s path resistance is a function of the supply
voltage and the signal voltage (see
Typical Operating
Characteristics).
Fault Protection, Power Off
When power is off (i.e., V+ = V- = 0), the protector is a
virtual open circuit. With up to ±40V applied to the input
pin, the output pin will be 0V.
Fault Protection, Power On
A fault condition exists when the voltage on the IN_
exceeds either supply rail. This definition is valid when
power is on or off, as well as during all states while
power ramps up or down.
Applications Information
Supplying Power Through External ICs
The MAX4506/MAX4507 have low supply currents
(<250µA), which allows the supply pins to be driven by
other active circuitry instead of connected directly to
the power sources. In this configuration, the parts can
be used as driven fault-protected switches with V+ or
V- used as the control pins. For example, with the V-
pin grounded, the output of a CMOS gate can drive the
V+ pin to turn the device on and off. This can effectively
connect and disconnect three (MAX4506) or eight
(MAX4507) separate signal lines at once. Ensure that
the driving source(s) does not drive the V+ pin more
negative than the V- pin.
Figure 3 shows a simple turn-on delay that takes
advantage of the MAX4506’s low power consumption.
The two RC networks cause gradual application of
power to the MAX4506, which in turn applies the input
signals smoothly after the amplifier has stabilized. The
two diodes discharge the two capacitors rapidly when
the power turns off. Note that the IC used to supply
power to the MAX4506/MAX4507 must be able to sup-
ply enough current to maintain the load voltage at the
supply rail in a fault condition.
MAX4506
ROUT
VIN
IN1
V-
V-
V+
V+
1
4
7
8
OUT1
Figure 2. Application Circuit
MAX4506
IN3
V-
-15V
V+
+15V
3
4
5
10
µF
10
µF
OUT3
IN2
26
OUT2
IN1
17
OUT1
8
100k
100k
OP AMP
Figure 3. Turn-On Delay


Similar Part No. - MAX4507CWN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4507 MAXIM-MAX4507 Datasheet
1Mb / 12P
   Fault-Protected, High-Voltage Signal-Line Protectors
Rev 2; 2/03
More results

Similar Description - MAX4507CWN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4506 MAXIM-MAX4506_03 Datasheet
1Mb / 12P
   Fault-Protected, High-Voltage Signal-Line Protectors
Rev 2; 2/03
MAX4505 MAXIM-MAX4505 Datasheet
120Kb / 8P
   Fault-Protected, High-Voltage, Signal-Line Protector
Rev 0; 7/99
MAX366 MAXIM-MAX366 Datasheet
103Kb / 12P
   Signal-Line Circuit Protectors
19-0326; Rev 0; 12/94
MAX37879 MAXIM-MAX37879 Datasheet
33Kb / 4P
   HIGH VOLTAGE, FAULT PROTECTED, ANALOG MULTIPLEXER
Rev. D
MAX378 MAXIM-MAX378 Datasheet
104Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-1902; Rev 1; 8/94
MAX388 MAXIM-MAX388 Datasheet
468Kb / 12P
   High-Voltage, Fault-Protected Analog Multiplexers
19-0014; Rev 2; 7/96
MAX4631 MAXIM-MAX4631 Datasheet
207Kb / 16P
   Fault-Protected, High-Voltage, Dual Analog Switches
Rev 0; 7/99
MAX14699 MAXIM-MAX14699 Datasheet
852Kb / 12P
   High-Accuracy, Surge-Protected Overvoltage Protectors
Rev 3; 6/14
MAX358 MAXIM-MAX358 Datasheet
438Kb / 11P
   Fault-Protected Analog Multiplexer
Rev 0; 4/88
logo
Texas Instruments
TCAN1042H TI1-TCAN1042H Datasheet
560Kb / 32P
[Old version datasheet]   Fault Protected CAN Tranceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com