Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAAB40Z Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # GAAB40Z
Description  Press Fit Avalanche Automotive Rectifier (BOSCH) Avalanche Voltage 24 to 32Volts Current 40 Amps
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

GAAB40Z Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  GAAB40Z Datasheet HTML 1Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
55
High power capability
Economical
Avalanche Voltage: 24V to 32V
Case: Copper case
Epoxy: UL94-0 rate flame ratardant
Polarity: As marked of case bottom
Glass passivated chip
Technology vacuum soldered
Lead: Plated lead, solderable per MIL-STD-202E method 208C
Weight: 0.28 ounces, 8.05 grams
5
2
@
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
oCs
l
o
b
m
y
S
.
n
i
Ml
a
n
i
m
o
N.
x
a
M
s
t
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
e
v
i
t
i
t
e
p
e
r
k
a
e
P
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
g
n
i
k
r
o
W
e
g
a
t
l
o
v
g
n
i
k
c
o
l
b
C
D
V
M
R
R
V
M
W
R
V
C
D
0
2
0
2
0
2
s
t
l
o
V
T
t
a
t
n
e
r
r
u
c
d
r
a
w
r
o
f
d
e
i
f
i
t
c
e
r
e
g
a
r
e
v
A
C
5
2
1
=
oCI
O
0
4s
p
m
A
t
n
e
r
r
u
c
e
g
r
u
s
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
R
T
C
%
1
<
e
l
c
y
c
y
t
u
d
c
e
s
m
0
1
=
I
M
S
R
0
4s
p
m
A
V
(
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
B
r
b
I
@
r
T
,
A
m
0
0
1
=
C
5
2
=
oC)
I
r
T
,
s
p
m
A
0
9
=
C
0
5
1
=
oC0
8
=
W
P
,u
c
e
s
V
1
r
b
V
2
r
b
4
27
2
/
5
22
3
0
4
s
t
l
o
V
V
(
p
o
r
d
e
g
a
t
l
o
v
d
r
a
w
r
o
F
d
w
f
I
@
)
f
0
0
3
<
s
p
m
A
0
0
1
=u
c
e
sV
F
8
9
.
05
0
.
18
0
.
1s
t
l
o
V
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
PI
M
S
F
0
0
5s
e
p
m
A
V
(
e
g
a
k
a
e
l
e
s
r
e
v
e
R
R
T
)
c
d
V
0
2
=
A
5
2
=
oCI
R
2
.
00
.
10
.
2
uA
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
s
d
n
a
n
o
i
t
c
n
u
j
g
n
i
t
a
r
e
p
OT
J
T
,
G
T
S
5
7
1
+
o
t
5
6
-
oC
GAAB40Z
Press Fit Avalanche Automotive Rectifier (BOSCH)
Avalanche Voltage 24 to 32Volts
Current 40 Amps
Technical Specification:
Mechanical Data:
Maximum Ratings and Electrical Characteristics
Rating at 25oC ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%.
Features:
Notes:
1. Enough heatsink must be considered in application.
Dimensions in inches and (millimeters)


Similar Part No. - GAAB40Z

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GAAB40L GOOD-ARK-GAAB40L Datasheet
55Kb / 1P
   Press Fit Avalanche Automotive Rectifier (BOSCH) Avalanche Voltage 20 to 24Volts Current 40 Amps
GAAB40M GOOD-ARK-GAAB40M Datasheet
55Kb / 1P
   Press Fit Avalanche Automotive Rectifier (BOSCH) Avalanche Voltage 37 to 41Volts Current 40 Amps
More results

Similar Description - GAAB40Z

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GAABJ40Z GOOD-ARK-GAABJ40Z_15 Datasheet
45Kb / 1P
   Press Fit Avalanche Automotive Rectifier (BOSCH) Avalanche Voltage 24 to 32Volts Current 40 Amps
GAAH40 GOOD-ARK-GAAH40_15 Datasheet
57Kb / 1P
   Press Fit Avalanche Automotive Rectifier (HITACHI) Avalanche Voltage 24 to 32Volts Current 40 Amps
GAAL40 GOOD-ARK-GAAL40_15 Datasheet
53Kb / 1P
   Press Fit Avalanche Automotive Rectifier (LUCAS) Avalanche Voltage 24 to 32Volts Current 40 Amps
GAABJ35Z GOOD-ARK-GAABJ35Z Datasheet
45Kb / 1P
   Press Fit Avalanche Automotive Rectifier Avalanche Voltage 24 to 32Volts Current 35 Amps
GAABJ50Z GOOD-ARK-GAABJ50Z_15 Datasheet
45Kb / 1P
    Press Fit Avalanche Automotive Rectifier Avalanche Voltage 24 to 32Volts Current 50 Amps
GAAL30 GOOD-ARK-GAAL30_15 Datasheet
53Kb / 1P
   Press Fit Avalanche Automotive Rectifier (LUCAS) Avalanche Voltage 24 to 32Volts Current 30 Amps
GAAH30 GOOD-ARK-GAAH30_15 Datasheet
57Kb / 1P
   Press Fit Avalanche Automotive Rectifier (HITACHI)Avalanche Voltage 24 to 32Volts Current 30 Amps
GAAB40M GOOD-ARK-GAAB40M Datasheet
55Kb / 1P
   Press Fit Avalanche Automotive Rectifier (BOSCH) Avalanche Voltage 37 to 41Volts Current 40 Amps
GAAB40L GOOD-ARK-GAAB40L Datasheet
55Kb / 1P
   Press Fit Avalanche Automotive Rectifier (BOSCH) Avalanche Voltage 20 to 24Volts Current 40 Amps
GAABJ40M GOOD-ARK-GAABJ40M_15 Datasheet
45Kb / 1P
   Press Fit Avalanche Automotive Rectifier Avalanche Voltage 37 to 41Volts Current 40 Amps
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com