Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRH7250 Datasheet(PDF) 3 Page - International Rectifier

Part # IRH7250
Description  Simple Drive Requirements
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRH7250 Datasheet(HTML) 3 Page - International Rectifier

  IRH7250_15 Datasheet HTML 1Page - International Rectifier IRH7250_15 Datasheet HTML 2Page - International Rectifier IRH7250_15 Datasheet HTML 3Page - International Rectifier IRH7250_15 Datasheet HTML 4Page - International Rectifier IRH7250_15 Datasheet HTML 5Page - International Rectifier IRH7250_15 Datasheet HTML 6Page - International Rectifier IRH7250_15 Datasheet HTML 7Page - International Rectifier IRH7250_15 Datasheet HTML 8Page - International Rectifier IRH7250_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.irf.com
3
Pre-Irradiation
IRH7250
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation ➄➅
Parameter
100 KRads(Si)1
300 - 1000K Rads (Si)2
Units
Test Conditions
Min
Max
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
200
200
V
VGS = 0V, ID = 1.0mA
VGS(th)
Gate Threshold Voltage
2.0
4.0
1.25
4.5
VGS = VDS, ID = 1.0mA
IGSS
Gate-to-Source Leakage Forward
100
100
nA
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
-100
VGS = -20 V
IDSS
Zero Gate Voltage Drain Current
25
50
µA
VDS=160V, VGS =0V
RDS(on)
Static Drain-to-Source
0.100
0.155
VGS = 12V, ID =16A
On-State Resistance (TO-3)
RDS(on)
Static Drain-to-Source
0.100
0.155
VGS = 12V, ID =16A
On-State Resistance (TO-204AE)
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capability.
The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-3 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
Radiation Characteristics
1. Part numbers IRH7250
2. Part number IRH3250, IRH4250and IRH8250
Fig a. Single Event Effect, Safe Operating Area
VSD
Diode Forward Voltage
1.4
1.4
V
VGS = 0V, IS = 26A
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
For footnotes refer to the last page
Table 2. Single Event Effect Safe Operating Area
Ion
LET
Energy
Range
VDS(V)
MeV/(mg/cm2))
(MeV)
(µm)
@
VGS=0V @VGS=-5V @VGS=-10V@VGS=-15V @VGS=-20V
Cu
28
285
43
190
180
170
125
Br
36.8
305
39
100
100
100
50
0
50
100
150
200
0
-5
-10
-15
-20
VGS
Cu
Br


Similar Part No. - IRH7250_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRH7250SE IRF-IRH7250SE Datasheet
120Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-204AA/AE)
IRH7250SE IRF-IRH7250SE Datasheet
121Kb / 8P
   Simple Drive Requirements
IRH7250SE IRF-IRH7250SE_15 Datasheet
121Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRH7250_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com