Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRH9150 Datasheet(PDF) 1 Page - International Rectifier

Part # IRH9150
Description  Simple Drive Requirements
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRH9150 Datasheet(HTML) 1 Page - International Rectifier

  IRH9150 Datasheet HTML 1Page - International Rectifier IRH9150 Datasheet HTML 2Page - International Rectifier IRH9150 Datasheet HTML 3Page - International Rectifier IRH9150 Datasheet HTML 4Page - International Rectifier IRH9150 Datasheet HTML 5Page - International Rectifier IRH9150 Datasheet HTML 6Page - International Rectifier IRH9150 Datasheet HTML 7Page - International Rectifier IRH9150 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = -12V, TC = 25°C Continuous Drain Current
-22
ID @ VGS = -12V, TC = 100°C Continuous Drain Current
-14
IDM
Pulsed Drain Current
À
-88
PD @ TC = 25°C
Max. Power Dissipation
150
W
Linear Derating Factor
1.2
W/°C
VGS
Gate-to-Source Voltage
± 20
V
EAS
Single Pulse Avalanche Energy
Á
500
mJ
IAR
Avalanche Current
À
-22
A
EAR
Repetitive Avalanche Energy
À
1.5
mJ
dv/dt
Peak Diode Recovery dv/dt
Â
-23
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
°C
Lead Temperature
300 ( 0.063 in.(1.6mm) from case for 10s)
Weight
11.5 (Typical )
g
Pre-Irradiation
International Rectifier’s RADHard HEXFET® technology
provides high performance power MOSFETs for space
applications. This technology has over a decade of
proven performance and reliability in satellite
applications. These devices have been characterized
for both Total Dose and Single Event Effects (SEE).
The combination of low Rdson and low gate charge
reduces the power losses in switching applications such
as DC to DC converters and motor control. These
devices retain all of the well established advantages of
MOSFETs such as voltage control, fast switching, ease
of paralleling and temperature stability of electrical
parameters.
A
RADIATION HARDENED
POWER MOSFET
THRU-HOLE (T0-204AE)
05/13/14
www.irf.com
1
Product Summary
Part Number
Radiation Level
RDS(on)
ID
IRH9150
100K Rads (Si)
0.075
-22A
IRH93150
300K Rads (Si)
0.075
-22A
For footnotes refer to the last page
IRH9150
100V, P-CHANNEL
RAD Hard
HEXFET
® TECHNOLOGY
TO-204AE
Features:
n Single Event Effect (SEE) Hardened
n Low RDS(on)
n Low Total Gate Charge
n Proton Tolerant
n Simple Drive Requirements
n Ease of Paralleling
n Hermetically Sealed
n Ceramic Package
n Light Weight
PD-90879D


Similar Part No. - IRH9150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRH9150 IRF-IRH9150 Datasheet
109Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
More results

Similar Description - IRH9150

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com