Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

553S Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 553S
Description  Low additive phase jitter RMS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

553S Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 553S Datasheet HTML 2Page - Integrated Device Technology 553S Datasheet HTML 3Page - Integrated Device Technology 553S Datasheet HTML 4Page - Integrated Device Technology 553S Datasheet HTML 5Page - Integrated Device Technology 553S Datasheet HTML 6Page - Integrated Device Technology 553S Datasheet HTML 7Page - Integrated Device Technology 553S Datasheet HTML 8Page - Integrated Device Technology 553S Datasheet HTML 9Page - Integrated Device Technology 553S Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LOW SKEW 1 TO 4 CLOCK BUFFER
6
REVISION A 03/18/15
553S DATASHEET
Phase Noise Plots
The phase noise plots above show the low Additive Jitter of the 553S high-performance buffer. With an integration range of
12kHz to 20MHz, the reference input has about 66fs of RMS phase jitter while the output of 553S has about 76fs of RMS phase
jitter. This results in a low Additive Phase Jitter of only 37fs.
Test Load and Circuit
Figure 1. 553S Reference Phase Noise 66fs
(12kHz to 20MHz)
Figure 2. 553S Output Phase Noise 76fs
(12kHz to 20MHz)
Rs=33ohm
5 inches
CL = 5pF
50ohms


Similar Part No. - 553S

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
553 OSCILENT-553 Datasheet
132Kb / 2P
   PECL Output
logo
Dialight Corporation
553-0101F DIALIGHT-553-0101F Datasheet
176Kb / 1P
   3mm LED BI-LEVEL CBI RoHS COMPLIANT
553-0102F DIALIGHT-553-0102F Datasheet
176Kb / 1P
   3mm LED BI-LEVEL CBI RoHS COMPLIANT
553-0103F DIALIGHT-553-0103F Datasheet
176Kb / 1P
   3mm LED BI-LEVEL CBI RoHS COMPLIANT
553-0107F DIALIGHT-553-0107F Datasheet
176Kb / 1P
   3mm LED BI-LEVEL CBI RoHS COMPLIANT
More results

Similar Description - 553S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
651S IDT-651S Datasheet
222Kb / 12P
   Low additive phase jitter RMS
524S IDT-524S Datasheet
180Kb / 12P
   Low additive phase jitter RMS
551S IDT-551S Datasheet
222Kb / 12P
   Low additive phase jitter RMS
74FCT3807S IDT-74FCT3807S Datasheet
559Kb / 18P
   Low additive phase jitter RMS
74FCT38072S IDT-74FCT38072S Datasheet
125Kb / 11P
   Low additive phase jitter RMS
74FCT38074S IDT-74FCT38074S Datasheet
125Kb / 11P
   Low additive phase jitter RMS
621S IDT-621S Datasheet
221Kb / 12P
   Low additive phase jitter RMS
74FCT38075S IDT-74FCT38075S Datasheet
125Kb / 11P
   Extremely low RMS Additive Phase Jitter
logo
Texas Instruments
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
[Old version datasheet]   LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com