Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

651S Datasheet(PDF) 7 Page - Integrated Device Technology

Part # 651S
Description  Low additive phase jitter RMS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

651S Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button 651S Datasheet HTML 3Page - Integrated Device Technology 651S Datasheet HTML 4Page - Integrated Device Technology 651S Datasheet HTML 5Page - Integrated Device Technology 651S Datasheet HTML 6Page - Integrated Device Technology 651S Datasheet HTML 7Page - Integrated Device Technology 651S Datasheet HTML 8Page - Integrated Device Technology 651S Datasheet HTML 9Page - Integrated Device Technology 651S Datasheet HTML 10Page - Integrated Device Technology 651S Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REVISION A 03/18/15
7
LOW SKEW 1 TO 4 CLOCK BUFFER
651S DATASHEET
Thermal Characteristics (8SOIC)
Marking Diagrams
Notes:
1. “
**” is the lot number.
2. “YYWW” or “YW” are the last digits of the year and week that the part was assembled.
3 “G” denotes RoHS compliant package.
4. “$” denotes the mark code.
5. “I” denotes extended temperature range device.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to Ambient
JA
Still air
150
C/W
JA
1 m/s air flow
140
C/W
JA
3 m/s air flow
120
C/W
Thermal Resistance Junction to Case
JC
40
C/W
651S
YW**
8-pin DFN
IDT
651S
DCGI
YYWW$
8-pin SOIC


Similar Part No. - 651S

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
651 INTEL-651 Datasheet
4Mb / 106P
   Intel Pentium 4 Processor
logo
Marl International Limi...
651 MARL-651 Datasheet
430Kb / 5P
   횠12.7mm mounting Black anodised aluminium housing
651-102-04 MARL-651-102-04 Datasheet
430Kb / 5P
   횠12.7mm mounting Black anodised aluminium housing
651-102-04 MARL-651-102-04 Datasheet
430Kb / 5P
   Suitable for high vibration applications
651-102-20 MARL-651-102-20 Datasheet
430Kb / 5P
   횠12.7mm mounting Black anodised aluminium housing
More results

Similar Description - 651S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
524S IDT-524S Datasheet
180Kb / 12P
   Low additive phase jitter RMS
551S IDT-551S Datasheet
222Kb / 12P
   Low additive phase jitter RMS
553S IDT-553S Datasheet
223Kb / 12P
   Low additive phase jitter RMS
74FCT3807S IDT-74FCT3807S Datasheet
559Kb / 18P
   Low additive phase jitter RMS
74FCT38072S IDT-74FCT38072S Datasheet
125Kb / 11P
   Low additive phase jitter RMS
74FCT38074S IDT-74FCT38074S Datasheet
125Kb / 11P
   Low additive phase jitter RMS
621S IDT-621S Datasheet
221Kb / 12P
   Low additive phase jitter RMS
74FCT38075S IDT-74FCT38075S Datasheet
125Kb / 11P
   Extremely low RMS Additive Phase Jitter
logo
Texas Instruments
LMK1D2102 TI-LMK1D2102 Datasheet
2Mb / 33P
[Old version datasheet]   LMK1D210x Low Additive Jitter LVDS Buffer
SNAS822 ??SEPTEMBER 2021
LMK1D1204 TI-LMK1D1204 Datasheet
1Mb / 35P
[Old version datasheet]   LMK1D120x Low Additive Jitter LVDS Buffer
REVISED AUGUST 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com