Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8731-01 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 8731-01
Description  Differential reference clock input pair
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8731-01 Datasheet(HTML) 2 Page - Integrated Device Technology

  8731-01 Datasheet HTML 1Page - Integrated Device Technology 8731-01 Datasheet HTML 2Page - Integrated Device Technology 8731-01 Datasheet HTML 3Page - Integrated Device Technology 8731-01 Datasheet HTML 4Page - Integrated Device Technology 8731-01 Datasheet HTML 5Page - Integrated Device Technology 8731-01 Datasheet HTML 6Page - Integrated Device Technology 8731-01 Datasheet HTML 7Page - Integrated Device Technology 8731-01 Datasheet HTML 8Page - Integrated Device Technology 8731-01 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LOW SKEW, 1-TO-11 DIFFERENTIAL-TO-3.3V LVPECL
CLOCK MULTIPLIER / ZERO DELAY BUFFER
8731-01 DATA SHEET
2
REVISION B 7/14/15
TABLE 1. PIN DESCRIPTIONS
TABLE 2. PIN CHARACTERISTICS
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
C
IN
Input Capacitance
4
pF
R
PULLUP
Input Pullup Resistor
51
k
Ω
R
PULLDOWN
Input Pulldown Resistor
51
k
Ω
Number
Name
Type
Description
1
MR
Input
Pulldown
Active High Master Reset. When logic HIGH, the internal dividers are
reset causing the true outputs, Qx, to go low and the inverted outputs
nQx to go high. When logic LOW, the internal dividers and the outputs
are enabled. LVCMOS / LVTTL interface levels.
2, 10,
26, 36,
38, 48
V
CCO
Power
Output supply pins.
3, 4,
5, 6
Q8, nQ8,
Q9, nQ9
Output
Differential output pairs.
7, 14, 20,
31, 43
V
EE
Power
Negative supply pins.
8,
9
Q10/FB_OUT,
nQ10/nFB_OUT
Output
Differential clock outputs.
11, 12
FB_IN, nFB_IN
Input
Pulldown
Feedback input to phase detector for generating clocks with
“zero delay”.
15
V
CC
Power
Core supply pin.
16
FB_SEL0
Input
Pulldown
Determines output divider for Q10/FB outputs (see Table 3).
LVCMOS / LVTTL interface levels.
17
FB_SEL1
Input
Pulldown
Determines output divider for Q10/FB outputs (see Table 3).
LVCMOS / LVTTL interface levels.
18
nREF_CLK
Input
Pullup
Inverting differential clock input.
19
REF_CLK
Input
Pulldown Non-inverting differential clock input.
21
V
CCA
Power
Analog supply pin.
22
DIV_SEL0,
Input
Pulldown
Determines output divider values in Table 3.
LVCMOS / LVTTL interface levels.
23
DIV_SEL1
Input
Pulldown
Determines output divider values in Table 3.
LVCMOS / LVTTL interface levels.
24
DIV_SEL2
Input
Pulldown
Determines output divider values in Table 3.
LVCMOS / LVTTL interface levels.
13, 25
nc
Unused
No connect.
27, 28
29, 30
Q0, nQ0,
Q1, nQ1
Output
Differential output pairs.
32, 33,
34, 35
Q2, nQ2,
Q3, nQ3
Output
Differential output pairs.
37
PLL_SEL
Input
Pullup
Selects between the PLL and reference clock as the input to the dividers.
When LOW, selects reference clock. When HIGH, selects PLL. LVCMOS
/ LVTTL interface levels.
39, 40,
41, 42
Q4, nQ4,
Q5, nQ5
Output
Differential output pairs.
44, 45,
46, 47
Q6, nQ6,
Q7, nQ7
Output
Differential output pairs.
NOTE:
Pullup
and
Pulldown
refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.


Similar Part No. - 8731-01

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
8731-01 RENESAS-8731-01 Datasheet
457Kb / 18P
   Low SKEW, 1-to-11 Differential-to-3.3V LVPECL Clock Multiplier / Zero Delay Buffer
REVISION B 7/14/15
More results

Similar Description - 8731-01

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
8T74S208 IDT-8T74S208 Datasheet
353Kb / 18P
   One differential input reference clock
8T74S208A-01 IDT-8T74S208A-01 Datasheet
354Kb / 19P
   One differential input reference clock
8T73S208A-01 IDT-8T73S208A-01 Datasheet
441Kb / 22P
   One differential input reference clock
IDT8P34S1106I IDT-IDT8P34S1106I Datasheet
312Kb / 18P
   One differential clock input pair
ICS874S02I IDT-ICS874S02I Datasheet
3Mb / 16P
   One differential clock input pair
IDT8T39S10I IDT-IDT8T39S10I Datasheet
892Kb / 43P
   Two differential reference clock input pairs
logo
Integrated Silicon Solu...
IS43R32800B ISSI-IS43R32800B Datasheet
556Kb / 39P
   Differential clock input
logo
Integrated Device Techn...
ICS854S006I IDT-ICS854S006I Datasheet
205Kb / 15P
   Low Skew, 1-to-6, Differential-to - LVDS Fanout Buffer One differential clock input pair
logo
Estek Electronics Co. L...
ICL7106 ESTEK-ICL7106 Datasheet
81Kb / 4P
   True Differential input and Reference, Direct Display
logo
Integrated Device Techn...
DT8SLVD1204I IDT-DT8SLVD1204I Datasheet
440Kb / 18P
   Two selectable differential clock input pairs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com