Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

83947 Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 83947
Description  Maximum output frequency
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

83947 Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 83947 Datasheet HTML 2Page - Integrated Device Technology 83947 Datasheet HTML 3Page - Integrated Device Technology 83947 Datasheet HTML 4Page - Integrated Device Technology 83947 Datasheet HTML 5Page - Integrated Device Technology 83947 Datasheet HTML 6Page - Integrated Device Technology 83947 Datasheet HTML 7Page - Integrated Device Technology 83947 Datasheet HTML 8Page - Integrated Device Technology 83947 Datasheet HTML 9Page - Integrated Device Technology 83947 Datasheet HTML 10Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
REVISION B 11/10/14
83947 DATA SHEET
9
LOW SKEW, 1-TO-9 LVCMOS FANOUT BUFFER
REVISION HISTORY SHEET
Rev
Table
Page
Description of Change
Date
AT5
4
AC Characterisitics Table, t
S and tH rows- revised Test Conditions to read
CLK_EN to CLK.
6/21/02
B
T2
T8
1
2
8
Added Lead Free bullet in Features section.
Pin Characteristics Table - changed C
IN from 4pF max. to 4pF min.
R
OUT added 5Ω min and 12Ω max.
Ordering Information Table - add Lead-Free part.
Updated format throughout data sheet.
10/11/04
BT8
8
10
Updated datasheet’s header/footer with IDT from ICS.
Removed ICS prefix from Part/Order Number column.
Added Contact Page.
8/9/10
BT8
8
Updated datasheet format
Ordering information - removed leaded part numbers - PDN CQ-13-02 expired
11/10/14


Similar Part No. - 83947

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
83947AYI-147LF IDT-83947AYI-147LF Datasheet
205Kb / 12P
   Low Skew, 1-to-9 LVCMOS/LVTTL Fanout Buffer
83947AYI-147LFT IDT-83947AYI-147LFT Datasheet
205Kb / 12P
   Low Skew, 1-to-9 LVCMOS/LVTTL Fanout Buffer
83947AYILN IDT-83947AYILN Datasheet
106Kb / 10P
   Low Skew, 1-to-9 LVCMOS Fanout Buffer
logo
Renesas Technology Corp
83947AYILN RENESAS-83947AYILN Datasheet
210Kb / 11P
   Low Skew, 1-to-9 LVCMOS Fanout Buffer
March 17, 2016
logo
Integrated Device Techn...
83947AYILNT IDT-83947AYILNT Datasheet
106Kb / 10P
   Low Skew, 1-to-9 LVCMOS Fanout Buffer
More results

Similar Description - 83947

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S12I IDT-ICS853S12I Datasheet
336Kb / 17P
   Maximum output frequency
83056 IDT-83056 Datasheet
167Kb / 15P
   Maximum output frequency
ICS853S54I IDT-ICS853S54I Datasheet
478Kb / 21P
   Maximum output frequency
83054 IDT-83054 Datasheet
170Kb / 14P
   Maximum output frequency
ICS8530-01 IDT-ICS8530-01 Datasheet
149Kb / 17P
   Maximum output frequency
ICS859S0412I IDT-ICS859S0412I Datasheet
679Kb / 23P
   Maximum output frequency
ICS853S012I IDT-ICS853S012I Datasheet
476Kb / 22P
   Maximum output frequency
logo
Analog Devices
AD9528 AD-AD9528 Datasheet
1Mb / 68P
   Maximum output frequency
logo
Integrated Device Techn...
83918 IDT-83918 Datasheet
266Kb / 19P
   Maximum output frequency
83940D IDT-83940D Datasheet
220Kb / 16P
   Maximum output frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com