Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

87016I Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 87016I
Description  Maximum output frequency
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

87016I Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 87016I Datasheet HTML 6Page - Integrated Device Technology 87016I Datasheet HTML 7Page - Integrated Device Technology 87016I Datasheet HTML 8Page - Integrated Device Technology 87016I Datasheet HTML 9Page - Integrated Device Technology 87016I Datasheet HTML 10Page - Integrated Device Technology 87016I Datasheet HTML 11Page - Integrated Device Technology 87016I Datasheet HTML 12Page - Integrated Device Technology 87016I Datasheet HTML 13Page - Integrated Device Technology 87016I Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Rev C 3/23/15
10
LOW SKEW, 1-TO-16 LVCMOS/LVTTL CLOCK GENERATOR
87016I DATA SHEET
Parameter Measurement Information, continued
Output Skew
Propagation Delay
Output Rise/Fall Time
Part-to-Part Skew
Output Duty Cycle/Pulse Width/Period
tsk(o)
V
DDx
2
V
DDx
2
Qx
Qy
tp
LH
V
DDO
2
V
DD
2
CLK1
CLK1
QA0:QA3,
QB0:QB3,
QC0:QC3,
QD0:QD3
CLK0
Clock
Outputs
20%
80%
80%
20%
tR
t F
tsk(pp)
V
DDOX
2
V
DDOX
2
Par t 1
Par t 2
Qx
Qy
Part 1
Part 2
t
PERIOD
t
PW
t
PERIOD
odc =
V
CCOx
2
x 100%
t
PW
QA0:QA3,
QB0:QB3,
QC0:QC3,
QD0:QD3


Similar Part No. - 87016I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
87016I RENESAS-87016I Datasheet
898Kb / 16P
   Low Skew, 1-to-16 LVCMOS/LVTTL Clock Generator
January 22, 2020
More results

Similar Description - 87016I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S12I IDT-ICS853S12I Datasheet
336Kb / 17P
   Maximum output frequency
83056 IDT-83056 Datasheet
167Kb / 15P
   Maximum output frequency
83947 IDT-83947 Datasheet
122Kb / 10P
   Maximum output frequency
ICS853S54I IDT-ICS853S54I Datasheet
478Kb / 21P
   Maximum output frequency
83054 IDT-83054 Datasheet
170Kb / 14P
   Maximum output frequency
ICS8530-01 IDT-ICS8530-01 Datasheet
149Kb / 17P
   Maximum output frequency
ICS859S0412I IDT-ICS859S0412I Datasheet
679Kb / 23P
   Maximum output frequency
ICS853S012I IDT-ICS853S012I Datasheet
476Kb / 22P
   Maximum output frequency
logo
Analog Devices
AD9528 AD-AD9528 Datasheet
1Mb / 68P
   Maximum output frequency
logo
Integrated Device Techn...
83918 IDT-83918 Datasheet
266Kb / 19P
   Maximum output frequency
83940D IDT-83940D Datasheet
220Kb / 16P
   Maximum output frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com