Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHE7130 Datasheet(PDF) 6 Page - International Rectifier

Part # IRHE7130
Description  Simple Drive Requirements
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHE7130 Datasheet(HTML) 6 Page - International Rectifier

Back Button IRHE7130_15 Datasheet HTML 2Page - International Rectifier IRHE7130_15 Datasheet HTML 3Page - International Rectifier IRHE7130_15 Datasheet HTML 4Page - International Rectifier IRHE7130_15 Datasheet HTML 5Page - International Rectifier IRHE7130_15 Datasheet HTML 6Page - International Rectifier IRHE7130_15 Datasheet HTML 7Page - International Rectifier IRHE7130_15 Datasheet HTML 8Page - International Rectifier IRHE7130_15 Datasheet HTML 9Page - International Rectifier IRHE7130_15 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
www.irf.com
IRHE7130, JANSR2N7261U
Pre-Irradiation
Post-Irradiation
Radiation Characteristics
Fig 10. Typical Output Characteristics
Post-Irradiation 100K Rads (Si)
Fig 9. Typical Output Characteristics
Pre-Irradiation
Fig 11. Typical Output Characteristics
Post-Irradiation 300K Rads (Si)
Fig 12. Typical Output Characteristics
Post-Irradiation 1 Mega Rads (Si)
Note: Bias Conditions during radiation: VGS = 12 Vdc, VDS = 0 Vdc


Similar Part No. - IRHE7130_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHE7130 IRF-IRHE7130 Datasheet
438Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFCACE MOUNT(LCC-18)
IRHE7130 IRF-IRHE7130 Datasheet
300Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFCACE MOUNT(LCC-18)
More results

Similar Description - IRHE7130_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com