Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4508-MAX4509 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4508-MAX4509
Description  Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4508-MAX4509 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4508-MAX4509 Datasheet HTML 1Page - Maxim Integrated Products MAX4508-MAX4509 Datasheet HTML 2Page - Maxim Integrated Products MAX4508-MAX4509 Datasheet HTML 3Page - Maxim Integrated Products MAX4508-MAX4509 Datasheet HTML 4Page - Maxim Integrated Products MAX4508-MAX4509 Datasheet HTML 5Page - Maxim Integrated Products MAX4508-MAX4509 Datasheet HTML 6Page - Maxim Integrated Products MAX4508-MAX4509 Datasheet HTML 7Page - Maxim Integrated Products MAX4508-MAX4509 Datasheet HTML 8Page - Maxim Integrated Products MAX4508-MAX4509 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Fault-Protected, High-Voltage
Single 8-to-1/Dual 4-to-1 Multiplexers
4
_______________________________________________________________________________________
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
CONDITIONS
TA
500
µA
200
300
IGND
GND Supply Current
µA
370
500
I+
V+ Supply Current
±4.5
±20
pF
10
dB
-62
VCT
Channel-to-Channel Crosstalk
(Note 8)
19
pF
14
CN_(OFF)
NO_ Off-Capacitance
RL = 75Ω, CL = 15pF,
VNO_ = 1VRMS, f = 1MHz, Figure 7
All VA_ = 0 or 5V,
VNO_ = 0, VEN = 5V
All VA_ = 0 or 5V,
VNO_ = 0, VEN = 5V
f = 1MHz, Figure 8
+25
° C
C, E, M
+25
° C
+25°C
+25°C
+25
° C
CCOM_(OFF)
COM_ Off-Capacitance
f = 1MHz, Figure 8
CCOM_(ON)
COM_ On-Capacitance
28
pF
22
+25
° C
Power-Supply Range
V+, V-
C, E, M
V
600
C, E
800
M
400
C, E
500
M
µA
200
300
I-
V- Supply Current
All VA_ = 0 or 5V,
VNO_ = 0, VEN = 5V
+25°C
V
0V+
VNO_
Fault-Free Analog Signal Range
(Note 3)
-200
200
INO_(OFF)
NO_ Off-Leakage Current
(Notes 6, 9)
-10
10
nA
-0.5
0.01
0.5
75
10
25
∆RON
On-Resistance Match Between
Channels (Note 5)
50
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
V+ = 12V, V- = 0,
VNO_ = 12V
VCOM_ = 10V, 1V;
VNO_ = 1V, 10V
VCOM_ = 10V, INO_ = 200µA
CONDITIONS
C, E, M
M
C, E
+25°C
M
+25°C
C, E
TA
650
950
RON
1100
1300
On-Resistance
VCOM_ = +10V, INO_ = 200µA
+25°C
C, E
M
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +15V, V- = -15V, VA_H = +2.4V, VA_L = +0.8V, VEN = +2.4V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
ELECTRICAL CHARACTERISTICS—Single +12V Supply
(V+ = +12V, V- = 0, VA_H = +2.4V, VA_L = +0.8V, VEN = +2.4V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
ANALOG SWITCH
POWER SUPPLY
f = 1MHz, Figure 8
MAX4508
MAX4509
MAX4508
MAX4509


Similar Part No. - MAX4508-MAX4509

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4508 MAXIM-MAX4508 Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
MAX4508C/D MAXIM-MAX4508C/D Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
MAX4508CPE MAXIM-MAX4508CPE Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
MAX4508CSE MAXIM-MAX4508CSE Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
MAX4508EPE MAXIM-MAX4508EPE Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
More results

Similar Description - MAX4508-MAX4509

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4708 MAXIM-MAX4708_08 Datasheet
257Kb / 15P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
MAX4708 MAXIM-MAX4708 Datasheet
408Kb / 14P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 0; 9/02
MAX4534 MAXIM-MAX4534_05 Datasheet
585Kb / 14P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 2; 5/05
MAX4534 MAXIM-MAX4534 Datasheet
193Kb / 16P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 0; 1/00
MAX4508 MAXIM-MAX4508_07 Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
MAX4578 MAXIM-MAX4578 Datasheet
177Kb / 20P
   High-Voltage, Single 8-to-1/ Dual 4-to-1 Cal-Multiplexers
Rev 0; 10/98
MAX4539 MAXIM-MAX4539 Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
logo
Analog Devices
ADG5208F AD-ADG5208F Datasheet
635Kb / 27P
   Fault Protection, ??.4 pC QINJ,8:1/Dual 4:1 Multiplexers
ADG5208F AD-ADG5208F_V01 Datasheet
544Kb / 27P
   Fault Protection, ??.4 pC QINJ, 8:1/Dual 4:1 Multiplexers
Rev. A
logo
Aeroflex Circuit Techno...
UT54ACTS153E AEROFLEX-UT54ACTS153E Datasheet
150Kb / 8P
   Dual 4 to 1 Multiplexers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com