Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS853S057I Datasheet(PDF) 2 Page - Integrated Device Technology

Part # ICS853S057I
Description  Maximum input/output frequency
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS853S057I Datasheet(HTML) 2 Page - Integrated Device Technology

  ICS853S057I Datasheet HTML 1Page - Integrated Device Technology ICS853S057I Datasheet HTML 2Page - Integrated Device Technology ICS853S057I Datasheet HTML 3Page - Integrated Device Technology ICS853S057I Datasheet HTML 4Page - Integrated Device Technology ICS853S057I Datasheet HTML 5Page - Integrated Device Technology ICS853S057I Datasheet HTML 6Page - Integrated Device Technology ICS853S057I Datasheet HTML 7Page - Integrated Device Technology ICS853S057I Datasheet HTML 8Page - Integrated Device Technology ICS853S057I Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ICS853S057I Data Sheet
4:1, DIFFERENTIAL-TO-3.3V, 2.5V LVPECL/ECL CLOCK DATA MULTIPLEXER
ICS853S057AGI REVISION A MAY 16, 2012
2
©2012 Integrated Device Technology, Inc.
Table 1. Pin Descriptions
NOTE: Pulldown refers to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Function Tables
Table 3. Control Input Function Table
Number
Name
Type
Description
1, 14, 17, 20
VCC
Power
Positive supply pins.
2
CLK0
Input
Pulldown
Non-inverting differential clock input.
3
nCLK0
Input
Pulldown
Inverting differential clock input.
4
CLK1
Input
Pulldown
Non-inverting differential clock input.
5
nCLK1
Input
Pulldown
Inverting differential clock input.
6
CLK2
Input
Pulldown
Non-inverting differential clock input.
7
nCLK2
Input
Pulldown
Inverting differential clock input.
8
CLK3
Input
Pulldown
Non-inverting differential clock input.
9
nCLK3
Input
Pulldown
Inverting differential clock input.
10, 11
VEE
Power
Negative supply pins.
12, 13
VBB2, VBB1
Output
ECL reference outputs.
15, 16
nQ, Q
Output
Differential output pair. ECL/LVPECL interface levels.
18, 19
SEL0, SEL1
Input
Pulldown
Clock select inputs. ECL/LVPECL or LVCMOS interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4
pF
RPULLDOWN
Input Pulldown Resistor
51
k
Control Inputs
Clock Out
SEL1
SEL0
Q, nQ
0
0 (default)
CLK0, nCLK0
01
CLK1, nCLK1
10
CLK2, nCLK2
11
CLK3, nCLK3


Similar Part No. - ICS853S057I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S004I IDT-ICS853S004I Datasheet
278Kb / 20P
   Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
logo
Renesas Technology Corp
ICS853S004I RENESAS-ICS853S004I Datasheet
474Kb / 21P
   Low Skew, 1-to-4, Differential-to-2.5V, 3.3V LVPECL Fanout Buffer
May 27, 2017
logo
Integrated Device Techn...
ICS853S006I IDT-ICS853S006I Datasheet
310Kb / 19P
   One differential PCLK
logo
Renesas Technology Corp
ICS853S006I RENESAS-ICS853S006I Datasheet
709Kb / 20P
   Low Skew, 1-to-6, Differential-to2.5V, 3.3V LVPECL/ECL Fanout Buffer
NOVEMBER 15, 2011
logo
Integrated Device Techn...
ICS853S011BI IDT-ICS853S011BI Datasheet
830Kb / 20P
   Low Skew, 1-to-2, Differential-to-2.5V, 3.3V LVPECL/ECL Fanout Buffer
More results

Similar Description - ICS853S057I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS831742I IDT-ICS831742I Datasheet
517Kb / 18P
   Maximum input/output clock frequency
ICS853S12I IDT-ICS853S12I Datasheet
336Kb / 17P
   Maximum output frequency
83056 IDT-83056 Datasheet
167Kb / 15P
   Maximum output frequency
83947 IDT-83947 Datasheet
122Kb / 10P
   Maximum output frequency
ICS853S54I IDT-ICS853S54I Datasheet
478Kb / 21P
   Maximum output frequency
83054 IDT-83054 Datasheet
170Kb / 14P
   Maximum output frequency
ICS8530-01 IDT-ICS8530-01 Datasheet
149Kb / 17P
   Maximum output frequency
ICS859S0412I IDT-ICS859S0412I Datasheet
679Kb / 23P
   Maximum output frequency
ICS853S012I IDT-ICS853S012I Datasheet
476Kb / 22P
   Maximum output frequency
logo
Analog Devices
AD9528 AD-AD9528 Datasheet
1Mb / 68P
   Maximum output frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com