Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4515MJA Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4515MJA
Description  Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4515MJA Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4515MJA Datasheet HTML 1Page - Maxim Integrated Products MAX4515MJA Datasheet HTML 2Page - Maxim Integrated Products MAX4515MJA Datasheet HTML 3Page - Maxim Integrated Products MAX4515MJA Datasheet HTML 4Page - Maxim Integrated Products MAX4515MJA Datasheet HTML 5Page - Maxim Integrated Products MAX4515MJA Datasheet HTML 6Page - Maxim Integrated Products MAX4515MJA Datasheet HTML 7Page - Maxim Integrated Products MAX4515MJA Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
30
0
5
10
02
3
4
15
ON-RESISTANCE vs.
VCOM OVER TEMPERATURE
VCOM (V)
15
20
25
V+ = +5V
TA = +125°C
TA = +85°C
TA = +70°C
TA = 0°C
TA = -55°C
TA = +25°C
100
1
06
8
10
24
12
ON-RESISTANCE vs. VCOM
VCOM (V)
10
V+ = +2V
V+ = +3V
V+ = +5V
V+ = +9V
V+ = +12V
30
-10
-5
5
0
06
48
10
212
CHARGE INJECTION vs. VCOM
VCOM (V)
15
10
20
25
VNO/NC, V+ = +3V
VNO/NC, V+ = +12V
VNO/NC, V+ = +5V
VNO/NC, V+ = +10V
__________________________________________Typical Operating Characteristics
(V+ = +5V, GND = 0V, TA = +25°C, unless otherwise noted.)
Low-Voltage, Low-On-Resistance,
SPST, CMOS Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS— +3V Supply
(V+ = +3V to +3.6V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 2: The algebraic convention is used in this data sheet; the most negative value is shown in the minimum column.
Note 3: Leakage parameters are 100% tested at maximum-rated hot operating temperature, and are guaranteed by correlation at +25°C.
Note 4: Guaranteed, not production tested.
Note 5: SOT packaged parts are 100% tested at +25°C. Limits at maximum and minimum rated temperature are guaranteed by
design and correlation limits at +25°C.
75
RON
20
50
COM to NO or NC
On-Resistance
CONDITIONS
Figure 2
ns
240
tON
Turn-On Time
(Note 4)
45
150
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
V
0V+
VCOM, VNO,
VNC
Analog Signal Range
V
2.4
V+
VINH
Input Logic High
VIN = V+, 0V
µA
V
0
0.80
VINL
-1
0.03
1
IINH, IINL
Input Current Logic
High or Low
Input Logic Low
Figure 2
ns
150
tOFF
Turn-Off Time
(Note 4)
30
100
TA = TMIN to TMAX
TA = +25°C
pC
410
Q
Charge Injection
(Note 4)
CL = 1nF, Figure 1
IN = 0V or V+
µA
-10
10
I+
V+ Supply Current
-1
1
TA = TMIN to TMAX
TA = +25°C
VCOM = 1.5V, INO = 1mA,
V+ = 3V
ANALOG SWITCH
DIGITAL I/O
SWITCH DYNAMIC CHARACTERISTICS
POWER SUPPLY
TA = +25°C


Similar Part No. - MAX4515MJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4510 MAXIM-MAX4510 Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4510EUA MAXIM-MAX4510EUA Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4510EUT-T MAXIM-MAX4510EUT-T Datasheet
156Kb / 12P
   Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 10/99
MAX4511 MAXIM-MAX4511 Datasheet
310Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 6/98
MAX4511C/D MAXIM-MAX4511C/D Datasheet
310Kb / 16P
   Quad, Rail-to-Rail, Fault-Protected, SPST Analog Switches
Rev 0; 6/98
More results

Similar Description - MAX4515MJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4514EUK-T MAXIM-MAX4514EUK-T Datasheet
396Kb / 8P
   Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 1; 5/05
MAX4514 MAXIM-MAX4514_V01 Datasheet
396Kb / 8P
    Low-Voltage, Low-On-Resistance, SPST, CMOS Analog Switches
2005
logo
Texas Instruments
TS12A4514 TI-TS12A4514 Datasheet
269Kb / 15P
[Old version datasheet]   LOW-VOLTAGE, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A44513 TI-TS12A44513_10 Datasheet
459Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_14 Datasheet
936Kb / 19P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
logo
Maxim Integrated Produc...
MAX4516 MAXIM-MAX4516 Datasheet
84Kb / 8P
   Dual-Supply, Low-On-Resistance, SPST, CMOS Analog Switches
Rev 0; 6/96
logo
Texas Instruments
TS12A44513 TI-TS12A44513 Datasheet
494Kb / 16P
[Old version datasheet]   LOW ON-STATE RESISTANCE QUAD SPST CMOS ANALOG SWITCHES
TS12A4516 TI-TS12A4516_10 Datasheet
461Kb / 14P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
TS12A44513 TI1-TS12A44513_16 Datasheet
962Kb / 24P
[Old version datasheet]   Low ON-State Resistance 4-Channel SPST CMOS Analog Switches
TS12A4516_101 TI-TS12A4516_101 Datasheet
519Kb / 15P
[Old version datasheet]   DUAL SUPPLY, LOW ON-STATE RESISTANCE SPST CMOS ANALOG SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com