Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4550CAI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4550CAI
Description  Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4550CAI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4550CAI Datasheet HTML 1Page - Maxim Integrated Products MAX4550CAI Datasheet HTML 2Page - Maxim Integrated Products MAX4550CAI Datasheet HTML 3Page - Maxim Integrated Products MAX4550CAI Datasheet HTML 4Page - Maxim Integrated Products MAX4550CAI Datasheet HTML 5Page - Maxim Integrated Products MAX4550CAI Datasheet HTML 6Page - Maxim Integrated Products MAX4550CAI Datasheet HTML 7Page - Maxim Integrated Products MAX4550CAI Datasheet HTML 8Page - Maxim Integrated Products MAX4550CAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX4550/MAX4570 serial-interface, programma-
ble, dual 4x2 audio/video crosspoint switches are ideal
for multimedia applications. Each device contains two
identical crosspoint switch arrays, each with four inputs
and two outputs. To improve off-isolation, use the addi-
tional crosspoint inputs SA and SB as shunts. Each out-
put is selectively programmable for clickless or regular
mode operation. A set of internal resistive voltage-
dividers supplies DC bias for each output when using
AC-coupled inputs. Additionally, four auxiliary outputs
control additional circuitry via the MAX4550/MAX4570’s
2-wire or 3-wire interface.
The MAX4550/MAX4570 feature 80
Ω on-resistance, 10Ω
on-resistance matching between channels, 5
Ω on-
resistance flatness, and 0.014% total harmonic distor-
tion. Additionally, they feature off-isolation of at least
-110dB in the audio frequency range and -78dB at
4MHz, with -95dB crosstalk in the audio frequency
range and -54dB at 4MHz. The MAX4550 uses a 2-wire
I2C-compatible serial interface, while the MAX4570
uses a 3-wire SPI™/QSPI™ or MICROWIRE™-compati-
ble serial interface. These parts are available in 28-pin
SSOP and wide SO packages and are tested over
either the commercial (0°C to +70°C) or extended
(-40°C to +85°C) operating temperature range.
Applications
Set-Top Boxes
PC Multimedia Boards
High-End Audio Systems
Video Conferencing Systems
Features
o Selectable Soft Switching Mode for Clickless
Audio Operation
o 43
Ω Typical On-Resistance (±5V Supplies)
o 5
Ω Typical On-Resistance Matching Between
Channels
o 4
Ω Typical On-Resistance Flatness
o 0.014% Total Harmonic Distortion with 1k
Ω Load
o -110dB Off-Isolation at 20kHz
-78dB Off-Isolation at 4MHz
o -95dB Crosstalk at 20kHz
-54dB Crosstalk at 4MHz
o Serial Interface
2-Wire, Fast-Mode, I2C-Compatible (MAX4550)
3-Wire, SPI/QSPI/MICROWIRE-Compatible
(MAX4570)
o Four Auxiliary Outputs that Extend µP Ports
o Single-Supply Operation: +2.7V to +5.5V
Dual-Supply Operation: ±2.7V to ±5.5V
Serially Controlled, Dual 4x2, Clickless
Audio/Video Analog Crosspoint Switches
________________________________________________________________
Maxim Integrated Products
1
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
SA
NO2B
NO2A
V-
V+
NO1B
SDA (DIN)
NO1A
GND
COM1A
Q3
COM1B
Q2
A1 (DOUT)
SCL (SCLK)
A0 (CS)
Q1
COM2B
( ) ARE FOR MAX4570.
Q0
COM2A
V+
NO4B
NO4A
BIASL
BIASH
NO3B
NO3A
SB
SO/SSOP
TOP VIEW
MAX4550
MAX4570
19-1397; Rev 0; 10/98
PART
MAX4550CAI
MAX4550CWI
MAX4550EAI
-40°C to +85°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
28 SSOP
28 Wide SO
28 SSOP
EVALUATION
KIT
AVAILABLE
Functional Diagram appears at end of data sheet.
Pin Configuration
Ordering Information
MAX4550EWI
-40°C to +85°C
28 Wide SO
MAX4570CAI
MAX4570CWI
MAX4570EAI
-40°C to +85°C
0°C to +70°C
0°C to +70°C
28 SSOP
28 Wide SO
28 SSOP
MAX4570EWI
-40°C to +85°C
28 Wide SO
I2C is a trademark of Philips Corp.
SPI/QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor Corp.


Similar Part No. - MAX4550CAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX455 MAXIM-MAX455 Datasheet
301Kb / 8P
   CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX4551 MAXIM-MAX4551 Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4551C/D MAXIM-MAX4551C/D Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4551CEE MAXIM-MAX4551CEE Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
MAX4551CPE MAXIM-MAX4551CPE Datasheet
325Kb / 16P
   짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Rev 0; 10/98
More results

Similar Description - MAX4550CAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4571 MAXIM-MAX4571 Datasheet
315Kb / 16P
   Serially Controlled, Clickless Audio/Video Switches
Rev 1; 4/99
MAX4562 MAXIM-MAX4562 Datasheet
219Kb / 16P
   Serially Controlled, Clickless Audio/Video Switches
Rev 0; 4/99
MAX4548 MAXIM-MAX4548 Datasheet
273Kb / 20P
   Serially Controlled, Triple 3x2 Audio/Video Crosspoint Switches
Rev 0; 6/99
MAX4584 MAXIM-MAX4584 Datasheet
135Kb / 12P
   Serially Controlled Audio/Video Switches
Rev 0; 8/99
logo
Analog Devices
AD8106 AD-AD8106_15 Datasheet
580Kb / 28P
   Video Crosspoint Switches
REV. 0
AD8107 AD-AD8107_15 Datasheet
580Kb / 28P
   Video Crosspoint Switches
REV. 0
AD8106 AD-AD8106_16 Datasheet
416Kb / 22P
   Video Crosspoint Switches
ADG739 AD-ADG739_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
logo
Pericom Semiconductor C...
PI3A212S PERICOM-PI3A212S Datasheet
632Kb / 8P
   Small Plastic Package, Dual SPDT Audio Clickless Analog Switch (with Shunt Switches)
logo
Analog Devices
ADG738 AD-ADG738_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com