Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHF9230 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHF9230
Description  Simple Drive Requirements
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHF9230 Datasheet(HTML) 1 Page - International Rectifier

  IRHF9230 Datasheet HTML 1Page - International Rectifier IRHF9230 Datasheet HTML 2Page - International Rectifier IRHF9230 Datasheet HTML 3Page - International Rectifier IRHF9230 Datasheet HTML 4Page - International Rectifier IRHF9230 Datasheet HTML 5Page - International Rectifier IRHF9230 Datasheet HTML 6Page - International Rectifier IRHF9230 Datasheet HTML 7Page - International Rectifier IRHF9230 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = -12V, TC = 25°C
Continuous Drain Current
-4.0
ID @ VGS = -12V, TC = 100°C Continuous Drain Current
-2.4
IDM
Pulsed Drain Current ➀
-16
PD @ TC = 25°C
Max. Power Dissipation
25
W
Linear Derating Factor
0.2
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
171
mJ
IAR
Avalanche Current ➀
-4.0
A
EAR
Repetitive Avalanche Energy ➀
2.5
mJ
dv/dt
Peak Diode Recovery dv/dt ➂
-27
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Lead Temperature
300 ( 0.063 in. (1.6mm) from case for 10s)
Weight
0.98 (typical)
g
PD - 91312E
Pre-Irradiation
International Rectifier’s RAD-Hard HEXFETTM technol-
ogy provides high performance power MOSFETs for
space applications. This technology has over a de-
cade of proven performance and reliability in satellite
applications. These devices have been character-
ized for both Total Dose and Single Event Effects (SEE).
The combination of low Rds(on) and low gate charge
reduces the power losses in switching applications
such as DC to DC converters and motor control. These
devices retain all of the well established advantages
of MOSFETs such as voltage control, fast switching,
ease of paralleling and temperature stability of elec-
trical parameters.
oC
A
2/18/03
www.irf.com
1
TO-39
Product Summary
Part Number Radiation Level
RDS(on)
ID
QPL Part Number
IRHF9230
100K Rads (Si)
0.80
-4.0A
JANSR2N7390
IRHF93230
300K Rads (Si)
0.80
-4.0A
JANSF2N7390
Features:
n Single Event Effect (SEE) Hardened
n Low RDS(on)
n LowTotal Gate Charge
n Proton Tolerant
n SimpleDriveRequirements
n Ease of Paralleling
n Hermetically Sealed
n Ceramic Package
n Light Weight
For footnotes refer to the last page
IRHF9230
JANSR2N7390
RADIATION HARDENED
200V, P-CHANNEL
POWER MOSFET
REF: MIL-PRF-19500/630
THRU-HOLE (TO-39)
RAD-Hard
HEXFET
®
TECHNOLOGY


Similar Part No. - IRHF9230

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHF9230 IRF-IRHF9230 Datasheet
141Kb / 8P
   RADIATION HARDENED POWER MOSFET
More results

Similar Description - IRHF9230

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com