Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA355QDBVRQ1 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # OPA355QDBVRQ1
Description  200-MHz CMOS Operational Amplifier With Shutdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA355QDBVRQ1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA355QDBVRQ1 Datasheet HTML 4Page - Texas Instruments OPA355QDBVRQ1 Datasheet HTML 5Page - Texas Instruments OPA355QDBVRQ1 Datasheet HTML 6Page - Texas Instruments OPA355QDBVRQ1 Datasheet HTML 7Page - Texas Instruments OPA355QDBVRQ1 Datasheet HTML 8Page - Texas Instruments OPA355QDBVRQ1 Datasheet HTML 9Page - Texas Instruments OPA355QDBVRQ1 Datasheet HTML 10Page - Texas Instruments OPA355QDBVRQ1 Datasheet HTML 11Page - Texas Instruments OPA355QDBVRQ1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Frequency (Hz)
10M
100M
100k
1M
1G
10k
100
90
80
70
60
50
40
30
20
10
0
DPSRR
+PSRR
CMRR
Frequency (Hz)
10M
100M
100k
1M
1G
1k
10k
180
160
140
120
100
80
60
40
20
0
–20
Gain
Phase
R = 1 kW
L
R = 150 kW
L
Capacitive Load (pF)
10
100
1
120
100
80
60
40
20
0
OPA355-Q1
C
L
R
S
V
I
V
O
1k
604
604
(1k is
Optional)
Frequency (Hz)
10M
100M
1G
1M
3
0
D3
D6
D9
D12
D15
C = 100 pF
L
R = 24
S
C = 47 pF
L
R = 36
S
C = 5.6 pF
L
R = 80
S
OPA355-Q1
C
L
R
S
V
I
V
O
1k
604
604
(1k is
Optional)
Frequency (Hz)
10M
1M
100M
1G
100k
3
0
–3
–6
–9
–12
–15
R = 50
L
R = 150
L
R = 1k
L
R = 10k
L
Frequency (Hz)
10M
1M
100M
1G
100k
9
6
3
0
–3
–6
–9
–12
–15
C = 100 pF
L
C = 47 pF
L
C = 5.6 pF
L
OPA355-Q1
SLOS868B – DECEMBER 2013 – REVISED JUNE 2014
www.ti.com
Typical Characteristics (continued)
At TA = 25°C, VS = 5 V, G = 2, RF = 604 Ω, and RL = 150 Ω connected to VS / 2, unless otherwise noted.
CL = 0 pF
VO = 0.1 VP-P
RS = 0
VO = 0.1 VP-P
Figure 13. Frequency Response for Various RL
Figure 14. Frequency Response for Various CL
Figure 15. Recommended RS vs Capacitive Load
Figure 16. Frequency Response vs Capacitive Load
Figure 17. Common-Mode Rejection Ratio and Power-
Figure 18. Open-Loop Gain and Phase
Supply Rejection Ratio vs Frequency
8
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: OPA355-Q1


Similar Part No. - OPA355QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA355 TI-OPA355 Datasheet
390Kb / 20P
[Old version datasheet]   1.6GHz, Low-Noise, FET-Input OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA355 BURR-BROWN-OPA355 Datasheet
329Kb / 15P
   3V Video Amplifier with 6dB Gain and Filter in SC70
logo
Texas Instruments
OPA355 TI-OPA355 Datasheet
538Kb / 18P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI-OPA355 Datasheet
1Mb / 26P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
OPA355 TI-OPA355 Datasheet
814Kb / 25P
[Old version datasheet]   Wideband, Unity-Gain Stable, FET-Input OPERATIONAL AMPLIFIER
More results

Similar Description - OPA355QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6601 NSC-LMH6601_09 Datasheet
1Mb / 28P
   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
LMH6601 TI1-LMH6601 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
LMH6601-Q1 TI1-LMH6601-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   250 MHz, 2.4V CMOS Operational Amplifier with Shutdown
OPA2356-EP TI1-OPA2356-EP Datasheet
1Mb / 29P
[Old version datasheet]   200-MHz, CMOS operational amplifier
OPA356-Q1 TI-OPA356-Q1_15 Datasheet
900Kb / 18P
[Old version datasheet]   200-MHz CMOS OPERATIONAL AMPLIFIER
OPA322 TI1-OPA322_16 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Operational Amplifier with Shutdown
OPA322-Q1 TI1-OPA322-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   CMOS Operational Amplifier With Shutdown
OPA356-Q1 TI1-OPA356-Q1 Datasheet
791Kb / 17P
[Old version datasheet]   200-MHz CMOS OPERATIONAL AMPLIFIER
OPA2356-EP_1904 TI1-OPA2356-EP_1904 Datasheet
1Mb / 29P
[Old version datasheet]   200-MHz, CMOS operational amplifier
OPA355NA TI1-OPA355NA Datasheet
823Kb / 24P
[Old version datasheet]   200MHz, CMOS OPERATIONAL AMPLIFIER WITH SHUTDOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com