Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4562 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4562
Description  Serially Controlled, Clickless Audio/Video Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4562 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4562 Datasheet HTML 6Page - Maxim Integrated Products MAX4562 Datasheet HTML 7Page - Maxim Integrated Products MAX4562 Datasheet HTML 8Page - Maxim Integrated Products MAX4562 Datasheet HTML 9Page - Maxim Integrated Products MAX4562 Datasheet HTML 10Page - Maxim Integrated Products MAX4562 Datasheet HTML 11Page - Maxim Integrated Products MAX4562 Datasheet HTML 12Page - Maxim Integrated Products MAX4562 Datasheet HTML 13Page - Maxim Integrated Products MAX4562 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Serially Controlled, Clickless
Audio/Video Switches
10
______________________________________________________________________________________
Detailed Description
The MAX4562/MAX4563 are serial-interface controlled
switches with soft-mode “clickless” and hard-mode oper-
ating capability. The MAX4562/MAX4563 contain two
SPST switches and two SPDT switches. The SPDT
switches are actually 2-to-1 multiplexers, in that each
SPDT is really two independent SPST switches with a
common node, as shown in the
Pin Configuration. Each
switch is controlled independently by either the 2-wire
I2C-compatible or 3-wire SPI/QSPI/MICROWIRE-compat-
ible serial interface.
Audio off-isolation and crosstalk is -85dB at 20kHz.
Video off-isolation and crosstalk is at least -55dB at
10MHz.
Each switch of either device may be set to operate in
either soft or hard mode. In soft mode, the switching
transition is slowed to avoid the audible “clicking” that
can occur when switches are used to route audio sig-
nals. In hard mode, the switches are not slowed down,
making this mode useful when a faster response is
required. If a new command is issued while any soft-
mode switch is transitioning, the switch transition time is
decreased so it reaches its final state before the new
command is executed. Soft mode and open are the
power-up default states for all switches. Switches in the
same mode are guaranteed to be break-before-make
relative to each other. Break-before-make does not apply
between switches operating in different modes.
These devices operate from a +2.7V to +5.5V single
supply. The MAX4562 features a 2-wire I2C-compatible
serial interface, and the MAX4563 features a 3-wire
SPI/QSPI/MICROWIRE-compatible serial interface.
SCL
SDA
tLOW
tHIGH
tF
tR
tHD, STA
tHD, DAT
tHD, STA
tSU, DAT
tSU, STA
tBUF
tSU, STO
START CONDITION
STOP CONDITION
REPEATED START CONDITION
START CONDITION
20%
70%
20%
70%
20%
70%
20%
70%
20%
70%
20%
70%
20%
70%
70%
20%
70%
70%
70%
Figure 3. 2-Wire Serial-Interface Timing Diagram
START CONDITION
STOP CONDITION
COMMAND BYTE
SLAVE ADDRESS BYTE
SCL
SDA
MSB
MSB
LSB
LSB
ACK
ACK
Figure 4. A Complete 2-Wire Serial-Interface Transmission


Similar Part No. - MAX4562

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX456 MAXIM-MAX456 Datasheet
99Kb / 12P
   8 x 8 Video Crosspoint Switch
Rev 2; 2/94
MAX4560 MAXIM-MAX4560 Datasheet
305Kb / 16P
   짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
MAX4560CEE MAXIM-MAX4560CEE Datasheet
305Kb / 16P
   짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
MAX4560CPE MAXIM-MAX4560CPE Datasheet
305Kb / 16P
   짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
MAX4560CSE MAXIM-MAX4560CSE Datasheet
305Kb / 16P
   짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
More results

Similar Description - MAX4562

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4571 MAXIM-MAX4571 Datasheet
315Kb / 16P
   Serially Controlled, Clickless Audio/Video Switches
Rev 1; 4/99
MAX4550 MAXIM-MAX4550 Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4584 MAXIM-MAX4584 Datasheet
135Kb / 12P
   Serially Controlled Audio/Video Switches
Rev 0; 8/99
MAX4548 MAXIM-MAX4548 Datasheet
273Kb / 20P
   Serially Controlled, Triple 3x2 Audio/Video Crosspoint Switches
Rev 0; 6/99
logo
Analog Devices
ADG739 AD-ADG739_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
ADG738 AD-ADG738_15 Datasheet
352Kb / 20P
   Serially-Controlled, Matrix Switches
REV. A
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
ADG715 AD-ADG715_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
logo
Maxim Integrated Produc...
MAX4910 MAXIM-MAX4910 Datasheet
676Kb / 13P
   Quad-SPDT, Clickless Audio Switches with Negative Signal Handling
Rev 0; 2/06
logo
Analog Devices
ADG714 AD-ADG714_02 Datasheet
232Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com