Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4554EPE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4554EPE
Description  Force-Sense Switches
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4554EPE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4554EPE Datasheet HTML 1Page - Maxim Integrated Products MAX4554EPE Datasheet HTML 2Page - Maxim Integrated Products MAX4554EPE Datasheet HTML 3Page - Maxim Integrated Products MAX4554EPE Datasheet HTML 4Page - Maxim Integrated Products MAX4554EPE Datasheet HTML 5Page - Maxim Integrated Products MAX4554EPE Datasheet HTML 6Page - Maxim Integrated Products MAX4554EPE Datasheet HTML 7Page - Maxim Integrated Products MAX4554EPE Datasheet HTML 8Page - Maxim Integrated Products MAX4554EPE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Force-Sense Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—MAX4554 (+20V, -10V Supplies) (continued)
(V+ = +20V, V- = -10V, VL = 5V, GND = 0V, VIN_H = 2.4V, VIN_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.)
SWITCH DYNAMIC CHARACTERISTICS
LOGIC INPUT
+25°C
COMS, COMG
On-Capacitance
CON
30
pF
VCOMS, VCOMG = GND; f = 1MHz;
Figure 14
+25°C
COMF On-Capacitance
CON
130
pF
VCOMF = GND, f = 1MHz, Figure 14
+25°C
Off Isolation (Force)
VISO
-30
dB
RIN_ = 50Ω, ROUT = 50Ω, f = 1MHz,
VCOM_ = 100mVRMS, Figure 15
+25°C
C, E
170
275
Enable Time Off
+25°C
C, E
tEN
350
375
500
ns
Enable Time On
tEN
600
ns
VCOM_ = 10V, Figure 11
VCOM_ = 10V, Figure 11
+25°C
C, E
130
300
Turn-Off Time
(Sense-Guard)
+25°C
C, E
tOFF
350
130
300
ns
Turn-Off Time (Force)
tOFF
350
ns
VCOMS, VCOMG = 10V; RL = 1kΩ;
Figure 10
VCOMF = 3V, RL = 300Ω,
Figure 10
+25°C
C, E
150
300
Turn-On Time
(Sense-Guard)
tON
350
ns
VCOMS, VCOMG = 10V; RL = 1kΩ;
Figure 10
+25°C
+25°C
COMS, COMG
Off-Capacitance
COFF
15
pF
Total Harmonic Distortion
(Force)
THD
0.007
%
VCOMS, VCOMG = GND; f = 1MHz;
Figure 14
C, E
IN_, EN Input Current Logic
High or Low
IIN_H, IIN_L,
IENH, IENL
-0.5
0.03
0.5
µA
VIN_ = VEN = 0 or VL
C, E
IN_, EN Input Logic
Threshold Low
VIN_L,
VENL
0.8
1.6
V
+25°C
C, E
+25°C
+25°C
+25°C
150
300
Turn-On Time (Force)
tON
350
ns
NOF_ Off-Capacitance
COFF
22
pF
NOS_, NOG_
Off-Capacitance
COFF
7
pF
COMF Off-Capacitance
COFF
50
pF
VCOMF = 3V, RL = 300Ω,
Figure 10
VNOF = GND, f = 1MHz, Figure 14
VNOS_, VNOG_ = GND; f = 1MHz;
Figure 14
VCOMF = GND, f = 1MHz, Figure 14
C, E
+25°C
C, E
+25°C
C, E
ICOMS(OFF),
ICOMG(OFF)
-2.5
2.5
nA
COMS, COMG On-Leakage
Current
-0.5
0.04
0.5
ICOMS(ON),
ICOMG(ON)
-5.0
5.0
nA
Charge Injection
Q
6
pC
IN_, EN Input Logic
Threshold High
VIN_H,
VENH
1.6
2.4
V
V+ = 22V; V- = -11V; VCOM_ = ±10V;
VNOS_, VNOG_ = ±10V
V+ = 22V, V- = -11V, VCOM_ = ±10V
VCOM_ = 0, Figure 13
C, E
+25°C
COMS, COMG Off-Leakage
Current
INOS_(OFF),
INOG_(OFF)
-2.5
2.5
nA
-0.25
0.02
0.25
V+ = 22V; V- = -11V; VCOM_ = ±10V;
VNOS_, VNOG_ = ±10V
+25°C
C, E
+25°C
On-Resistance Flatness
(Note 5)
3.5
9
RFLAT(ON)
10
NOS_, NOG_ Off-Leakage
Current
-0.25
0.02
0.25
VCOM_ = +5V, 0V, -5V;
ICOM_ = 10mA
TA
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
CONDITIONS
SWITCH DYNAMIC CHARACTERISTICS


Similar Part No. - MAX4554EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX455 MAXIM-MAX455 Datasheet
301Kb / 8P
   CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX4550 MAXIM-MAX4550 Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4550-MAX4570 MAXIM-MAX4550-MAX4570 Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4550CAI MAXIM-MAX4550CAI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4550CWI MAXIM-MAX4550CWI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
More results

Similar Description - MAX4554EPE

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DT1A-A1AA HIROSE-DT1A-A1AA Datasheet
663Kb / 3P
   Snap-Action Switches Light operating force
logo
Maxim Integrated Produc...
MAX5171 MAXIM-MAX5171 Datasheet
256Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX5175 MAXIM-MAX5175 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX16913 MAXIM-MAX16913_V01 Datasheet
1Mb / 12P
   Remote Antenna Current-Sense Amplifier and Switches
2015
MAX16946 MAXIM-MAX16946_V01 Datasheet
1Mb / 20P
   Remote Antenna, Current-Sense and LDO/Switches
2014
MAX16946 MAXIM-MAX16946 Datasheet
2Mb / 21P
   Remote Antenna, Current-Sense and LDO/Switches
Rev 1 6/13
MAX16913 MAXIM-MAX16913 Datasheet
134Kb / 10P
   Remote Antenna Current-Sense Amplifier and Switches
Rev 0; 7/08
MAX5122 MAXIM-MAX5122 Datasheet
285Kb / 20P
   5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX5132 MAXIM-MAX5132 Datasheet
280Kb / 20P
   5V/3V, 13-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
logo
ALPS ELECTRIC CO.,LTD.
HSFPAR003A ALPS-HSFPAR003A Datasheet
1Mb / 19P
   Force Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com