Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4554EPE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4554EPE
Description  Force-Sense Switches
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4554EPE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4554EPE Datasheet HTML 3Page - Maxim Integrated Products MAX4554EPE Datasheet HTML 4Page - Maxim Integrated Products MAX4554EPE Datasheet HTML 5Page - Maxim Integrated Products MAX4554EPE Datasheet HTML 6Page - Maxim Integrated Products MAX4554EPE Datasheet HTML 7Page - Maxim Integrated Products MAX4554EPE Datasheet HTML 8Page - Maxim Integrated Products MAX4554EPE Datasheet HTML 9Page - Maxim Integrated Products MAX4554EPE Datasheet HTML 10Page - Maxim Integrated Products MAX4554EPE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Force-Sense Switches
_______________________________________________________________________________________
7
ELECTRICAL CHARACTERISTICS—MAX4555 (±15V Supplies) (continued)
(V+ = +15V, V- = -15V, VL = 5V, GND = 0V, VIN_H = 2.4V, VIN_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.)
V+ = 16.5V, V- = -16.5V,
VCOM_ = ±10V, VNO_ =
10V
-0.3
0.01
0.3
nA
(Note 3)
-2.5
2.5
INC_(OFF)
COM_ Off-Leakage Current
+25°C
C, E
VCOM_ = 0, Figure 13
V+ = 16.5V, V- = -16.5V,
VNC_ = ±10V
V+ = 16.5V, V- = -16.5V,
VCOM_ = ±10V, VNO_ =
10V
CONDITIONS
pC
4
Q
Charge Injection
nA
-5.0
5.0
INC_(ON)
VCOM_ = ±10V, ICOM_ = 10mA
-0.6
0.02
0.6
COM_ On-Leakage Current
nA
-2.5
2.5
ICOM_(OFF)
+25°C
C, E
+25°C
C, E
V
V-
V+
VCOM_, VNO_
Analog Signal Range
45
RON
On-Resistance
C, E
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
C, E
TA
VCOM_ = +5V, 0V, -5V;
ICOM_ = 10mA
VCOM_ = ±10V, ICOM_ = 10mA
-0.3
0.01
0.3
NC_ Off-Leakage Current
6
RFLAT(ON)
0.6
5
On-Resistance Flatness
(Note 5)
5
∆RON
0.6
4
On-Resistance Match
(Note 4)
15
30
+25°C
C, E
+25°C
C, E
+25°C
+25°C
V
1.6
2.4
VIN_H
IN_ Input Logic Threshold
High
C, E
V
0.8
1.6
VIN_L
IN_ Input Logic Threshold
Low
C, E
VIN_ = 0.8V or 2.4V
µA
-0.5
0.03
0.5
IIN_H,
IIN_L
IN_ Input Current Logic
High or Low
C, E
155
275
+25°C
VCOM_ = ±3V, RL = 300Ω,
Figure 10
ns
325
tON
Turn-On Time (Force)
C, E
125
225
+25°C
VCOM_ = ±10V, RL = 1kΩ,
Figure 10
ns
275
tON
Turn-On Time
(Sense-Guard)
C, E
125
225
+25°C
190
275
VCOM_ = ±10V, RL = 1kΩ,
Figure 10
ns
+25°C
VCOM_ = ±3V, RL = 300Ω,
Figure 10
ns
325
tOFF
Turn-Off Time (Force)
C, E
275
tOFF
Turn-Off Time
(Sense-Guard)
C, E
29
+25°C
VCOM_, VNO_ = GND; f = 1MHz;
Figure 14
pF
9
COFF
COM_ Off-Capacitance
(Force)
+25°C
COM_ On-Capacitance
(Sense-Guard)
CON
VCOM_, VNO_ = GND; f = 1MHz;
Figure 14
pF
107
+25°C
VCOM_, VNO_ = GND; f = 1MHz;
Figure 14
pF
29
CON
COM_ On-Capacitance
(Force)
+25°C
COM_ Off-Capacitance
(Sense-Guard)
COFF
VCOM_, VNO_ = GND; f = 1MHz;
Figure 14
pF
30
Ω ANALOG SWITCH (SENSE-GUARD)
LOGIC INPUT
SWITCH DYNAMIC CHARACTERISTICS


Similar Part No. - MAX4554EPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX455 MAXIM-MAX455 Datasheet
301Kb / 8P
   CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX4550 MAXIM-MAX4550 Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4550-MAX4570 MAXIM-MAX4550-MAX4570 Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4550CAI MAXIM-MAX4550CAI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4550CWI MAXIM-MAX4550CWI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
More results

Similar Description - MAX4554EPE

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DT1A-A1AA HIROSE-DT1A-A1AA Datasheet
663Kb / 3P
   Snap-Action Switches Light operating force
logo
Maxim Integrated Produc...
MAX5171 MAXIM-MAX5171 Datasheet
256Kb / 16P
   Low-Power, Serial, 14-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX5175 MAXIM-MAX5175 Datasheet
255Kb / 16P
   Low-Power, Serial, 12-Bit DACs with Force/Sense Voltage Output
Rev 0; 4/99
MAX16913 MAXIM-MAX16913_V01 Datasheet
1Mb / 12P
   Remote Antenna Current-Sense Amplifier and Switches
2015
MAX16946 MAXIM-MAX16946_V01 Datasheet
1Mb / 20P
   Remote Antenna, Current-Sense and LDO/Switches
2014
MAX16946 MAXIM-MAX16946 Datasheet
2Mb / 21P
   Remote Antenna, Current-Sense and LDO/Switches
Rev 1 6/13
MAX16913 MAXIM-MAX16913 Datasheet
134Kb / 10P
   Remote Antenna Current-Sense Amplifier and Switches
Rev 0; 7/08
MAX5122 MAXIM-MAX5122 Datasheet
285Kb / 20P
   5V/3V, 12-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
MAX5132 MAXIM-MAX5132 Datasheet
280Kb / 20P
   5V/3V, 13-Bit, Serial, Force/Sense DACs with 10ppm/째C Internal Reference
Rev 0; 3/99
logo
ALPS ELECTRIC CO.,LTD.
HSFPAR003A ALPS-HSFPAR003A Datasheet
1Mb / 19P
   Force Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com