Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX456CQH Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX456CQH
Description  8 x 8 Video Crosspoint Switch
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX456CQH Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX456CQH Datasheet HTML 1Page - Maxim Integrated Products MAX456CQH Datasheet HTML 2Page - Maxim Integrated Products MAX456CQH Datasheet HTML 3Page - Maxim Integrated Products MAX456CQH Datasheet HTML 4Page - Maxim Integrated Products MAX456CQH Datasheet HTML 5Page - Maxim Integrated Products MAX456CQH Datasheet HTML 6Page - Maxim Integrated Products MAX456CQH Datasheet HTML 7Page - Maxim Integrated Products MAX456CQH Datasheet HTML 8Page - Maxim Integrated Products MAX456CQH Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
8 x 8 Video Crosspoint Switch
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ to V-) ...........................................+12V
Positive Supply Voltage V+ Referred to AGND......-0.3V to +12V
Negative Supply Voltage V- Referred to AGND .....-12V to +0.3V
DGND Voltage.........................................................AGND ±0.3V
Buffer Short Circuit to Ground when
Not Exceeding Package Power Dissipation .............Indefinite
Analog Input Voltage ............................(V+ + 0.3V) to (V- - 0.3V)
Digital Input Voltage .............................(V+ + 0.3V) to (V- - 0.3V)
Input Current, Power On or Off
Digital Inputs.................................................................±20mA
Analog Inputs ...............................................................±50mA
Continuous Power Dissipation (TA = +70°C)
40-Pin Plastic DIP (derate 11.3mW/°C above +70°C)....889mW
40-Pin CERDIP (derate 20.0mW/°C above +70°C)....1600mW
44-Pin PLCC (derate 13.3mW/°C above +70°C) .......1066mW
Operating Temperature Ranges:
MAX456C _ _ ......................................................0°C to +70°C
MAX456E _ _ ...................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10 sec) ............................+300°C
ELECTRICAL CHARACTERISTICS
(V+ = 5.0V, V- = -5.0V, -1.3V
≤ VIN ≤ +1.3V; LOAD = +5V; internal load resistors on; AGND = DGND = 0V; TA = +25°C,
unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25°C
39
45
Operating Supply Voltage
±4.5
±5.5
V
Offset Voltage Drift
TA = TMIN to TMAX
20
µV/°C
Buffer Offset Voltage
TA = +25°C
±7
Supply Current, All Buffers On
(No External Load)
TA = TMIN to TMAX
60
mA
1.5
3.0
Supply Current, All Buffers Off
TA = TMIN to TMAX
4
mA
Power-Supply Rejection Ratio
±4.5V to ±5.5V, DC measurement
50
64
dB
Input Voltage Range
-1.3
1.3
V
TA = TMIN to TMAX
0.99
1.0
1.01
Voltage Gain
0.98
1.0
1.02
V/V
Analog Input Current
±0.1
±10
nA
Output Leakage Current
Internal load resistors off, all buffers
off, TA = TMIN to TMAX
±100
nA
Internal load
resistors on, no
external load,
VIN = 0V to 1V
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
±12
mV
TA = +25°C
TA = +25°C
250
400
600
Internal Amplifier Load Resistor
(LOAD Pin = 5V)
TA = TMIN to TMAX
200
765
Buffer Output Voltage Swing
Internal load resistors on, no external load
±1.3
V
Digital Input Current
TA = TMIN to TMAX
±1
Output Impedance at DC
10
Input Logic Low Threshold
0.8
V
Input Logic High Threshold
2.4
V
SER OUT Output Logic Low
0.4
SER OUT Output Logic High
4
V
Serial mode,
SER/
P
A
R
= 5V
IOH = -0.4mA
IOL = 1.6mA
µA


Similar Part No. - MAX456CQH

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4560 MAXIM-MAX4560 Datasheet
305Kb / 16P
   짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
MAX4560CEE MAXIM-MAX4560CEE Datasheet
305Kb / 16P
   짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
MAX4560CPE MAXIM-MAX4560CPE Datasheet
305Kb / 16P
   짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
MAX4560CSE MAXIM-MAX4560CSE Datasheet
305Kb / 16P
   짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
MAX4560EEE MAXIM-MAX4560EEE Datasheet
305Kb / 16P
   짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
More results

Similar Description - MAX456CQH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVCP408 TI1-SN65LVCP408_14 Datasheet
1Mb / 29P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
SN65LVCP408 TI-SN65LVCP408 Datasheet
1Mb / 25P
[Old version datasheet]   Gigabit 8 x 8 CROSSPOINT SWITCH
logo
Renesas Technology Corp
HA457 RENESAS-HA457 Datasheet
794Kb / 14P
   95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
August 1999
logo
Intersil Corporation
HA457 INTERSIL-HA457 Datasheet
175Kb / 14P
   95MHz, Low Power, AV = 2, 8 x 8 Video Crosspoint Switch
August 1999
logo
Vitesse Semiconductor C...
VSC3308 VITESSE-VSC3308 Datasheet
906Kb / 2P
   11.5 Gbps 8 x 8 Crosspoint Switch
logo
Analog Devices
AD8108 AD-AD8108 Datasheet
434Kb / 28P
   325 MHz, 8 x 8 Buffered Video Crosspoint Switches
REV. 0
logo
Vishay Siliconix
DG884 VISHAY-DG884_08 Datasheet
192Kb / 14P
   8 x 4 Wideband Video Crosspoint Array
Rev. H, 25-Jun-07
DG884 VISHAY-DG884 Datasheet
154Kb / 14P
   8 x 4 Wideband Video Crosspoint Array
Rev. G, 20-Dec-04
logo
National Semiconductor ...
CLC018 NSC-CLC018_06 Datasheet
663Kb / 17P
   8 x 8 Digital Crosspoint Switch, 1.485 Gbps
logo
Analog Devices
ADV3228 AD-ADV3228 Datasheet
559Kb / 24P
   750 MHz, 8 x 8 Analog Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com