Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4551ESE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4551ESE
Description  짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4551ESE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4551ESE Datasheet HTML 1Page - Maxim Integrated Products MAX4551ESE Datasheet HTML 2Page - Maxim Integrated Products MAX4551ESE Datasheet HTML 3Page - Maxim Integrated Products MAX4551ESE Datasheet HTML 4Page - Maxim Integrated Products MAX4551ESE Datasheet HTML 5Page - Maxim Integrated Products MAX4551ESE Datasheet HTML 6Page - Maxim Integrated Products MAX4551ESE Datasheet HTML 7Page - Maxim Integrated Products MAX4551ESE Datasheet HTML 8Page - Maxim Integrated Products MAX4551ESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
General Description
The MAX4551/MAX4552/MAX4553 are quad, low-volt-
age, single-pole/single-throw (SPST) analog switches.
Each switch is protected against ±15kV electrostatic
discharge (ESD) shocks, without latchup or damage.
On-resistance (100
Ω max) is matched between switch-
es to 4
Ω max, and is flat (8Ω max) over the specified
signal range. Each switch can handle Rail-to-Rail® ana-
log signals. The off-leakage current is only 1nA at
+25°C and 10nA at +85°C.
The MAX4551 has four normally closed (NC) switches,
and the MAX4552 has four normally open (NO) switch-
es. The MAX4553 has two NC and two NO switches.
These CMOS switches can operate with dual power
supplies ranging from ±2V to ±6V or a single supply
between +2V and +12V. They are fully specified for sin-
gle +2.7V operation.
All digital inputs have +0.8V and +2.4V logic thresh-
olds, ensuring TTL/CMOS-logic compatibility when
using ±5V or a single +5V supply.
________________________Applications
Battery-Operated Equipment
Data Acquisition
Test Equipment
Avionics
Audio Signal Routing
Networking
____________________________Features
o ±15kV ESD Protection per IEC 1000-4-2
o +2V to +12V Single Supply
±2V to ±6V Dual Supplies
o 120
Ω Signal Paths with ±5V Supplies
o Low Power Consumption: <1µW
o 4 Separately Controlled SPST Switches
o Rail-to-Rail Signal Handling
o Pin-Compatible with Industry-Standard
DG211/DG212/DG213
o TTL/CMOS-Compatible Inputs with Dual ±5V or
Single +5V Supply
±15kV ESD-Protected, Quad,
Low-Voltage, SPST Analog Switches
________________________________________________________________
Maxim Integrated Products
1
19-1391; Rev 0; 10/98
Ordering Information
SWITCHES SHOWN FOR LOGIC "0" INPUT
QSOP/SO/DIP
MAX4552
LOGIC
SWITCH
0
1
OFF
ON
TOP VIEW
QSOP/SO/DIP
MAX4551
LOGIC
SWITCH
0
1
ON
OFF
QSOP/SO/DIP
MAX4553
LOGIC
SWITCHES
1, 4
0
1
OFF
ON
SWITCHES
2, 3
ON
OFF
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NC2
V+
V-
NO1
COM1
IN1
MAX4553
N.C.
NC3
COM3
IN3
IN4
COM4
NO4
GND
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NC2
V+
V-
NC1
COM1
IN1
MAX4551
N.C.
NC3
COM3
IN3
IN4
COM4
NC4
GND
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
IN2
COM2
NO2
V+
V-
NO1
COM1
IN1
MAX4552
N.C.
NO3
COM3
IN3
IN4
COM4
NO4
GND
N.C. = NOT CONNECTED
Pin Configurations/Functional Diagrams/Truth Tables
Ordering Information continued at end of data sheet.
*
Contact factory for dice specifications.
PART
MAX4551CEE
MAX4551CSE
MAX4551CPE
0°C to +70°C
0°C to +70°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
16 QSOP
16 Narrow SO
16 Plastic DIP
MAX4551C/D
0°C to +70°C
Dice*
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
MAX4551EEE
MAX4551ESE
-40°C to +85°C
-40°C to +85°C
16 QSOP
16 Narrow SO
MAX4551EPE
-40°C to +85°C
16 Plastic DIP


Similar Part No. - MAX4551ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX455 MAXIM-MAX455 Datasheet
301Kb / 8P
   CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX4550 MAXIM-MAX4550 Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4550-MAX4570 MAXIM-MAX4550-MAX4570 Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4550CAI MAXIM-MAX4550CAI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4550CWI MAXIM-MAX4550CWI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
More results

Similar Description - MAX4551ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4620 MAXIM-MAX4620 Datasheet
324Kb / 16P
   /-15kV ESD-Protected, Low-Voltage, Quad, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4558 MAXIM-MAX4558_V01 Datasheet
1Mb / 16P
   짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
2022
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4558 MAXIM-MAX4558 Datasheet
305Kb / 16P
   짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 4/99
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4575 MAXIM-MAX4575 Datasheet
265Kb / 12P
   15kV ESD-Protected, Low-Voltage, Dual, SPST, CMOS Analog Switches
Rev 0; 7/00
MAX4561_V1 MAXIM-MAX4561_V1 Datasheet
147Kb / 11P
   ±15kV ESD-Protected, Low-Voltage, SPDT/SPST, CMOS Analog Switches
Rev 1; 7/12
MAX4561 MAXIM-MAX4561 Datasheet
234Kb / 12P
   ±15kV ESD-Protected, Low-Voltage,SPDT/SPST, CMOS Analog Switches
Rev 0; 4/00
MAX4521 MAXIM-MAX4521 Datasheet
155Kb / 12P
   Quad, Low-Voltage, SPST Analog Switches
Rev 1; 1/97
MAX4521 MAXIM-MAX4521_07 Datasheet
529Kb / 15P
   Quad, Low-Voltage, SPST Analog Switches
Rev 6; 7/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com