Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHG567110 Datasheet(PDF) 3 Page - International Rectifier

Part # IRHG567110
Description  Simple Drive Requirements
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHG567110 Datasheet(HTML) 3 Page - International Rectifier

  IRHG567110 Datasheet HTML 1Page - International Rectifier IRHG567110 Datasheet HTML 2Page - International Rectifier IRHG567110 Datasheet HTML 3Page - International Rectifier IRHG567110 Datasheet HTML 4Page - International Rectifier IRHG567110 Datasheet HTML 5Page - International Rectifier IRHG567110 Datasheet HTML 6Page - International Rectifier IRHG567110 Datasheet HTML 7Page - International Rectifier IRHG567110 Datasheet HTML 8Page - International Rectifier IRHG567110 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
www.irf.com
3
Pre-Irradiation
IRHG567110
For footnotes refer to the last page
Source-Drain Diode Ratings and Characteristics (Per Die)
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
-0.96
ISM
Pulse Source Current (Body Diode)

-3.84
VSD Diode Forward Voltage
-5.0
V
Tj = 25°C, IS = -0.96A, VGS = 0V „
trr
Reverse Recovery Time
86
ns
Tj = 25°C, IF = -0.96A, di/dt ≤ -100A/µs
QRR Reverse Recovery Charge
240
nC
VDD ≤ -25V „
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Thermal Resistance (Per Die)
Parameter
Min Typ Max Units
Test Conditions
RthJA
Junction-to-Ambient
90
Typical socket mount
°C/W
Electrical Characteristics For Each P-Channel Device @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
-100
V
VGS = 0V, ID = -1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
-0.14
V/°C
Reference to 25°C, ID = -1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
0.96
VGS = -12V, ID = -0.6A
Resistance
VGS(th)
Gate Threshold Voltage
-2.0
-4.0
V
VDS = VGS, ID = -1.0mA
gfs
Forward Transconductance
1.1
S
VDS = -15V, IDS = -0.6A „
IDSS
Zero Gate Voltage Drain Current
-10
VDS = -80V, VGS = 0V
-25
VDS = -80V,
VGS = 0V, TJ =125°C
IGSS
Gate-to-Source Leakage Forward
-100
VGS = - 20V
IGSS
Gate-to-Source Leakage Reverse
100
VGS = 20V
Qg
Total Gate Charge
13.4
VGS = -12V, ID = -0.96A,
Qgs
Gate-to-Source Charge
3.7
nC
VDS = -50V
Qgd
Gate-to-Drain (‘Miller’) Charge
3.0
td(on)
Turn-On Delay Time
21
VDD = -50V, ID = -0.96A,
tr
Rise Time
17
VGS = -12V, RG = 7.5Ω
td(off)
Turn-Off Delay Time
40
tf
Fall Time
90
LS + LD
Total Inductance
10
Measured from Drain lead (6mm /0.25in.
from package) to Source lead (6mm /0.25in.
from package) with Source wires internally
bonded from Source Pin to Drain Pad
Ciss
Input Capacitance
390
VGS = 0V, VDS = 25V
Coss
Output Capacitance
100
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
7.0
nA
„
nH
ns
µA
Note: Corresponding Spice and Saber models are available on International Rectifier Website.


Similar Part No. - IRHG567110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHG567110 IRF-IRHG567110 Datasheet
182Kb / 14P
   RADIATION HARDENED POWER MOSFET THRU-HOLE 100V, Combination 2N-2P-CHANNEL
More results

Similar Description - IRHG567110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com