Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4523MJE Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4523MJE
Description  Quad, Low-Voltage, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4523MJE Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4523MJE Datasheet HTML 4Page - Maxim Integrated Products MAX4523MJE Datasheet HTML 5Page - Maxim Integrated Products MAX4523MJE Datasheet HTML 6Page - Maxim Integrated Products MAX4523MJE Datasheet HTML 7Page - Maxim Integrated Products MAX4523MJE Datasheet HTML 8Page - Maxim Integrated Products MAX4523MJE Datasheet HTML 9Page - Maxim Integrated Products MAX4523MJE Datasheet HTML 10Page - Maxim Integrated Products MAX4523MJE Datasheet HTML 11Page - Maxim Integrated Products MAX4523MJE Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Quad, Low-Voltage, SPST Analog Switches
10
______________________________________________________________________________________
Figure 5. Crosstalk
IN
0V or
2.4V
SIGNAL
GENERATOR 0dBm
V+
10nF
ANALYZER
NC
or NO
RL
GND
COM
10nF
V-
V-
V+
MAX4521
MAX4522
MAX4523
SIGNAL
GENERATOR 0dBm
V+
10nF
ANALYZER
N02
RL
GND
COM1
10nF
V-
V-
0V or 2.4V
IN1
N01
50
COM2
IN2
0V or 2.4V
NC
V+
MAX4521
MAX4522
MAX4523
Figure 4. Off Isolation
_________________________________Test Circuits/Timing Diagrams (continued)
CAPACITANCE
METER
NC
or NO
COM
GND
10nF
V-
V-
IN
0V or
2.4V
10nF
V+
f = 1MHz
V+
MAX4521
MAX4522
MAX4523
Figure 7. Channel-On Capacitance
CAPACITANCE
METER
NC
or NO
COM
GND
10nF
V-
V-
IN
0V or
2.4V
10nF
V+
f = 1MHz
V+
MAX4521
MAX4522
MAX4523
Figure 6. Channel-Off Capacitance


Similar Part No. - MAX4523MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4523MJE MAXIM-MAX4523MJE Datasheet
529Kb / 15P
   Quad, Low-Voltage, SPST Analog Switches
Rev 6; 7/07
More results

Similar Description - MAX4523MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4521 MAXIM-MAX4521_07 Datasheet
529Kb / 15P
   Quad, Low-Voltage, SPST Analog Switches
Rev 6; 7/07
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
   Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4536 MAXIM-MAX4536 Datasheet
118Kb / 12P
   Quad, Low-Voltage, SPST Analog Switches with Enable
Rev 0; 11/96
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
   Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
MAX4711 MAXIM-MAX4711 Datasheet
411Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4711 MAXIM-MAX4711 Datasheet
894Kb / 17P
   Fault-Protected, Low-Voltage, Quad SPST Analog Switches
Rev 1; 11/03
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
   Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
DG308A MAXIM-DG308A Datasheet
51Kb / 4P
   Quad, SPST Analog Switches
19-3926; Rev 0; 3/91
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com