Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4540 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4540
Description  Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4540 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4540 Datasheet HTML 1Page - Maxim Integrated Products MAX4540 Datasheet HTML 2Page - Maxim Integrated Products MAX4540 Datasheet HTML 3Page - Maxim Integrated Products MAX4540 Datasheet HTML 4Page - Maxim Integrated Products MAX4540 Datasheet HTML 5Page - Maxim Integrated Products MAX4540 Datasheet HTML 6Page - Maxim Integrated Products MAX4540 Datasheet HTML 7Page - Maxim Integrated Products MAX4540 Datasheet HTML 8Page - Maxim Integrated Products MAX4540 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TA = TMIN to TMAX
Low-Voltage, Single 8-to-1 and
Dual 4-to-1 Cal-Multiplexers
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +5V ±10%, V- = -5V ±10%, VIH = 2.4V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values at TA = +25°C.)
(Note 2)
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = +5V ±10%, V- = 0, VIH = 2.4V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values at TA = +25°C.) (Note 2)
-10
10
-0.2
0.2
TA = +25°C
-10
10
TA = TMIN to TMAX
(Note 3)
VCOM_ = 4.5V, 1V;
VNO_ = 1V, 4.5V;
V+ = 5.5V
nA
-5
5
-0.2
0.2
TA = +25°C
ICOM_ = 1mA; VNO_ = 3V, 2V, 1V;
V+ = 4.5V
ICOM_ = 1mA, VNO_ = 3.0V,
V+ = 4.5V
TA = +25°C
ICOM_ = 1mA, VNO_ = 3.0V,
V+ = 4.5V
nA
TA = TMIN to TMAX
-5
5
CONDITIONS
ICOM_(OFF)
ICOM_(ON)
-0.1
0.1
TA = TMIN to TMAX
COM-Off Leakage
Current (Notes 6, 10)
TA = +25°C
VCOM_ = 4.5V,
VNO_ = 4.5V,
V+ = 5.5V
TA = +25°C
TA = TMIN to TMAX
MAX4539
-0.1
0.1
TA = +25°C
COM-On Leakage
Current (Notes 6, 10)
TA = TMIN to TMAX
MAX4540
TA = +25°C
TA = TMIN to TMAX
MAX4539
TA = +25°C
TA = TMIN to TMAX
MAX4540
80
150
V
0V+
VNO_,
VCOM_
Analog-Signal Range
RFLAT
VCOM_ = 1V, 4.5V;
VNO_ = 4.5V, 1V; V+ = 5.5V
200
RON
On-Resistance
28
On-Resistance Matching
Between Channels
(Notes 3, 4)
12
∆RON
8
On-Resistance Flatness
(Note 5)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
nA
-2
2
INO(OFF)
-0.1
0.1
NO-Off Leakage Current
(Notes 6, 10)
SWITCH
TA = +25°C
Additional Negative
Supply Current
(V+ - V-)/ (V+ - V-)/
24k
13k
mA
(V+ - V-) divider active,
VIH = V+, VIL = 0 (Note 3)
TA = +25°C
Additional Positive Supply
Current (Note 3)
(V+ - V-)/ (V+ - V-)/
24k
13k
mA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
(V+ - V-) divider active,
VIH = V+, VIL = 0
TA = +25°C
Input Resistance
(REFHI, REFLO) (Note 3)
25
40
k
Offset divider active,
gain divider active
REFHI, REFLO Input
Range (Note 3)
V-
V+
- 0.3
+ 0.3
V
CONDITIONS


Similar Part No. - MAX4540

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX454 MAXIM-MAX454 Datasheet
301Kb / 8P
   CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX4541 MAXIM-MAX4541 Datasheet
282Kb / 13P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 3; 8/02
MAX4541C/D MAXIM-MAX4541C/D Datasheet
282Kb / 13P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 3; 8/02
MAX4541C/D MAXIM-MAX4541C/D Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
MAX4541CPA MAXIM-MAX4541CPA Datasheet
282Kb / 13P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 3; 8/02
More results

Similar Description - MAX4540

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4578 MAXIM-MAX4578 Datasheet
177Kb / 20P
   High-Voltage, Single 8-to-1/ Dual 4-to-1 Cal-Multiplexers
Rev 0; 10/98
MAX4508 MAXIM-MAX4508 Datasheet
288Kb / 16P
   Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
Rev 0; 1/99
MAX4708 MAXIM-MAX4708_08 Datasheet
257Kb / 15P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
MAX4708 MAXIM-MAX4708 Datasheet
408Kb / 14P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 0; 9/02
MAX4638 MAXIM-MAX4638 Datasheet
315Kb / 15P
   3.5?? Single 8:1 and Dual 4:1, Low-Voltage Analog Multiplexers
Rev 1; 3/02
MAX4638 MAXIM-MAX4638_V01 Datasheet
248Kb / 14P
   3.5廓, Single 8:1 and Dual 4:1, Low-Voltage Analog Multiplexers
2012
logo
Aeroflex Circuit Techno...
UT54ACTS153E AEROFLEX-UT54ACTS153E Datasheet
150Kb / 8P
   Dual 4 to 1 Multiplexers
UT54ACS153 AEROFLEX-UT54ACS153 Datasheet
245Kb / 10P
   Dual 4 to 1 Multiplexers
logo
Maxim Integrated Produc...
MAX4534 MAXIM-MAX4534_05 Datasheet
585Kb / 14P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 2; 5/05
MAX4534 MAXIM-MAX4534 Datasheet
193Kb / 16P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 0; 1/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com