Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHLF87Y20 Datasheet(PDF) 3 Page - International Rectifier

Part # IRHLF87Y20
Description  Simple Drive Requirements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHLF87Y20 Datasheet(HTML) 3 Page - International Rectifier

  IRHLF87Y20 Datasheet HTML 1Page - International Rectifier IRHLF87Y20 Datasheet HTML 2Page - International Rectifier IRHLF87Y20 Datasheet HTML 3Page - International Rectifier IRHLF87Y20 Datasheet HTML 4Page - International Rectifier IRHLF87Y20 Datasheet HTML 5Page - International Rectifier IRHLF87Y20 Datasheet HTML 6Page - International Rectifier IRHLF87Y20 Datasheet HTML 7Page - International Rectifier IRHLF87Y20 Datasheet HTML 8Page - International Rectifier IRHLF87Y20 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.irf.com
3
Pre-Irradiation
IRHLF87Y20
International Rectifier Radiation Hardened MOSFETs are tested to verify their radiation hardness capabil-
ity. The hardness assurance program at International Rectifier is comprised of two radiation environments.
Every manufacturing lot is tested for total ionizing dose (per notes 5 and 6) using the TO-39 package. Both
pre- and post-irradiation performance are tested and specified using the same drive circuitry and test
conditions in order to provide a direct comparison.
Radiation Characteristics
International Rectifier radiation hardened MOSFETs have been characterized in heavy ion environment for
Single Event Effects (SEE). Single Event Effects characterization is illustrated in Fig. a and Table 2.
For footnotes refer to the last page
Fig a. Typical Single Event Effect, Safe Operating Area
Table 1. Electrical Characteristics @ Tj = 25°C, Post Total Dose Irradiation ÄÅ
Parameter
Up to 300K Rads(Si)1
Units
Test Conditions
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
20
V
VGS = 0V, ID = 250µA
VGS(th)
Gate Threshold Voltage
1.0
2.3
VGS = VDS, ID = 250µA
IGSS
Gate-to-Source Leakage Forward
100
nA
VGS = 12V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -12V
IDSS
Zero Gate Voltage Drain Current
1.0
µA
VDS= 16V, VGS= 0V
RDS(on)
Static Drain-to-Source
„
On-State Resistance (TO-39)
32
m
VGS = 4.5V, ID = 10.2A
VSD
Diode Forward Voltage
„
1.2
V
VGS = 0V, ID = 12A
1. Part numbers IRHLF87Y20, IRHLF83Y20
Table 2. Typical Single Event Effect Safe Operating Area
0
4
8
12
16
20
-10
-8
-6
-4
-2
0
Bias VGS (V)
LET=37 ± 5%
LET=60 ± 5%
LET=81 ± 5%
LET
Energy
Range
VDS (V)
(MeV/(mg/cm2))
(MeV)
(µm)
@VGS=
@VGS=
@VGS=
@VGS=
@VGS=
@VGS=
0V
-1V
-2V
-3V
-5V
-10V
37 ± 5%
298 ± 5%
38 ± 5%
18
18
8
4
60 ± 5%
320 ± 5%
32 ± 7.5%
18
18
15
12
8
-
81 ± 5%
375 ± 7.5%
28 ± 7.5%
18
18
12
6
-


Similar Part No. - IRHLF87Y20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLF87Y20 IRF-IRHLF87Y20 Datasheet
212Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET
More results

Similar Description - IRHLF87Y20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com