Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHLNA797064 Datasheet(PDF) 1 Page - International Rectifier

Part # IRHLNA797064
Description  Simple Drive Requirements
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHLNA797064 Datasheet(HTML) 1 Page - International Rectifier

  IRHLNA797064_15 Datasheet HTML 1Page - International Rectifier IRHLNA797064_15 Datasheet HTML 2Page - International Rectifier IRHLNA797064_15 Datasheet HTML 3Page - International Rectifier IRHLNA797064_15 Datasheet HTML 4Page - International Rectifier IRHLNA797064_15 Datasheet HTML 5Page - International Rectifier IRHLNA797064_15 Datasheet HTML 6Page - International Rectifier IRHLNA797064_15 Datasheet HTML 7Page - International Rectifier IRHLNA797064_15 Datasheet HTML 8Page - International Rectifier IRHLNA797064_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @VGS = -4.5V,TC = 25°C Continuous Drain Current
-56*
ID @VGS = -4.5V,TC = 100°C Continuous Drain Current
-56*
IDM
Pulsed Drain Current
À
-224
PD @ TC = 25°C
Max. Power Dissipation
250
W
Linear Derating Factor
2.0
W/°C
VGS
Gate-to-Source Voltage
±10
V
EAS
Single Pulse Avalanche Energy
Á
1060
mJ
IAR
Avalanche Current
À
-56
A
EAR
Repetitive Avalanche Energy
À
25
mJ
dv/dt
Peak Diode Recovery dv/dt
Â
-3.7
V/ns
TJ
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Pckg. Mounting Surface Temp.
300 (for 5s)
Weight
3.3 (Typical)
g
Pre-Irradiation
°C
A
RADIATION HARDENED
IRHLNA797064
LOGIC LEVEL POWER MOSFET
SURFACE MOUNT (SMD-2)
03/01/11
www.irf.com
1
60V, P-CHANNEL
TECHNOLOGY
Product Summary
Part Number
Radiation Level
RDS(on)
ID
IRHLNA797064
100K Rads (Si)
0.015
Ω -56A*
IRHLNA793064
300K Rads (Si)
0.015
Ω -56A*
For footnotes refer to the last page
SMD-2
Features:
n 5V CMOS and TTL Compatible
n Fast Switching
n
Single Event Effect (SEE) Hardened
n Low Total Gate Charge
n
Simple Drive Requirements
n
Ease of Paralleling
n
Hermetically Sealed
n
Ceramic Package
n Surface Mount
n Light Weight
International Rectifier’s R7
TM Logic Level Power
MOSFETs provide simple solution to interfacing
CMOS and TTL control circuits to power devices in
space and other radiation environments. The
threshold voltage remains within acceptable
operating limits over the full operating temperature
and post radiation. This is achieved while maintaining
single event gate rupture and single event burnout
immunity.
These devices are used in applications such as
current boost low signal source in PWM, voltage
comparator and operational amplifiers.
™
* Current is limited by package
2N7622U2
PD-97174A
PRELIMINARY


Similar Part No. - IRHLNA797064_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHLNA797064 IRF-IRHLNA797064 Datasheet
206Kb / 9P
   RADIATION HARDENED LOGIC LEVEL POWER MOSFET SURFACE MOUNT (SMD-2)
More results

Similar Description - IRHLNA797064_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com