Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4578EPP Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4578EPP
Description  High-Voltage, Single 8-to-1/ Dual 4-to-1 Cal-Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4578EPP Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4578EPP Datasheet HTML 2Page - Maxim Integrated Products MAX4578EPP Datasheet HTML 3Page - Maxim Integrated Products MAX4578EPP Datasheet HTML 4Page - Maxim Integrated Products MAX4578EPP Datasheet HTML 5Page - Maxim Integrated Products MAX4578EPP Datasheet HTML 6Page - Maxim Integrated Products MAX4578EPP Datasheet HTML 7Page - Maxim Integrated Products MAX4578EPP Datasheet HTML 8Page - Maxim Integrated Products MAX4578EPP Datasheet HTML 9Page - Maxim Integrated Products MAX4578EPP Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
High-Voltage, Single 8-to-1/
Dual 4-to-1 Cal-Multiplexers
6
_______________________________________________________________________________________
TA = TMIN to TMAX
Enable Turn-Off Time
tOFF
1.3
µs
VNO1 = 3V, Figure 3
TA = TMIN to TMAX
Enable Turn-On Time
tON
1.5
µs
VNO1 = 3V, Figure 3
TA = TMIN to TMAX
Transition Time
tTRANS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Input High Voltage
VIH
2.4
1.4
V
Input Low Voltage
VIL
1.4
0.5
V
TA = +25°C
TA = +25°C
µs
0.675
1.2
VNO1 = 3V, VNO8 = 0,
Figure 1
0.5
1.0
TA = +25°C
TA = +25°C
2.2
Input Current with
Input Voltage High
IIH
-1.0
0.001
1.0
µA
Break-Before-Make
Interval
tOPEN
200
440
ns
Figure 2
VEN = VA_ = VLATCH = VCAL = V+
Input Current with
Input Voltage Low
IIL
-1.0
0.001
1.0
µA
CONDITIONS
VEN = VA_ = VLATCH = VCAL = 0
ELECTRICAL CHARACTERISTICS—Dual ±5V Supplies (continued)
(V+ = +5V ±10%, V- = -5V ±10%, logic levels = 2.4V and 0.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
ELECTRICAL CHARACTERISTICS—Single +12V Supply
(V+ = +12V, V- = 0, logic levels = 2.4V and 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 2)
LOGIC INPUTS (Note 3)
DYNAMIC CHARACTERISTICS (Note 3)
TA = +25°C
(Note 3)
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
CONDITIONS
470
750
RDS(ON)
On-Resistance
V
0
V+
VNO_,
VCOM_
Analog Signal Range
-1.25
1.25
850
8
∆R(ON)
On-Resistance Matching
Between Channels
(Note 4)
nA
-0.02
0.001
0.02
INO(OFF)
NO Off-Leakage Current
(Notes 5, 9)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ICOM_ = 0.2mA, VNO_ = 3V, 10V
ICOM_ = 0.2mA, VNO_ = 3V, 10V
VCOM_ = 1V, 11V;
VNO_ = 11V, 1V
SWITCH
1.0
1.8


Similar Part No. - MAX4578EPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX457 MAXIM-MAX457 Datasheet
160Kb / 4P
   Dual CMOS Video Amplifier
Rev 0; 2/89
MAX4570CAI MAXIM-MAX4570CAI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4570CWI MAXIM-MAX4570CWI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4570EAI MAXIM-MAX4570EAI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
MAX4570EWI MAXIM-MAX4570EWI Datasheet
170Kb / 16P
   Serially Controlled, Dual 4x2, Clickless Audio/Video Analog Crosspoint Switches
Rev 0; 10/98
More results

Similar Description - MAX4578EPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4539 MAXIM-MAX4539 Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4508 MAXIM-MAX4508 Datasheet
288Kb / 16P
   Fault-Protected, High-Voltage Single 8-to-1/Dual 4-to-1 Multiplexers
Rev 0; 1/99
MAX4708 MAXIM-MAX4708_08 Datasheet
257Kb / 15P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 1; 12/08
MAX4708 MAXIM-MAX4708 Datasheet
408Kb / 14P
   Fault-Protected, Single 8-to-1/ Dual 4-to-1 Multiplexers
Rev 0; 9/02
MAX4534 MAXIM-MAX4534_05 Datasheet
585Kb / 14P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 2; 5/05
MAX4534 MAXIM-MAX4534 Datasheet
193Kb / 16P
   Fault-Protected, High-Voltage, Single 4-to-1/Dual 2-to-1 Multiplexers
Rev 0; 1/00
MAX4508 MAXIM-MAX4508_07 Datasheet
333Kb / 18P
   Fault-Protected, High-Voltage Single 8-to-1/ Dual 4-to-1 Multiplexers with Output Clamps
Rev 5; 10/07
logo
Aeroflex Circuit Techno...
UT54ACTS153E AEROFLEX-UT54ACTS153E Datasheet
150Kb / 8P
   Dual 4 to 1 Multiplexers
UT54ACS153 AEROFLEX-UT54ACS153 Datasheet
245Kb / 10P
   Dual 4 to 1 Multiplexers
logo
Maxim Integrated Produc...
MAX4638 MAXIM-MAX4638 Datasheet
315Kb / 15P
   3.5?? Single 8:1 and Dual 4:1, Low-Voltage Analog Multiplexers
Rev 1; 3/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com