Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL432KA3 Datasheet(PDF) 11 Page - Cystech Electonics Corp.

Part # TL432KA3
Description  Adjustable shunt regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TL432KA3 Datasheet(HTML) 11 Page - Cystech Electonics Corp.

Back Button TL432KA3 Datasheet HTML 5Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 6Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 7Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 8Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 9Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 10Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 11Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 12Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 13Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
CYStech Electronics Corp.
Spec. No. : C112A3
Issued Date : 2015.09.10
Revised Date :
Page No. : 11/13
TL432KA3/N3/M3
CYStek Product Specification
TO-92 Dimension
*: Typical
3
1
A
D
B
C
I
α1
E
F
α2
α3
G
H
2
Date Code : Year Code (left character)+ Month Code (right character)
Year Code : The last digit of Chriatian year
Month Code : 1→Jan, 2→Feb, …, 9→Sep, A→Oct, B→Nov, C→Dec
Marking:
TL
432K
□□
Date Code
3-Lead TO-92 Plastic Package
CYStek Package Code: A3
Style: Pin 1.Reference 2.Anode 3.Cathode
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.1704
0.1902
4.33
4.83
G
0.0142
0.0220
0.36
0.56
B
0.1704
0.1902
4.33
4.83
H
-
*
0.1000
-
*
2.54
C
0.5000
-
12.70
-
I
-
*
0.0500
-
*
1.27
D
0.0142
0.0220
0.36
0.56
α1
-
*
5
°
-
*
5
°
E
-
*
0.0500
-
*
1.27
α2
-
*
2
°
-
*
2
°
F
0.1323
0.1480
3.36
3.76
α3
-
*
2
°
-
*
2
°
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.


Similar Part No. - TL432KA3

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
TL432K SECOS-TL432K Datasheet
668Kb / 5P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432K3 CYSTEKEC-TL432K3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
TL432K3-A-BK-G CYSTEKEC-TL432K3-A-BK-G Datasheet
355Kb / 15P
   Adjustable shunt regulator
TL432K3-A-TB-G CYSTEKEC-TL432K3-A-TB-G Datasheet
355Kb / 15P
   Adjustable shunt regulator
TL432K3-B-BK-G CYSTEKEC-TL432K3-B-BK-G Datasheet
355Kb / 15P
   Adjustable shunt regulator
More results

Similar Description - TL432KA3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
AX432 ETC-AX432 Datasheet
176Kb / 7P
   Adjustable Shunt Regulator
GM432 ETC2-GM432 Datasheet
317Kb / 5P
   Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
   Adjustable Shunt Regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
   Adjustable Shunt Regulator
H432 HSMC-H432 Datasheet
76Kb / 6P
   ADJUSTABLE SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com