Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL432KA3 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # TL432KA3
Description  Adjustable shunt regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

TL432KA3 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  TL432KA3 Datasheet HTML 1Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 2Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 3Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 4Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 5Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 6Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 7Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 8Page - Cystech Electonics Corp. TL432KA3 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CYStech Electronics Corp.
Spec. No. : C112A3
Issued Date : 2015.09.10
Revised Date :
Page No. : 2/13
TL432KA3/N3/M3
CYStek Product Specification
Absolute Maximum Ratings
Parameter
Symbol
Maximum
Units
Cathode Voltage
Vz
20
V
Continuous Cathode Current
IZ
100
mA
Reference Input Current
IREF
3
mA
Power Dissipation at TA=25℃
SOT-23
SOT-89
TO-92
PD
0.18
0.4
0.5
W
Thermal Resistance
SOT-23
SOT-89
TO-92
RθJA
556
250
200
/W
ESD susceptibility(HBM)
(Note)
VESD
2000
V
Operating Ambient Temperature Range
TA
-40 to +85
Operating Junction Temperature Range
TJ
-40 to +125
Storage Temperature Range
Tstg
-65 to +150
Note : Human body model, 1.5kΩ in series with 100pF
Electrical Characteristics
(At 25℃ free air ambient temperature, unless otherwise noted.)
TL432 A-rank(±0.5%) TL432 B-rank(±1%)
Parameter
Symbol
Condition
Min
Typ
Max
Min
Typ
Max Unit
Reference Voltage
VREF VZ=VREF,IZ=10mA
(Note 1)
1.234 1.240 1.246 1.228 1.240 1.252
V
VREF Temperature Deviation
VDEV VZ=VREF, IZ=10mA,TA=-40~
85°C
(Note 1)
-
10
25
-
10
25
mV
Ratio of Change in
VREF to change in VZ
Δ
VREF
Δ
VZ
IZ=10mA, ΔVZ=16V to VREF
-
-1
-2.7
-
-1
-2.7 mV/V
Reference Input
Current
IREF
R1=10kΩ,R2=∞, IZ=10mA
(Note2)
-
0.15
0.5
-
0.15
0.5
μ
A
IREF Temperature
Deviation
IREF(DEV) R1=10kΩ,R2=∞, IZ=10mA
(Note 2)
-
0.1
0.4
-
0.1
0.4
μ
A
Off-state Cathode
Current
IZ(OFF) VREF=0V,VZ=16V
(Note 3)
-
0.14
0.5
-
0.14
0.5
μ
A
Dynamic Output Impedance
rz
f <1kHz,VZ=VREF
IZ=1mA to 100mA
(Note 1)
-
0.05
0.2
-
0.05
0.2
Ω
Minimum Operating Current IZ(MIN)
VZ=VREF
(Note 1)
-
20
80
-
20
80
μ
A
Notes:
(1) See Test Circuit 1.
(2) See Test Circuit 2.
(3) See Test Circuit 3.


Similar Part No. - TL432KA3

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
TL432K SECOS-TL432K Datasheet
668Kb / 5P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432K3 CYSTEKEC-TL432K3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
TL432K3-A-BK-G CYSTEKEC-TL432K3-A-BK-G Datasheet
355Kb / 15P
   Adjustable shunt regulator
TL432K3-A-TB-G CYSTEKEC-TL432K3-A-TB-G Datasheet
355Kb / 15P
   Adjustable shunt regulator
TL432K3-B-BK-G CYSTEKEC-TL432K3-B-BK-G Datasheet
355Kb / 15P
   Adjustable shunt regulator
More results

Similar Description - TL432KA3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL432XA3 CYSTEKEC-PL432XA3 Datasheet
204Kb / 9P
   Adjustable shunt regulator
logo
Semtech Corporation
SC431 SEMTECH-SC431_05 Datasheet
225Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
TL432N3 CYSTEKEC-TL432N3 Datasheet
355Kb / 15P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
B3431 ETC-B3431 Datasheet
125Kb / 9P
   Adjustable Shunt Regulator
logo
Cystech Electonics Corp...
LM432XA3 CYSTEKEC-LM432XA3 Datasheet
229Kb / 9P
   Adjustable shunt regulator
logo
SHANGHAI BELLING CO., L...
BL431 BELLING-BL431 Datasheet
908Kb / 12P
   Adjustable shunt regulator
logo
List of Unclassifed Man...
AX432 ETC-AX432 Datasheet
176Kb / 7P
   Adjustable Shunt Regulator
GM432 ETC2-GM432 Datasheet
317Kb / 5P
   Adjustable Shunt Regulator
logo
Samtec, Inc
SC431CSK-1TRT SAMTEC-SC431CSK-1TRT Datasheet
229Kb / 9P
   Adjustable Shunt Regulator
logo
Hi-Sincerity Mocroelect...
H432 HSMC-H432 Datasheet
129Kb / 6P
   Adjustable Shunt Regulator
H432 HSMC-H432 Datasheet
76Kb / 6P
   ADJUSTABLE SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com