Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4598 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4598
Description  Low-Voltage, Combination Single-Ended 8-to-1/Differential 4-to-1 Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4598 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4598 Datasheet HTML 1Page - Maxim Integrated Products MAX4598 Datasheet HTML 2Page - Maxim Integrated Products MAX4598 Datasheet HTML 3Page - Maxim Integrated Products MAX4598 Datasheet HTML 4Page - Maxim Integrated Products MAX4598 Datasheet HTML 5Page - Maxim Integrated Products MAX4598 Datasheet HTML 6Page - Maxim Integrated Products MAX4598 Datasheet HTML 7Page - Maxim Integrated Products MAX4598 Datasheet HTML 8Page - Maxim Integrated Products MAX4598 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Low-Voltage, Combination Single-Ended
8-to-1/Differential 4-to-1 Multiplexer
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +5V ±10%, V- = -5V ±10%, VIH = 2.4V, VIL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.) (Note 2)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
V+ to GND ..............................................................-0.3V to +13V
V- to GND ...............................................................-13V to +0.3V
V+ to V-...................................................................-0.3V to +13V
A_, EN, LATCH, NLATCH, NO_, COM_
(Note 1)...............................................(V- - 0.3V) to (V+ + 0.3V)
Continuous Current (any terminal)....................................±20mA
Peak Current, NO_, or COM_
(pulsed at 1ms, 10% duty cycle max) ............................±40mA
Continuous Power Dissipation (TA = +70°C)
SSOP (derate 8mW/°C above +70°C) .........................640mW
Wide SO (derate 10mW/°C above +70°C)...................800mW
Plastic DIP (derate 10.53mW/°C above +70°C) ..........889mW
Operating Temperature Ranges
MAX4598C_P ......................................................0°C to +70°C
MAX4598E_P ...................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10sec) .............................+300°C
Note 1: Signals on NO_, COM_, EN, LATCH, NLATCH, or A_ exceeding V+ or V- are clamped by internal diodes. Limit forward cur-
rent to maximum current ratings
ICOM_ = 1mA,
VNO_ = ±3.0V,
V+ = 4.5V, V- = -4.5V
(Note 3)
VEN = VA_ = VLATCH = VNLATCH = VCAL = V+
VNO_ = ±4.5V,
VCOM_ = ±4.5V,
V+ = 5.5V, V- = -5.5V
VCOM_ = ±4.5V,
VNO_ = ±4.5V,
V+ = 5.5V, V- = -5.5V
ICOM_ = 1mA;
VNO_ = -3V, 0, 3V;
V+ = 4.5V, V- = -4.5V
ICOM_ = 1mA,
VNO_ = ±3.0V,
V+ = 4.5V, V- = -4.5V
VCOM_ = ±4.5V,
VNO_ = ±4.5V,
V+ = 5.5V, V- = -5.5V
CONDITIONS
µA
-0.1
0.01
0.1
IIH
Input Current with Input
Voltage High
V
1.4
0.8
VIL
Input Low Voltage
V
2.4
1.7
VIH
Input High Voltage
-10
10
nA
-0.2
0.01
0.2
ICOM(ON)
COM On-Leakage Current
(Note 6)
-10
10
45
75
RON
On-Resistance
V
V-
V+
VCOM_,
VNO_
Analog Signal Range
nA
-0.2
0.01
0.2
ICOM(OFF)
COM Off-Leakage Current
(Note 6)
-2
2
nA
-0.1
0.01
0.1
INO(OFF)
NO Off-Leakage Current
(Note 6)
13
1
4
∆RON
6
On-Resistance Matching
Between Channels (Note 4)
7
10
RFLAT
On-Resistance Flatness
(Note 5)
UNIT
MIN
TYP
MAX
SYMBOL
PARAMETER
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
100
TA = TMIN to TMAX
VEN = VA_ = VLATCH = VNLATCH = VCAL = 0
µA
-0.1
0.01
0.1
IIL
Input Current with Input
Voltage Low
SWITCH
LOGIC INPUTS


Similar Part No. - MAX4598

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX459 MAXIM-MAX459 Datasheet
135Kb / 16P
   8x4 Video Crosspoint Switches with Buffers
Rev 2; 4/95
MAX4590 MAXIM-MAX4590 Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4590CAE MAXIM-MAX4590CAE Datasheet
193Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
MAX4590CAE MAXIM-MAX4590CAE Datasheet
211Kb / 12P
   1.25Ω, Dual SPST, CMOS Analog Switches
Rev 1; 6/03
MAX4590CPE MAXIM-MAX4590CPE Datasheet
193Kb / 12P
   1.25?? Dual SPST, CMOS Analog Switches
Rev 0; 10/98
More results

Similar Description - MAX4598

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL84582IVZ INTERSIL-ISL84582IVZ Datasheet
402Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
May 6, 2009
ISL84582 INTERSIL-ISL84582 Datasheet
405Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
logo
Renesas Technology Corp
ISL84582 RENESAS-ISL84582 Datasheet
726Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
logo
Maxim Integrated Produc...
MAX9380 MAXIM-MAX9380 Datasheet
166Kb / 8P
   Single-Ended-to-Differential LVECL/LVPECL 2:1 Multiplexer
Rev 0; 10/01
logo
Integrated Device Techn...
ICS83058I IDT-ICS83058I Datasheet
286Kb / 14P
   8:1, SINGLE-ENDED MULTIPLEXER
logo
Renesas Technology Corp
83058I RENESAS-83058I Datasheet
363Kb / 15P
   8:1, Single-Ended Multiplexer
December 15, 2015
logo
Integrated Device Techn...
8308I IDT-8308I Datasheet
169Kb / 14P
   8:1, Single-Ended Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com