Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4542CUA Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4542CUA
Description  Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4542CUA Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4542CUA Datasheet HTML 5Page - Maxim Integrated Products MAX4542CUA Datasheet HTML 6Page - Maxim Integrated Products MAX4542CUA Datasheet HTML 7Page - Maxim Integrated Products MAX4542CUA Datasheet HTML 8Page - Maxim Integrated Products MAX4542CUA Datasheet HTML 9Page - Maxim Integrated Products MAX4542CUA Datasheet HTML 10Page - Maxim Integrated Products MAX4542CUA Datasheet HTML 11Page - Maxim Integrated Products MAX4542CUA Datasheet HTML 12Page - Maxim Integrated Products MAX4542CUA Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Low-Voltage, Single-Supply
Dual SPST/SPDT Analog Switches
10
______________________________________________________________________________________
___Ordering Information (continued)
*Dice are specified at TA = +25°C.
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX4541EPA
-40°C to +85°C
8 Plastic DIP
MAX4542CUA
0°C to +70°C
8 µMAX
MAX4542CSA
0°C to +70°C
8 SO
MAX4542CPA
0°C to +70°C
8 Plastic DIP
MAX4542C/D
0°C to +70°C
Dice*
MAX4542EKA-T
-40°C to +85°C
8 SOT23-8
AAAF
MAX4542EGA
-40°C to +85°C
8 QFN
MAX4542EUA
-40°C to +85°C
8 µMAX
MAX4542ESA
-40°C to +85°C
8 SO
MAX4542EPA
-40°C to +85°C
8 Plastic DIP
MAX4543CUA
0°C to +70°C
8 µMAX
MAX4543CSA
0°C to +70°C
8 SO
MAX4543CPA
0°C to +70°C
8 Plastic DIP
MAX4543C/D
0°C to +70°C
Dice*
MAX4543EKA-T
-40°C to +85°C
8 SOT23-8
AAAG
MAX4543EGA
-40°C to +85°C
8 QFN
MAX4543EUA
-40°C to +85°C
8 µMAX
MAX4543ESA
-40°C to +85°C
8 SO
MAX4543EPA
-40°C to +85°C
8 Plastic DIP
MAX4544CUA
0°C to +70°C
8 µMAX
MAX4544CSA
0°C to +70°C
8 SO
MAX4544CPA
0°C to +70°C
8 Plastic DIP
MAX4544C/D
0°C to +70°C
Dice*
MAX4544EUT-T
-40°C to +85°C
6 SOT23-6
AAAM
MAX4544EGA
-40°C to +85°C
8 QFN
MAX4544EUA
-40°C to +85°C
8 µMAX
MAX4544ESA
-40°C to +85°C
8 SO
MAX4544EPA
-40°C to +85°C
8 Plastic DIP


Similar Part No. - MAX4542CUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX454 MAXIM-MAX454 Datasheet
301Kb / 8P
   CMOS Video Multiplexer/Amplifier
Rev. 0; 7/87
MAX4540 MAXIM-MAX4540 Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4540CAP MAXIM-MAX4540CAP Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4540CPP MAXIM-MAX4540CPP Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
MAX4540CWP MAXIM-MAX4540CWP Datasheet
247Kb / 20P
   Low-Voltage, Single 8-to-1 and Dual 4-to-1 Cal-Multiplexers
Rev 1; 6/99
More results

Similar Description - MAX4542CUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120 Datasheet
394Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL5120 INTERSIL-ISL5120 Datasheet
573Kb / 15P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL5120 RENESAS-ISL5120 Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL84541_0309 INTERSIL-ISL84541_0309 Datasheet
361Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43120 INTERSIL-ISL43120_05 Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com